Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS171 Datasheet(PDF) 1 Page - Lumileds Lighting Company

Part # DS171
Description  LEDs engineered to deliver the precise wavelengths of light needed to improve crop yield
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS171 Datasheet(HTML) 1 Page - Lumileds Lighting Company

  DS171 Datasheet HTML 1Page - Lumileds Lighting Company DS171 Datasheet HTML 2Page - Lumileds Lighting Company DS171 Datasheet HTML 3Page - Lumileds Lighting Company DS171 Datasheet HTML 4Page - Lumileds Lighting Company DS171 Datasheet HTML 5Page - Lumileds Lighting Company DS171 Datasheet HTML 6Page - Lumileds Lighting Company DS171 Datasheet HTML 7Page - Lumileds Lighting Company DS171 Datasheet HTML 8Page - Lumileds Lighting Company DS171 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
IllumInatIon
No. E352519
DS171 LUXEON SunPlus Series for Horticulture Product Datasheet ©2017 Lumileds Holding B.V. All rights reserved.
luXEon SunPlus
Series for Horticulture
LEDs engineered to deliver the precise
wavelengths of light needed to improve
crop yield
The LUXEON SunPlus Series is purpose-built to enable ease of system
design for Horticulture applications. The LUXEON SunPlus Series offers
the only LEDs available today that are binned and tested based on
Photosynthetic Photon Flux (PPF). The LUXEON SunPlus Series includes
two different packages: LUXEON SunPlus 20 Line, which is 2.0mm x
2.0mm and LUXEON SunPlus 35 Line, which is 3.5mm x 3.5mm. The
LUXEON SunPlus Series includes options for single driver solutions and
multi-channel, color tunable solutions.
FEaturES and BEnEFItS
PrImary aPPlIcatIonS
150° angle for uniform light distribution for greenhouse applications
Horticulture
Two package options 2.0mm x 2.0mm and 3.5mm x 3.5mm for
design freedom


Similar Part No. - DS171

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1710 DALLAS-DS1710 Datasheet
210Kb / 14P
   Partitioned NV Controller
logo
TT Electronics.
DS1710 TTELEC-DS1710 Datasheet
1Mb / 4P
   Platon Averaging Pitot Tube: Flo-Bar
More results

Similar Description - DS171

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L1SP-PNK1002800000 LUMILEDS-L1SP-PNK1002800000 Datasheet
2Mb / 17P
   LEDs engineered to deliver the precise wavelengths of light needed to improve crop yield
20210615
PB171 LUMILEDS-PB171 Datasheet
1Mb / 2P
   LEDs engineered to deliver the precise wavelengths of light needed to improve crop yield
DS195 LUMILEDS-DS195 Datasheet
2Mb / 16P
   CoBs engineered to deliver the precise wavelengths of light needed to improve crop yield
PB195 LUMILEDS-PB195 Datasheet
1Mb / 2P
   CoBs engineered to deliver the precise wavelengths of light needed to improve crop yield
logo
STMicroelectronics
AN1344 STMICROELECTRONICS-AN1344 Datasheet
212Kb / 14P
   The VIPer100A-E is designed to deliver
logo
Lumileds Lighting Compa...
PB146 LUMILEDS-PB146 Datasheet
1Mb / 2P
   Color LEDs that deliver the perfect amount of color you need
logo
Shenzhen Huazhimei Semi...
HM8021B HMSEMI-HM8021B Datasheet
493Kb / 7P
   The brightness of the light can be adjusted as needed, and the operation is simple and convenient.
logo
KODENSHI_AUK CORP.
PIC96601 KODENSHI-PIC96601 Datasheet
151Kb / 3P
   The analog output current is proportional to the quantity of ambient light
logo
Lumileds Lighting Compa...
DS146 LUMILEDS-DS146 Datasheet
1Mb / 18P
   Color LEDs that deliver the perfect amount of color you need. No More. No less.
logo
Ralston Instruments.
DP0V-30PSIG-D RALSTON-DP0V-30PSIG-D_14 Datasheet
499Kb / 2P
   Pump and pressure gauge combination includes everything needed to perform accurate, precise low pressure calibrations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com