Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS171 Datasheet(PDF) 7 Page - Lumileds Lighting Company

Part # DS171
Description  LEDs engineered to deliver the precise wavelengths of light needed to improve crop yield
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS171 Datasheet(HTML) 7 Page - Lumileds Lighting Company

Back Button DS171 Datasheet HTML 3Page - Lumileds Lighting Company DS171 Datasheet HTML 4Page - Lumileds Lighting Company DS171 Datasheet HTML 5Page - Lumileds Lighting Company DS171 Datasheet HTML 6Page - Lumileds Lighting Company DS171 Datasheet HTML 7Page - Lumileds Lighting Company DS171 Datasheet HTML 8Page - Lumileds Lighting Company DS171 Datasheet HTML 9Page - Lumileds Lighting Company DS171 Datasheet HTML 10Page - Lumileds Lighting Company DS171 Datasheet HTML 11Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
DS171 LUXEON SunPlus Series for Horticulture Product Datasheet 20171212 ©2017 Lumileds Holding B.V. All rights reserved.
6
Characteristic Curves
Spectral Power Distribution Characteristics
Figure 2a. Typical normalized power vs. wavelength for LUXEON SunPlus 20 Line at 350mA, T
j=85°C .
Figure 2b. Typical normalized power vs. wavelength for LUXEON SunPlus 35 Line at 100mA, T
j=25°C .


Similar Part No. - DS171

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1710 DALLAS-DS1710 Datasheet
210Kb / 14P
   Partitioned NV Controller
logo
TT Electronics.
DS1710 TTELEC-DS1710 Datasheet
1Mb / 4P
   Platon Averaging Pitot Tube: Flo-Bar
More results

Similar Description - DS171

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L1SP-PNK1002800000 LUMILEDS-L1SP-PNK1002800000 Datasheet
2Mb / 17P
   LEDs engineered to deliver the precise wavelengths of light needed to improve crop yield
20210615
PB171 LUMILEDS-PB171 Datasheet
1Mb / 2P
   LEDs engineered to deliver the precise wavelengths of light needed to improve crop yield
DS195 LUMILEDS-DS195 Datasheet
2Mb / 16P
   CoBs engineered to deliver the precise wavelengths of light needed to improve crop yield
PB195 LUMILEDS-PB195 Datasheet
1Mb / 2P
   CoBs engineered to deliver the precise wavelengths of light needed to improve crop yield
logo
STMicroelectronics
AN1344 STMICROELECTRONICS-AN1344 Datasheet
212Kb / 14P
   The VIPer100A-E is designed to deliver
logo
Lumileds Lighting Compa...
PB146 LUMILEDS-PB146 Datasheet
1Mb / 2P
   Color LEDs that deliver the perfect amount of color you need
logo
Shenzhen Huazhimei Semi...
HM8021B HMSEMI-HM8021B Datasheet
493Kb / 7P
   The brightness of the light can be adjusted as needed, and the operation is simple and convenient.
logo
KODENSHI_AUK CORP.
PIC96601 KODENSHI-PIC96601 Datasheet
151Kb / 3P
   The analog output current is proportional to the quantity of ambient light
logo
Lumileds Lighting Compa...
DS146 LUMILEDS-DS146 Datasheet
1Mb / 18P
   Color LEDs that deliver the perfect amount of color you need. No More. No less.
logo
Ralston Instruments.
DP0V-30PSIG-D RALSTON-DP0V-30PSIG-D_14 Datasheet
499Kb / 2P
   Pump and pressure gauge combination includes everything needed to perform accurate, precise low pressure calibrations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com