Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS171 Datasheet(PDF) 5 Page - Lumileds Lighting Company

Part # DS171
Description  LEDs engineered to deliver the precise wavelengths of light needed to improve crop yield
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS171 Datasheet(HTML) 5 Page - Lumileds Lighting Company

  DS171 Datasheet HTML 1Page - Lumileds Lighting Company DS171 Datasheet HTML 2Page - Lumileds Lighting Company DS171 Datasheet HTML 3Page - Lumileds Lighting Company DS171 Datasheet HTML 4Page - Lumileds Lighting Company DS171 Datasheet HTML 5Page - Lumileds Lighting Company DS171 Datasheet HTML 6Page - Lumileds Lighting Company DS171 Datasheet HTML 7Page - Lumileds Lighting Company DS171 Datasheet HTML 8Page - Lumileds Lighting Company DS171 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
DS171 LUXEON SunPlus Series for Horticulture Product Datasheet 20171212 ©2017 Lumileds Holding B.V. All rights reserved.
4
Optical Characteristics
Table 2. Optical characteristics for LUXEON SunPlus Series at specified test conditions.
Part numBEr
tyPIcal SPEctral
HalF-WIdtH [1] (nm)
tyPIcal tEmPEraturE
coEFFIcIEnt oF domInant
WavElEngtH (nm/°c)
tyPIcal total
IncludEd anglE [2]
tyPIcal
vIEWIng anglE [3]
L1SP-FRD0002000000
20
0.06
175°
162°
L1SP-DRD0002000000
20
0.06
175°
162°
L1SP-RYL0002000000
20
0.03
175°
165°
L1SP-LME0002000000
80
-0.01
170°
145°
L1SP-CW90002000000
170°
150°
L1SP-PRPxx03500000
140°
115°
L1SP-RYLxxx3500000
25
0.04
140°
115°
L1SP-LMExxx3500000
110
0.01
140°
115°
L1SP-FRDxxx35R0000
30
-0.17
140°
115°
L1SP-DRDxxx35R0000
17
-0.16
140°
115°
Notes for Table 2:
1. Spectral half-width is the spectral bandwidth at 50% of the peak intensity.
2. Total angle at which 90% of the total luminous flux is captured.
3. Viewing angle is the off axis angle from the LED centerline where the luminous intensity is ½ of the peak value.
Electrical and Thermal Characteristics
Table 3. Electrical and thermal characteristics for LUXEON SunPlus Series at specified test conditions.
Part numBEr
ForWard voltagE [1] (v
f)
tyPIcal tEmPEraturE
coEFFIcIEnt oF ForWard
voltagE [2] (mv/°c)
tyPIcal tHErmal
rESIStancE—JunctIon
to SoldEr Pad (°c/W)
mInImum
tyPIcal
maXImum
L1SP-FRD0002000000
1.50
1.73
2.30
-1.7
2.8
L1SP-DRD0002000000
1.50
1.95
2.30
-1.7
2.8
L1SP-RYL0002000000
2.50
2.75
3.50
-1.7
2.8
L1SP-LME0002000000
2.50
2.75
3.50
-2.7
2.8
L1SP-CW90002000000
2.50
2.75
3.50
-1.7
2.8
L1SP-PRPxx03500000
2.70
2.80
3.10
-2.0 to -4.0
8.0
L1SP-FRD00035R0000
1.40
1.75
2.20
-1.2
20.0
L1SP-DRD00035R0000
1.70
2.10
2.60
-2.4
20.0
L1SP-RYL0003500000
2.50
3.05
3.50
-2.5
35.0
L1SP-LME0003500000
2.80
3.05
3.50
-1.7
25.0
Notes for Table 3:
1. Lumileds maintains a tolerance of ±0.06V on forward voltage measurements.
2. Measured between 25°C and 85°C.


Similar Part No. - DS171

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1710 DALLAS-DS1710 Datasheet
210Kb / 14P
Partitioned NV Controller
logo
TT Electronics.
DS1710 TTELEC-DS1710 Datasheet
1Mb / 4P
Platon Averaging Pitot Tube: Flo-Bar
More results

Similar Description - DS171

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L1SP-PNK1002800000 LUMILEDS-L1SP-PNK1002800000 Datasheet
2Mb / 17P
LEDs engineered to deliver the precise wavelengths of light needed to improve crop yield
20210615
PB171 LUMILEDS-PB171 Datasheet
1Mb / 2P
LEDs engineered to deliver the precise wavelengths of light needed to improve crop yield
DS195 LUMILEDS-DS195 Datasheet
2Mb / 16P
CoBs engineered to deliver the precise wavelengths of light needed to improve crop yield
PB195 LUMILEDS-PB195 Datasheet
1Mb / 2P
CoBs engineered to deliver the precise wavelengths of light needed to improve crop yield
logo
STMicroelectronics
AN1344 STMICROELECTRONICS-AN1344 Datasheet
212Kb / 14P
The VIPer100A-E is designed to deliver
logo
Lumileds Lighting Compa...
PB146 LUMILEDS-PB146 Datasheet
1Mb / 2P
Color LEDs that deliver the perfect amount of color you need
logo
Shenzhen Huazhimei Semi...
HM8021B HMSEMI-HM8021B Datasheet
493Kb / 7P
The brightness of the light can be adjusted as needed, and the operation is simple and convenient.
logo
KODENSHI_AUK CORP.
PIC96601 KODENSHI-PIC96601 Datasheet
151Kb / 3P
The analog output current is proportional to the quantity of ambient light
logo
Lumileds Lighting Compa...
DS146 LUMILEDS-DS146 Datasheet
1Mb / 18P
Color LEDs that deliver the perfect amount of color you need. No More. No less.
logo
Ralston Instruments.
DP0V-30PSIG-D RALSTON-DP0V-30PSIG-D_14 Datasheet
499Kb / 2P
Pump and pressure gauge combination includes everything needed to perform accurate, precise low pressure calibrations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com