Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS171 Datasheet(PDF) 4 Page - Lumileds Lighting Company

Part # DS171
Description  LEDs engineered to deliver the precise wavelengths of light needed to improve crop yield
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS171 Datasheet(HTML) 4 Page - Lumileds Lighting Company

  DS171 Datasheet HTML 1Page - Lumileds Lighting Company DS171 Datasheet HTML 2Page - Lumileds Lighting Company DS171 Datasheet HTML 3Page - Lumileds Lighting Company DS171 Datasheet HTML 4Page - Lumileds Lighting Company DS171 Datasheet HTML 5Page - Lumileds Lighting Company DS171 Datasheet HTML 6Page - Lumileds Lighting Company DS171 Datasheet HTML 7Page - Lumileds Lighting Company DS171 Datasheet HTML 8Page - Lumileds Lighting Company DS171 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
DS171 LUXEON SunPlus Series for Horticulture Product Datasheet 20171212 ©2017 Lumileds Holding B.V. All rights reserved.
3
Performance Characteristics
Product Selection Guide
Table 1a. Product performance of LUXEON SunPlus 20 Line at 350mA, T
j=85°C .
color
PEak WavElEngtH
(nm)
PPF (µmol/s) [1]
in Par (400 to 700nm) [2]
PPF/W
tyPIcal
(µmol/J)
Part
numBEr
mInImum
maXImum
mInImum
tyPIcal
Far Red
720
750
1.10
1.37 [3]
2.26
L1SP-FRD0002000000
Deep Red
655
670
1.60
1.81
2.65
L1SP-DRD0002000000
Royal Blue
445
455
1.90
2.04
2.11
L1SP-RYL0002000000
Lime
1.50
1.59
1.66
L1SP-LME0002000000
Cool White
1.40
1.51
1.57
L1SP-CW90002000000
Table 1b. Product performance of LUXEON SunPlus 35 Line at 100mA, T
j=25°C .
color
PEak WavElEngtH
(nm)
PPF (µmol/s) [1]
in Par (400 to 700nm) [2]
PPF/W
tyPIcal
(µmol/J)
Part
numBEr
mInImum
maXImum
mInImum
tyPIcal
Purple (2.5% Blue) [4]
0.45
0.51
1.80
L1SP-PRP0003500000
Purple (12.5% Blue) [5]
0.50
0.58
2.02
L1SP-PRP1003500000
Purple (25% Blue) [6]
0.55
0.63
2.24
L1SP-PRP2003500000
Far Red
720
740
0.30
0.32
1.83
L1SP-FRD00035R0000
Deep Red
650
670
0.45
0.47
2.23
L1SP-DRD00035R0000
Royal Blue
440
455
0.55
0.61
2.00
L1SP-RYL0003500000
Lime
0.60
0.65
2.13
L1SP-LME0003500000
Notes for Tables 1a and 1b:
1. Lumileds maintains a tolerance of ±6.5% on µmol/s for LUXEON SunPlus 20 Line and ±7.5% on µmol/s measurements for LUXEON SunPlus 35 Line.
2. PAR is the photosynthetic active radiation from 400 to 700nm.
3. Far Red typical PPF is measured from 700 to 800nm.
4. PPF in blue spectrum (420–480nm) ranges from 0–5% of total PPF in PAR (400–700nm). Typical PPF in the blue spectrum is 2.5%.
5. PPF in blue spectrum (420–480nm) ranges from 10–15% of total PPF in PAR (400–700nm). Typical PPF in the blue spectrum is 12.5%.
6. PPF in blue spectrum (420–480nm) ranges from 20–30% of total PPF in PAR (400–700nm). Typical PPF in the blue spectrum is 25%
Polarity
Figure 1a. Polarity of L1SP-FRD00035R0000 and L1SP-DRD00035R0000.
Figure 1b. Polarity of L1SP-PRPxx03500000, L1SP-RYL0003500000 and L1SP-LME0003500000.
Cathode
(-)
Anode
(+)
Anode
(+)
Cathode
(-)


Similar Part No. - DS171

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1710 DALLAS-DS1710 Datasheet
210Kb / 14P
   Partitioned NV Controller
logo
TT Electronics.
DS1710 TTELEC-DS1710 Datasheet
1Mb / 4P
   Platon Averaging Pitot Tube: Flo-Bar
More results

Similar Description - DS171

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L1SP-PNK1002800000 LUMILEDS-L1SP-PNK1002800000 Datasheet
2Mb / 17P
   LEDs engineered to deliver the precise wavelengths of light needed to improve crop yield
20210615
PB171 LUMILEDS-PB171 Datasheet
1Mb / 2P
   LEDs engineered to deliver the precise wavelengths of light needed to improve crop yield
DS195 LUMILEDS-DS195 Datasheet
2Mb / 16P
   CoBs engineered to deliver the precise wavelengths of light needed to improve crop yield
PB195 LUMILEDS-PB195 Datasheet
1Mb / 2P
   CoBs engineered to deliver the precise wavelengths of light needed to improve crop yield
logo
STMicroelectronics
AN1344 STMICROELECTRONICS-AN1344 Datasheet
212Kb / 14P
   The VIPer100A-E is designed to deliver
logo
Lumileds Lighting Compa...
PB146 LUMILEDS-PB146 Datasheet
1Mb / 2P
   Color LEDs that deliver the perfect amount of color you need
logo
Shenzhen Huazhimei Semi...
HM8021B HMSEMI-HM8021B Datasheet
493Kb / 7P
   The brightness of the light can be adjusted as needed, and the operation is simple and convenient.
logo
KODENSHI_AUK CORP.
PIC96601 KODENSHI-PIC96601 Datasheet
151Kb / 3P
   The analog output current is proportional to the quantity of ambient light
logo
Lumileds Lighting Compa...
DS146 LUMILEDS-DS146 Datasheet
1Mb / 18P
   Color LEDs that deliver the perfect amount of color you need. No More. No less.
logo
Ralston Instruments.
DP0V-30PSIG-D RALSTON-DP0V-30PSIG-D_14 Datasheet
499Kb / 2P
   Pump and pressure gauge combination includes everything needed to perform accurate, precise low pressure calibrations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com