Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS171 Datasheet(PDF) 3 Page - Lumileds Lighting Company

Part # DS171
Description  LEDs engineered to deliver the precise wavelengths of light needed to improve crop yield
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS171 Datasheet(HTML) 3 Page - Lumileds Lighting Company

  DS171 Datasheet HTML 1Page - Lumileds Lighting Company DS171 Datasheet HTML 2Page - Lumileds Lighting Company DS171 Datasheet HTML 3Page - Lumileds Lighting Company DS171 Datasheet HTML 4Page - Lumileds Lighting Company DS171 Datasheet HTML 5Page - Lumileds Lighting Company DS171 Datasheet HTML 6Page - Lumileds Lighting Company DS171 Datasheet HTML 7Page - Lumileds Lighting Company DS171 Datasheet HTML 8Page - Lumileds Lighting Company DS171 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
DS171 LUXEON SunPlus Series for Horticulture Product Datasheet 20171212 ©2017 Lumileds Holding B.V. All rights reserved.
2
General Product Information
Product Test Conditions
LUXEON SunPlus Series LEDs are tested and binned with a DC drive current and junction temperature specified below:
LUXEON SunPlus 20 Line
350mA, T
j=85°C
LUXEON SunPlus 35 Line
100mA, T
j=25°C
Part Number Nomenclature
Part numbers for LUXEON SunPlus Series follow the convention below:
L 1 S P –
A A A B B 0 C C D 0 0 0 0
Where:
A A A – designates color (FRD=Far Red, DRD=Deep Red, PRP=Purple, RYL=Royal Blue, LME=Lime and CW9=Cool White)
B B
– designates typical percentage of PPF in the blue spectrum (420 to 480nm) vs. the total PPF in the
Photosynthetic Active Radiation (PAR) region (400 to 700nm), which applies only to purple LEDs (00=2.5%,
10=12.5% and 20=25%)
C C
– designates package size (20=2.0mm2 and 35=3.5mm2)
D
– designates polarity (R=reverse polarity)
Therefore, the following part number is used for a LUXEON SunPlus 20 Royal Blue with a package size of 2.0mm2:
L 1 S P –
R Y L 0 0 0 2 0 0 0 0 0 0
Environmental Compliance
Lumileds LLC is committed to providing environmentally friendly products to the solid-state lighting market. LUXEON SunPlus
Series is compliant to the European Union directives on the restriction of hazardous substances in electronic equipment,
namely the RoHS Directive 2011/65/EU and REACH Regulation (EC) 1907/2006. Lumileds LLC will not intentionally add the
following restricted materials to its products: lead, mercury, cadmium, hexavalent chromium, polybrominated biphenyls (PBB) or
polybrominated diphenyl ethers (PBDE).


Similar Part No. - DS171

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1710 DALLAS-DS1710 Datasheet
210Kb / 14P
Partitioned NV Controller
logo
TT Electronics.
DS1710 TTELEC-DS1710 Datasheet
1Mb / 4P
Platon Averaging Pitot Tube: Flo-Bar
More results

Similar Description - DS171

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L1SP-PNK1002800000 LUMILEDS-L1SP-PNK1002800000 Datasheet
2Mb / 17P
LEDs engineered to deliver the precise wavelengths of light needed to improve crop yield
20210615
PB171 LUMILEDS-PB171 Datasheet
1Mb / 2P
LEDs engineered to deliver the precise wavelengths of light needed to improve crop yield
DS195 LUMILEDS-DS195 Datasheet
2Mb / 16P
CoBs engineered to deliver the precise wavelengths of light needed to improve crop yield
PB195 LUMILEDS-PB195 Datasheet
1Mb / 2P
CoBs engineered to deliver the precise wavelengths of light needed to improve crop yield
logo
STMicroelectronics
AN1344 STMICROELECTRONICS-AN1344 Datasheet
212Kb / 14P
The VIPer100A-E is designed to deliver
logo
Lumileds Lighting Compa...
PB146 LUMILEDS-PB146 Datasheet
1Mb / 2P
Color LEDs that deliver the perfect amount of color you need
logo
Shenzhen Huazhimei Semi...
HM8021B HMSEMI-HM8021B Datasheet
493Kb / 7P
The brightness of the light can be adjusted as needed, and the operation is simple and convenient.
logo
KODENSHI_AUK CORP.
PIC96601 KODENSHI-PIC96601 Datasheet
151Kb / 3P
The analog output current is proportional to the quantity of ambient light
logo
Lumileds Lighting Compa...
DS146 LUMILEDS-DS146 Datasheet
1Mb / 18P
Color LEDs that deliver the perfect amount of color you need. No More. No less.
logo
Ralston Instruments.
DP0V-30PSIG-D RALSTON-DP0V-30PSIG-D_14 Datasheet
499Kb / 2P
Pump and pressure gauge combination includes everything needed to perform accurate, precise low pressure calibrations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com