Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L2C2-40901208E1500 Datasheet(PDF) 19 Page - Lumileds Lighting Company

Part # L2C2-40901208E1500
Description  Uniform, high-efficacy and easy-to-design array
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L2C2-40901208E1500 Datasheet(HTML) 19 Page - Lumileds Lighting Company

Back Button L2C2-40901208E1500 Datasheet HTML 15Page - Lumileds Lighting Company L2C2-40901208E1500 Datasheet HTML 16Page - Lumileds Lighting Company L2C2-40901208E1500 Datasheet HTML 17Page - Lumileds Lighting Company L2C2-40901208E1500 Datasheet HTML 18Page - Lumileds Lighting Company L2C2-40901208E1500 Datasheet HTML 19Page - Lumileds Lighting Company L2C2-40901208E1500 Datasheet HTML 20Page - Lumileds Lighting Company L2C2-40901208E1500 Datasheet HTML 21Page - Lumileds Lighting Company L2C2-40901208E1500 Datasheet HTML 22Page - Lumileds Lighting Company L2C2-40901208E1500 Datasheet HTML 23Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
DS155 LUXEON CoB Core Range (Gen 2) Product Datasheet 20161105 ©2016 Lumileds Holding B.V. All rights reserved.
18
Color Bin Definition
Table 5. 3-step MacAdam ellipse color bin definitions for LUXEON CoB Core Range (Gen 2).
nomInal cct
color sPace
center PoInt
(cx, cy)
maJor aXIs,
a
mInor aXIs,
b
ellIPse rotatIon
anGle, θ
2200K
Single 3-step MacAdam ellipse
(0.5020, 0.4155)
0.00862
0.00397
49.30°
2700K
Single 3-step MacAdam ellipse
(0.4578, 0.4101)
0.00810
0.00420
53.70°
3000K
Single 3-step MacAdam ellipse
(0.4338, 0.4030)
0.00834
0.00408
53.20°
3500K
Single 3-step MacAdam ellipse
(0.4073, 0.3917)
0.00927
0.00414
54.00°
4000K
Single 3-step MacAdam ellipse
(0.3818, 0.3797)
0.00939
0.00402
53.70°
5000K
Single 3-step MacAdam ellipse
(0.3447, 0.3553)
0.00822
0.00354
59.60°
5700K
Single 3-step MacAdam ellipse
(0.3287, 0.3417)
0.00745
0.00320
59.09°
Notes for Table 5:
1. Lumileds maintains a tolerance of ±0.005 on x and y coordinates in the CIE 1931 color space.
Figure 7: 3-step MacAdam ellipse illustration for Table 5 .


Similar Part No. - L2C2-40901208E1500

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L2C2-40901208E1500 LUMILEDS-L2C2-40901208E1500 Datasheet
1Mb / 5P
   Uniform, high-efficacy and easy-to-design array
More results

Similar Description - L2C2-40901208E1500

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
PB155 LUMILEDS-PB155 Datasheet
1Mb / 5P
   Uniform, high-efficacy and easy-to-design array
L2C5-22801202E0600 LUMILEDS-L2C5-22801202E0600 Datasheet
2Mb / 28P
   Uniform, high efficacy and easy to design array
20200726
LHC1-2780-1203 LUMILEDS-LHC1-2780-1203 Datasheet
2Mb / 13P
   Uniform, High Efficacy and Easy-to-Design Array
PB162 LUMILEDS-PB162 Datasheet
1Mb / 10P
   Uniform, high efficacy and easy to design array
DS162 LUMILEDS-DS162 Datasheet
3Mb / 29P
   Uniform, high efficacy and easy to design array
DS61 LUMILEDS-DS61 Datasheet
2Mb / 28P
   High value and easy design-in
PB061 LUMILEDS-PB061 Datasheet
1Mb / 2P
   High value and easy design-in
PB103 LUMILEDS-PB103 Datasheet
1Mb / 2P
   Brightest, most uniform and highest efficacy multi-die emitter
DS103 LUMILEDS-DS103 Datasheet
2Mb / 22P
   Brightest, most uniform and highest efficacy multi-die emitter
logo
Cirrus Logic
CRD5463PM CIRRUS-CRD5463PM Datasheet
719Kb / 20P
   Easy Plug-and-play Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com