Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L2C2-40901208E1500 Datasheet(PDF) 8 Page - Lumileds Lighting Company

Part # L2C2-40901208E1500
Description  Uniform, high-efficacy and easy-to-design array
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L2C2-40901208E1500 Datasheet(HTML) 8 Page - Lumileds Lighting Company

Back Button L2C2-40901208E1500 Datasheet HTML 4Page - Lumileds Lighting Company L2C2-40901208E1500 Datasheet HTML 5Page - Lumileds Lighting Company L2C2-40901208E1500 Datasheet HTML 6Page - Lumileds Lighting Company L2C2-40901208E1500 Datasheet HTML 7Page - Lumileds Lighting Company L2C2-40901208E1500 Datasheet HTML 8Page - Lumileds Lighting Company L2C2-40901208E1500 Datasheet HTML 9Page - Lumileds Lighting Company L2C2-40901208E1500 Datasheet HTML 10Page - Lumileds Lighting Company L2C2-40901208E1500 Datasheet HTML 11Page - Lumileds Lighting Company L2C2-40901208E1500 Datasheet HTML 12Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
DS155 LUXEON CoB Core Range (Gen 2) Product Datasheet 20161105 ©2016 Lumileds Holding B.V. All rights reserved.
7
Optical Characteristics
Table 2. Optical characteristics for LUXEON CoB Core Range (Gen 2) at specified test current, T
j=85°C .
Part numBer
tyPIcal total Included anGle [1]
tyPIcal VIeWInG anGle [2]
L2C2-xxxx12xxExx00
135°
115°
Notes for Table 2:
1. Total angle at which 90% of total luminous flux is captured.
2. Viewing angle is the off axis angle from the LED centerline where the luminous intensity is ½ of the peak value.
Electrical and Thermal Characteristics
Table 3. Electrical and thermal characteristics for LUXEON CoB Core Range (Gen 2) at specified test current, T
j=85°C .
Part numBer
ForWard VoltaGe [1] (V)
tyPIcal temPerature
coeFFIcIent oF ForWard
VoltaGe [2] (mV/°c)
tyPIcal thermal
resIstance JunctIon to
solder Pad [3] (°c/W)
mInImum
tyPIcal
maXImum
L2C2-XXXX1202E0600
32.5
34.5
37.5
-16
0.98
L2C2-xxxx1202E0900
32.5
34.5
37.5
-16
0.98
L2C2-xxxx1203E0900
32.5
34.5
37.5
-16
0.70
L2C2-xxxx1204E1300
32.5
35.0
37.5
-16
0.55
L2C2-xxxx1205E1300
32.5
35.0
37.5
-16
0.51
L2C2-xxxx1208E1500
32.5
35.0
37.5
-16
0.29
L2C2-xxxx1211E1900
32.5
35.0
37.5
-16
0.23
L2C2-xxxx1216E2300
32.5
35.0
37.5
-16
0.14
Notes for Table 3:
1. Lumileds maintains a tolerance of ±2% on forward voltage measurements.
2. Measured between 25°C and 85°C.
3. Thermal resistance is measured between junction and the bottom of the LUXEON CoB substrate.
Absolute Maximum Ratings
Table 4 . Absolute maximum ratings for LUXEON CoB Core Range (Gen 2) .
Parameter
maXImum PerFormance
DC Forward Current [1, 2]
2x test current
LED Junction Temperature [1] (DC & Pulse)
125°C
ESD Sensitivity (ANSI/ESDA/JEDEC JS-001-2012)
Class 3B
Operating Case Temperature [1]
-40°C to 105°C
LED Storage Temperature
-40°C to 120°C
Allowable Reflow Cycles
3
Reverse Voltage (V
reverse)
LUXEON LEDs are not designed to be driven in reverse bias
Notes for Table 4:
1. Proper current derating must be observed to maintain the junction temperature below the maximum allowable junction temperature.
2. Residual periodic variations due to power conversion from alternating current (AC) to direct current (DC), also called “ripple,” are acceptable if the following conditions are met:
– The frequency of the ripple current is 100Hz or higher
– The average current for each cycle does not exceed the maximum allowable DC forward current
– The maximum amplitude of the ripple does not exceed 20% of the maximum allowable DC forward current


Similar Part No. - L2C2-40901208E1500

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L2C2-40901208E1500 LUMILEDS-L2C2-40901208E1500 Datasheet
1Mb / 5P
   Uniform, high-efficacy and easy-to-design array
More results

Similar Description - L2C2-40901208E1500

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
PB155 LUMILEDS-PB155 Datasheet
1Mb / 5P
   Uniform, high-efficacy and easy-to-design array
L2C5-22801202E0600 LUMILEDS-L2C5-22801202E0600 Datasheet
2Mb / 28P
   Uniform, high efficacy and easy to design array
20200726
LHC1-2780-1203 LUMILEDS-LHC1-2780-1203 Datasheet
2Mb / 13P
   Uniform, High Efficacy and Easy-to-Design Array
PB162 LUMILEDS-PB162 Datasheet
1Mb / 10P
   Uniform, high efficacy and easy to design array
DS162 LUMILEDS-DS162 Datasheet
3Mb / 29P
   Uniform, high efficacy and easy to design array
DS61 LUMILEDS-DS61 Datasheet
2Mb / 28P
   High value and easy design-in
PB061 LUMILEDS-PB061 Datasheet
1Mb / 2P
   High value and easy design-in
PB103 LUMILEDS-PB103 Datasheet
1Mb / 2P
   Brightest, most uniform and highest efficacy multi-die emitter
DS103 LUMILEDS-DS103 Datasheet
2Mb / 22P
   Brightest, most uniform and highest efficacy multi-die emitter
logo
Cirrus Logic
CRD5463PM CIRRUS-CRD5463PM Datasheet
719Kb / 20P
   Easy Plug-and-play Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com