Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L2C2-40901208E1500 Datasheet(PDF) 22 Page - Lumileds Lighting Company

Part # L2C2-40901208E1500
Description  Uniform, high-efficacy and easy-to-design array
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L2C2-40901208E1500 Datasheet(HTML) 22 Page - Lumileds Lighting Company

Back Button L2C2-40901208E1500 Datasheet HTML 18Page - Lumileds Lighting Company L2C2-40901208E1500 Datasheet HTML 19Page - Lumileds Lighting Company L2C2-40901208E1500 Datasheet HTML 20Page - Lumileds Lighting Company L2C2-40901208E1500 Datasheet HTML 21Page - Lumileds Lighting Company L2C2-40901208E1500 Datasheet HTML 22Page - Lumileds Lighting Company L2C2-40901208E1500 Datasheet HTML 23Page - Lumileds Lighting Company L2C2-40901208E1500 Datasheet HTML 24Page - Lumileds Lighting Company L2C2-40901208E1500 Datasheet HTML 25Page - Lumileds Lighting Company L2C2-40901208E1500 Datasheet HTML 26Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
DS155 LUXEON CoB Core Range (Gen 2) Product Datasheet 20161105 ©2016 Lumileds Holding B.V. All rights reserved.
21
Notes for Figures 8e and 8f:
1. Drawings not to scale.
2. All dimensions are in millimeters.
Figure 8e . Mechanical dimensions for L2C2-xxxx1205E1300 .
Figure 8f . Mechanical dimensions for L2C2-xxxx1208E1500 .
CL
CL
17.5±0.3
2
2x
2
8
4.5
2
8
3.5
4.5
24±0.2
7.5
8.5
20±0.2
R1.6
3.5
15+-
0.5
0.1
CL
0.1
1±0.1
0.5±0.2
DRAWING
XX.X ±0.1 mm XX.X ±0°30'
YYYY-MM-D D
PER
GD&T SYMBOLOGY
ASME Y14.5M-1994
SIZE
2013-01-24
5:1
1
1
20x24 LES15
2013-01-24
T. VU
T. VU / R. HELBING
DATE
FRAME DATE: 2011-04-18
DRAWN BY
DATE
ENGINEER/CHECKER
TITLE
XX.XX ±0.05 mm XX.XX ±0°00'30"
UNLESS OTHERWISE SPECIFIED
° DIMENSIONS ARE IN MILLIMETERS
DRAWING
DO NOT SCALE THIS
METRIC
B
SCALE
OF
COB DATASHEET
SHEET
° THIRD ANGLE PROJECTION
LINEAR:
ANGULAR:
XX.
±0.2 mm
XX
±1°
TOLERANCES
(UNLESS OTHERWISE SPECIFIED)
L2C2-xxxx1208E1500
AABBF1208
CL
CL
4.5
24±0.2
3.5
4.5
2x
R1.6
15.5±0.3
2
8
3.5
8
2
20±0.2
8.5
7.5
2
13+-
0.5
0.1
CL
0.1
1±0.1
0.5±0.2
L2C2-xxxx1204E1300
L2C2-xxxx1205E1300
CL
0.1
1±0.1
0.5±0.2
CL
CL
4.5
24±0.2
3.5
4.5
2x
R1.6
15.5±0.3
2
8
3.5
8
2
20±0.2
8.5
7.5
2
13+-
0.5
0.1
B
° THIRD ANGLE PROJECTION
COB DATASHEET
DRAWING
XX.X ±0.1 mm XX.X ±0°30'
YYYY-MM-D D
PER
GD&T SYMBOLOGY
ASME Y14.5M-1994
SIZE
2013-01-24
5:1
1
1
20x24 LES13
2013-01-24
T. VU
T. VU / R. HELBING
DATE
FRAME DATE: 2011-04-18
DRAWN BY
SCALE
SHEET
OF
XX.XX ±0.05 mm XX.XX ±0°00'30"
UNLESS OTHERWISE SPECIFIED
° DIMENSIONS ARE IN MILLIMETERS
DRAWING
DATE
TITLE
METRIC
ENGINEER/CHECKER
DO NOT SCALE THIS
LINEAR:
ANGULAR:
XX.
±0.2 mm
XX
±1°
TOLERANCES
(UNLESS OTHERWISE SPECIFIED)
AABBF1205
AABBF1204


Similar Part No. - L2C2-40901208E1500

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L2C2-40901208E1500 LUMILEDS-L2C2-40901208E1500 Datasheet
1Mb / 5P
   Uniform, high-efficacy and easy-to-design array
More results

Similar Description - L2C2-40901208E1500

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
PB155 LUMILEDS-PB155 Datasheet
1Mb / 5P
   Uniform, high-efficacy and easy-to-design array
L2C5-22801202E0600 LUMILEDS-L2C5-22801202E0600 Datasheet
2Mb / 28P
   Uniform, high efficacy and easy to design array
20200726
LHC1-2780-1203 LUMILEDS-LHC1-2780-1203 Datasheet
2Mb / 13P
   Uniform, High Efficacy and Easy-to-Design Array
PB162 LUMILEDS-PB162 Datasheet
1Mb / 10P
   Uniform, high efficacy and easy to design array
DS162 LUMILEDS-DS162 Datasheet
3Mb / 29P
   Uniform, high efficacy and easy to design array
DS61 LUMILEDS-DS61 Datasheet
2Mb / 28P
   High value and easy design-in
PB061 LUMILEDS-PB061 Datasheet
1Mb / 2P
   High value and easy design-in
PB103 LUMILEDS-PB103 Datasheet
1Mb / 2P
   Brightest, most uniform and highest efficacy multi-die emitter
DS103 LUMILEDS-DS103 Datasheet
2Mb / 22P
   Brightest, most uniform and highest efficacy multi-die emitter
logo
Cirrus Logic
CRD5463PM CIRRUS-CRD5463PM Datasheet
719Kb / 20P
   Easy Plug-and-play Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com