Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS138 Datasheet(PDF) 15 Page - Lumileds Lighting Company

Part # DS138
Description  Retail lighting that makes an impact
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS138 Datasheet(HTML) 15 Page - Lumileds Lighting Company

Back Button DS138 Datasheet HTML 11Page - Lumileds Lighting Company DS138 Datasheet HTML 12Page - Lumileds Lighting Company DS138 Datasheet HTML 13Page - Lumileds Lighting Company DS138 Datasheet HTML 14Page - Lumileds Lighting Company DS138 Datasheet HTML 15Page - Lumileds Lighting Company DS138 Datasheet HTML 16Page - Lumileds Lighting Company DS138 Datasheet HTML 17Page - Lumileds Lighting Company DS138 Datasheet HTML 18Page - Lumileds Lighting Company DS138 Datasheet HTML 19Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
DS138 LUXEON CoB with CrispWhite Technology Line Product Datasheet 20161007 ©2016 Lumileds Holding B.V. All rights reserved.
14
Mechanical Dimensions
Notes for Figures 8a and 8b:
1. Drawings are not to scale.
2. All dimensions are in millimeters.
Figure 8a . Mechanical dimensions for L2C1-3090120206AC0 .
Figure 8b . Mechanical dimensions for LHC1–3090–1202CRSP and LHC1–3090–1203CRSP .
CL
0.1
1±0.1
0.5±0.2
CL
CL
6
3.5
6.5
6
6.5
2
3.5
2
3.5
3.5
2x
16±0.2
19±0.2
R1.6
11.3±0.3
2
9+-
0.5
0.1
° DIMENSIONS ARE IN MILLIMETERS
DRAWING
DO NOT SCALE THIS
METRIC
B
° THIRD ANGLE PROJECTION
COB DATASHEET
DRAWING
XX.X ±0.1 mm XX.X ±0°30'
YYYY-MM-D D
PER
GD&T SYMBOLOGY
ASME Y14.5M-1994
SIZE
2013-01-24
5:1
1
1
16x19 LES9
2013-01-24
T. VU
DRAWN BY
DATE
ENGINEER/CHECKER
TITLE
SCALE
SHEET
OF
XX.XX ±0.05 mm XX.XX ±0°00'30"
T. VU / R. HELBING
FRAME DATE: 2011-04-18
UNLESS OTHERWISE SPECIFIED
DATE
LINEAR:
ANGULAR:
XX.
±0.2 mm
XX
±1°
TOLERANCES
(UNLESS OTHERWISE SPECIFIED)
L2C2-xxxx1203E0900
AABBF1203


Similar Part No. - DS138

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1384 DALLAS-DS1384 Datasheet
307Kb / 17P
   Watchdog Timekeeping Controller
logo
Maxim Integrated Produc...
DS1384 MAXIM-DS1384 Datasheet
484Kb / 18P
   Watchdog Timekeeping Controller
REV: 112105
DS1384FP MAXIM-DS1384FP Datasheet
484Kb / 18P
   Watchdog Timekeeping Controller
REV: 112105
logo
Dallas Semiconductor
DS1384FP-12 DALLAS-DS1384FP-12 Datasheet
307Kb / 17P
   Watchdog Timekeeping Controller
logo
Maxim Integrated Produc...
DS1384FP-12 MAXIM-DS1384FP-12 Datasheet
484Kb / 18P
   Watchdog Timekeeping Controller
REV: 112105
More results

Similar Description - DS138

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
PB168 LUMILEDS-PB168 Datasheet
1Mb / 2P
   Fashion retail lighting that makes an impact, revealing the whitest whites
DS168 LUMILEDS-DS168 Datasheet
2Mb / 19P
   Fashion retail lighting that makes an impact, revealing the whitest whites
DS194 LUMILEDS-DS194 Datasheet
2Mb / 18P
   Fashion retail lighting that makes an impact, highlighting rich colors and increasing contrast
DS165 LUMILEDS-DS165 Datasheet
3Mb / 20P
   Fashion retail lighting that makes an impact, highlighting rich colors and increasing contrast
PB165 LUMILEDS-PB165 Datasheet
1Mb / 3P
   Fashion retail lighting that makes an impact, highlighting rich colors and increasing contrast
DS193 LUMILEDS-DS193 Datasheet
2Mb / 18P
   Fashion retail lighting that makes an impact, highlighting rich colors and increasing contrast
PB193 LUMILEDS-PB193 Datasheet
1Mb / 2P
   Fashion retail lighting that makes an impact, highlighting rich colors and increasing contrast
PB194 LUMILEDS-PB194 Datasheet
1Mb / 2P
   Fashion retail lighting that makes an impact, highlighting rich colors and increasing contrast
logo
Omron Electronics LLC
E6C3 OMRON-E6C3 Datasheet
339Kb / 20P
   An Encoder That Offers Durability and Convenience
logo
Future Technology Devic...
UMFT51AA FTDI-UMFT51AA Datasheet
867Kb / 16P
   UMFT51AA is an FT51A DIP module that is compatible with an 8051 microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com