Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS138 Datasheet(PDF) 5 Page - Lumileds Lighting Company

Part # DS138
Description  Retail lighting that makes an impact
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS138 Datasheet(HTML) 5 Page - Lumileds Lighting Company

  DS138 Datasheet HTML 1Page - Lumileds Lighting Company DS138 Datasheet HTML 2Page - Lumileds Lighting Company DS138 Datasheet HTML 3Page - Lumileds Lighting Company DS138 Datasheet HTML 4Page - Lumileds Lighting Company DS138 Datasheet HTML 5Page - Lumileds Lighting Company DS138 Datasheet HTML 6Page - Lumileds Lighting Company DS138 Datasheet HTML 7Page - Lumileds Lighting Company DS138 Datasheet HTML 8Page - Lumileds Lighting Company DS138 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
DS138 LUXEON CoB with CrispWhite Technology Line Product Datasheet 20161007 ©2016 Lumileds Holding B.V. All rights reserved.
4
Electrical and Thermal Characteristics
Table 3 . Electrical and thermal characteristics for LUXEON CoB with CrispWhite Technology at test current, T
j=85ºC .
PART NUMBER
FORWARD VOLTAGE [1] (V)
TYPICAL TEMPERATURE
COEFFICIENT OF FORWARD
VOLTAGE [2] (mV/°C)
TYPICAL THERMAL
RESISTANCE—JUNCTION
TO CASE [3] (°C/W)
MINIMUM
TYPICAL
MAXIMUM
L2C1-3090120206AC0
33
35.5
38
-16
0.98
LHC1-3090-1202CRSP
33
35.5
38
-16
0.91
LHC1-3090-1203CRSP
33
35.5
38
-16
0.70
LHC1-3090-1204CRSP
33
35.5
38
-16
0.53
LHC1-3090-1205CRSP
33
35.5
38
-16
0.45
LHC1-3090-1208CRSP
33
35.5
38
-16
0.29
LHC1-3090-1211CRSP
33
35.5
38
-16
0.23
Notes for Table 3:
1. Lumileds maintains a tolerance of ±2% on forward voltage measurements.
2. Measured between 25°C and 85°C.
3. Junction temperature to back of the PCB and measurement tolerance of ~10%.
Absolute Maximum Ratings
Table 4 . Absolute maximum ratings for LUXEON CoB with CrispWhite Technology .
PARAMETER
MAXIMUM PERFORMANCE
DC Forward Current [1,2]
2x test current for LHC1–xxxx–xxxxCRSP
and L2C1–xxxx120206AC0
LED Junction Temperature [1] (DC & Pulse)
125°C
ESD Sensitivity (ANSI/ESDA/JEDEC JS-001-2012)
Class 3B
Operating Case Temperature [1]
-40°C to 105°C
LED Storage Temperature
-40°C to 120°C
Allowable Reflow Cycles
3
Reverse Voltage (V
reverse)
LUXEON LEDs are not designed to be driven in reverse bias
Notes for Table 4:
1. Proper current derating must be observed to maintain the junction temperature below the maximum allowable junction temperature.
2. Residual periodic variations due to power conversion from alternating current (AC) to direct current (DC), also called “ripple,” are acceptable if the following conditions are met:
– The frequency of the ripple current is 100Hz or higher
– The average current for each cycle does not exceed the maximum allowable DC forward current
– The maximum amplitude of the ripple does not exceed 20% of the maximum allowable DC forward current


Similar Part No. - DS138

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1384 DALLAS-DS1384 Datasheet
307Kb / 17P
   Watchdog Timekeeping Controller
logo
Maxim Integrated Produc...
DS1384 MAXIM-DS1384 Datasheet
484Kb / 18P
   Watchdog Timekeeping Controller
REV: 112105
DS1384FP MAXIM-DS1384FP Datasheet
484Kb / 18P
   Watchdog Timekeeping Controller
REV: 112105
logo
Dallas Semiconductor
DS1384FP-12 DALLAS-DS1384FP-12 Datasheet
307Kb / 17P
   Watchdog Timekeeping Controller
logo
Maxim Integrated Produc...
DS1384FP-12 MAXIM-DS1384FP-12 Datasheet
484Kb / 18P
   Watchdog Timekeeping Controller
REV: 112105
More results

Similar Description - DS138

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
PB168 LUMILEDS-PB168 Datasheet
1Mb / 2P
   Fashion retail lighting that makes an impact, revealing the whitest whites
DS168 LUMILEDS-DS168 Datasheet
2Mb / 19P
   Fashion retail lighting that makes an impact, revealing the whitest whites
DS194 LUMILEDS-DS194 Datasheet
2Mb / 18P
   Fashion retail lighting that makes an impact, highlighting rich colors and increasing contrast
DS165 LUMILEDS-DS165 Datasheet
3Mb / 20P
   Fashion retail lighting that makes an impact, highlighting rich colors and increasing contrast
PB165 LUMILEDS-PB165 Datasheet
1Mb / 3P
   Fashion retail lighting that makes an impact, highlighting rich colors and increasing contrast
DS193 LUMILEDS-DS193 Datasheet
2Mb / 18P
   Fashion retail lighting that makes an impact, highlighting rich colors and increasing contrast
PB193 LUMILEDS-PB193 Datasheet
1Mb / 2P
   Fashion retail lighting that makes an impact, highlighting rich colors and increasing contrast
PB194 LUMILEDS-PB194 Datasheet
1Mb / 2P
   Fashion retail lighting that makes an impact, highlighting rich colors and increasing contrast
logo
Omron Electronics LLC
E6C3 OMRON-E6C3 Datasheet
339Kb / 20P
   An Encoder That Offers Durability and Convenience
logo
Future Technology Devic...
UMFT51AA FTDI-UMFT51AA Datasheet
867Kb / 16P
   UMFT51AA is an FT51A DIP module that is compatible with an 8051 microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com