Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS138 Datasheet(PDF) 4 Page - Lumileds Lighting Company

Part # DS138
Description  Retail lighting that makes an impact
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS138 Datasheet(HTML) 4 Page - Lumileds Lighting Company

  DS138 Datasheet HTML 1Page - Lumileds Lighting Company DS138 Datasheet HTML 2Page - Lumileds Lighting Company DS138 Datasheet HTML 3Page - Lumileds Lighting Company DS138 Datasheet HTML 4Page - Lumileds Lighting Company DS138 Datasheet HTML 5Page - Lumileds Lighting Company DS138 Datasheet HTML 6Page - Lumileds Lighting Company DS138 Datasheet HTML 7Page - Lumileds Lighting Company DS138 Datasheet HTML 8Page - Lumileds Lighting Company DS138 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
DS138 LUXEON CoB with CrispWhite Technology Line Product Datasheet 20161007 ©2016 Lumileds Holding B.V. All rights reserved.
3
Performance Characteristics
Product Selection Guide
Table 1 . Product performance of LUXEON CoB with CrispWhite Technology at test current, T
j=85ºC .
NOMINAL
CCT
MINIMUM
CRI [1]
LUMINOUS FLUX [2] (lm)
TYPICAL LUMINOUS
EFFICACY (lm/W)
TEST CURRENT
(mA)
LES [3]
(mm)
PART NUMBER
MINIMUM
TYPICAL
3000K
90
550
600
85
200
6.5
L2C1-3090120206AC0
3000K
90
550
625
90
200
9.0
LHC1-3090-1202CRSP
3000K
90
850
950
90
300
9.0
LHC1-3090-1203CRSP
3000K
90
1250
1400
90
450
13.0
LHC1-3090-1204CRSP
3000K
90
1700
1900
90
600
13.0
LHC1-3090-1205CRSP
3000K
90
2500
2800
90
900
15.0
LHC1-3090-1208CRSP
3000K
90
3400
3750
90
1200
19.0
LHC1-3090-1211CRSP
Notes for Table 1:
1. Lumileds maintains a tolerance of ±2 on CRI and ±6.5% on luminous flux measurements.
2. Typical CRI is approximately 2 points higher than the minimum CRI specified, but this is not guaranteed.
3. Light emitting surface (LES) is the inner diameter (phosphor area) inside the dam.
Optical Characteristics
Table 2 . Optical characteristics for LUXEON CoB with CrispWhite Technology at test current, T
j=85°C .
PART NUMBER
TYPICAL TOTAL INCLUDED ANGLE [1]
TYPICAL VIEWING ANGLE [2]
L2C1-3090120206AC0
135°
115°
LHC1-3090-xxxxCRSP
135°
115°
Notes for Table 2:
1. Total angle at which 90% of total luminous flux is captured.
2. Viewing angle is the off axis angle from the LED centerline where the luminous intensity is ½ of the peak value.


Similar Part No. - DS138

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1384 DALLAS-DS1384 Datasheet
307Kb / 17P
Watchdog Timekeeping Controller
logo
Maxim Integrated Produc...
DS1384 MAXIM-DS1384 Datasheet
484Kb / 18P
Watchdog Timekeeping Controller
REV: 112105
DS1384FP MAXIM-DS1384FP Datasheet
484Kb / 18P
Watchdog Timekeeping Controller
REV: 112105
logo
Dallas Semiconductor
DS1384FP-12 DALLAS-DS1384FP-12 Datasheet
307Kb / 17P
Watchdog Timekeeping Controller
logo
Maxim Integrated Produc...
DS1384FP-12 MAXIM-DS1384FP-12 Datasheet
484Kb / 18P
Watchdog Timekeeping Controller
REV: 112105
More results

Similar Description - DS138

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E6C3 OMRON-E6C3 Datasheet
339Kb / 20P
An Encoder That Offers Durability and Convenience
logo
Future Technology Devic...
UMFT51AA FTDI-UMFT51AA Datasheet
867Kb / 16P
UMFT51AA is an FT51A DIP module that is compatible with an 8051 microcontroller
logo
Lumileds Lighting Compa...
DS165 LUMILEDS-DS165 Datasheet
3Mb / 20P
Fashion retail lighting that makes an impact, highlighting rich colors and increasing contrast
DS168 LUMILEDS-DS168 Datasheet
2Mb / 19P
Fashion retail lighting that makes an impact, revealing the whitest whites
DS193 LUMILEDS-DS193 Datasheet
2Mb / 18P
Fashion retail lighting that makes an impact, highlighting rich colors and increasing contrast
DS194 LUMILEDS-DS194 Datasheet
2Mb / 18P
Fashion retail lighting that makes an impact, highlighting rich colors and increasing contrast
PB165 LUMILEDS-PB165 Datasheet
1Mb / 3P
Fashion retail lighting that makes an impact, highlighting rich colors and increasing contrast
PB168 LUMILEDS-PB168 Datasheet
1Mb / 2P
Fashion retail lighting that makes an impact, revealing the whitest whites
PB193 LUMILEDS-PB193 Datasheet
1Mb / 2P
Fashion retail lighting that makes an impact, highlighting rich colors and increasing contrast
PB194 LUMILEDS-PB194 Datasheet
1Mb / 2P
Fashion retail lighting that makes an impact, highlighting rich colors and increasing contrast
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com