Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS138 Datasheet(PDF) 3 Page - Lumileds Lighting Company

Part # DS138
Description  Retail lighting that makes an impact
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS138 Datasheet(HTML) 3 Page - Lumileds Lighting Company

  DS138 Datasheet HTML 1Page - Lumileds Lighting Company DS138 Datasheet HTML 2Page - Lumileds Lighting Company DS138 Datasheet HTML 3Page - Lumileds Lighting Company DS138 Datasheet HTML 4Page - Lumileds Lighting Company DS138 Datasheet HTML 5Page - Lumileds Lighting Company DS138 Datasheet HTML 6Page - Lumileds Lighting Company DS138 Datasheet HTML 7Page - Lumileds Lighting Company DS138 Datasheet HTML 8Page - Lumileds Lighting Company DS138 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
DS138 LUXEON CoB with CrispWhite Technology Line Product Datasheet 20161007 ©2016 Lumileds Holding B.V. All rights reserved.
2
General Product Information
Product Test Conditions
LUXEON CoB with CrispWhite Technology LEDs are tested and binned with a DC drive current specified below at a junction
temperature, T
j, of 85°C.
200mA
LUXEON CoB 1202s and 1202
300mA
LUXEON CoB 1203
450mA
LUXEON CoB 1204
600mA
LUXEON CoB 1205
900mA
LUXEON CoB 1208
1200mA –
LUXEON CoB 1211
Part Number Nomenclature
Part numbers for LUXEON CoB with CrispWhite Technology follow the convention below:
L H C 1 –
A A B B D D D D C R S P (Traditional Part Number Scheme)
L 2 C 1 –
A A B B 1 2 0 2 0 6 A C 0 (New Part Number Scheme)
Where:
A A
designates nominal CCT (30=3000K)
B B
designates minimum CRI (90=90CRI)
D D D D
designates product configuration (1202=1202, 1203=1203, 1204=1204, 1205=1205,
1208=1208, 1211=1211)
Therefore, the following part numbers are used for LUXEON CoB 1203 with CrispWhite Technology 3000K CCT 90CRI:
L H C 1 –
3 0 9 0 1 2 0 3 C R S P
Lumen Maintenance
Please contact your local Sales Representative or Lumileds Technical Solutions Manager for more information about the long-
term performance of this product.
Environmental Compliance
Lumileds LLC is committed to providing environmentally friendly products to the solid-state lighting market. LUXEON CoB with
CrispWhite Technology is compliant to the European Union directives on the restriction of hazardous substances in electronic
equipment, namely the RoHS Directive 2011/65/EU and REACH Regulation (EC) 1907/2006. Lumileds LLC will not intentionally add
the following restricted materials to its products: lead, mercury, cadmium, hexavalent chromium, polybrominated biphenyls (PBB)
or polybrominated diphenyl ethers (PBDE).


Similar Part No. - DS138

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1384 DALLAS-DS1384 Datasheet
307Kb / 17P
   Watchdog Timekeeping Controller
logo
Maxim Integrated Produc...
DS1384 MAXIM-DS1384 Datasheet
484Kb / 18P
   Watchdog Timekeeping Controller
REV: 112105
DS1384FP MAXIM-DS1384FP Datasheet
484Kb / 18P
   Watchdog Timekeeping Controller
REV: 112105
logo
Dallas Semiconductor
DS1384FP-12 DALLAS-DS1384FP-12 Datasheet
307Kb / 17P
   Watchdog Timekeeping Controller
logo
Maxim Integrated Produc...
DS1384FP-12 MAXIM-DS1384FP-12 Datasheet
484Kb / 18P
   Watchdog Timekeeping Controller
REV: 112105
More results

Similar Description - DS138

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
PB168 LUMILEDS-PB168 Datasheet
1Mb / 2P
   Fashion retail lighting that makes an impact, revealing the whitest whites
DS168 LUMILEDS-DS168 Datasheet
2Mb / 19P
   Fashion retail lighting that makes an impact, revealing the whitest whites
DS194 LUMILEDS-DS194 Datasheet
2Mb / 18P
   Fashion retail lighting that makes an impact, highlighting rich colors and increasing contrast
DS165 LUMILEDS-DS165 Datasheet
3Mb / 20P
   Fashion retail lighting that makes an impact, highlighting rich colors and increasing contrast
PB165 LUMILEDS-PB165 Datasheet
1Mb / 3P
   Fashion retail lighting that makes an impact, highlighting rich colors and increasing contrast
DS193 LUMILEDS-DS193 Datasheet
2Mb / 18P
   Fashion retail lighting that makes an impact, highlighting rich colors and increasing contrast
PB193 LUMILEDS-PB193 Datasheet
1Mb / 2P
   Fashion retail lighting that makes an impact, highlighting rich colors and increasing contrast
PB194 LUMILEDS-PB194 Datasheet
1Mb / 2P
   Fashion retail lighting that makes an impact, highlighting rich colors and increasing contrast
logo
Omron Electronics LLC
E6C3 OMRON-E6C3 Datasheet
339Kb / 20P
   An Encoder That Offers Durability and Convenience
logo
Future Technology Devic...
UMFT51AA FTDI-UMFT51AA Datasheet
867Kb / 16P
   UMFT51AA is an FT51A DIP module that is compatible with an 8051 microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com