Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1461KV33 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1461KV33
Description  36-Mbit (1M36/2M18) Flow-Through SRAM with NoBL??Architecture
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1461KV33 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1461KV33 Datasheet HTML 1Page - Cypress Semiconductor CY7C1461KV33 Datasheet HTML 2Page - Cypress Semiconductor CY7C1461KV33 Datasheet HTML 3Page - Cypress Semiconductor CY7C1461KV33 Datasheet HTML 4Page - Cypress Semiconductor CY7C1461KV33 Datasheet HTML 5Page - Cypress Semiconductor CY7C1461KV33 Datasheet HTML 6Page - Cypress Semiconductor CY7C1461KV33 Datasheet HTML 7Page - Cypress Semiconductor CY7C1461KV33 Datasheet HTML 8Page - Cypress Semiconductor CY7C1461KV33 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
CY7C1461KV33
CY7C1463KV33
36-Mbit (1M × 36/2M × 18) Flow-Through SRAM
with NoBL™ Architecture
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-66681 Rev. *G
Revised June 7, 2016
36-Mbit (1M × 36/2M × 18) Flow-Through SRAM with NoBL™ Architecture
Features
No Bus Latency™ (NoBL™) architecture eliminates dead
cycles between write and read cycles
Supports up to 133 MHz bus operations with zero wait states
Data is transferred on every clock
Pin compatible and functionally equivalent to ZBT™ devices
Internally self timed output buffer control to eliminate the need
to use OE
Registered inputs for flow through operation
Byte write capability
3.3 V and 2.5 V I/O power supply
Fast clock-to-output times
6.5 ns (for 133-MHz device)
Clock Enable (CEN) pin to enable clock and suspend operation
Synchronous self timed writes
Asynchronous Output Enable
CY7C1461KV33,
CY7C1463KV33
available
in
JEDEC-standard Pb-free 100-pin TQFP packages
Three chip enables for simple depth expansion
Automatic power down feature available using ZZ mode or CE
deselect
Burst capability – linear or interleaved burst order
Low standby power
Functional Description
The
CY7C1461KV33/CY7C1463KV33
are
3.3 V,
1M × 36/2M × 18 Synchronous Flow-Through Burst SRAMs
designed specifically to support unlimited true back-to-back read
and write operations without the insertion of wait states. The
CY7C1461KV33/CY7C1463KV33 is equipped with the advanced
NoBL logic required to enable consecutive read and write
operations with data being transferred on every clock cycle. This
feature dramatically improves the throughput of data through the
SRAM, especially in systems that require frequent write-read
transitions.
All synchronous inputs pass through input registers controlled by
the rising edge of the clock. The clock input is qualified by the
Clock Enable (CEN) signal, which when deasserted suspends
operation and extends the previous clock cycle. Maximum
access delay from the clock rise is 6.5 ns (133 MHz device).
Write operations are controlled by the two or four Byte Write
Select (BWX) and a Write Enable (WE) input. All writes are
conducted with on-chip synchronous self timed write circuitry.
Three synchronous Chip Enables (CE1, CE2, CE3) and an
asynchronous Output Enable (OE) provide for easy bank
selection and output tri-state control. To avoid bus contention,
the output drivers are synchronously tri-stated during the data
portion of a write sequence.
Selection Guide
Description
133 MHz
Unit
Maximum access time
6.5
ns
Maximum operating current
× 18
150
mA
× 36
170


Similar Part No. - CY7C1461KV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1461AV25 CYPRESS-CY7C1461AV25 Datasheet
459Kb / 29P
36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1461AV25-100AXC CYPRESS-CY7C1461AV25-100AXC Datasheet
459Kb / 29P
36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1461AV25-100AXI CYPRESS-CY7C1461AV25-100AXI Datasheet
459Kb / 29P
36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1461AV25-100BZC CYPRESS-CY7C1461AV25-100BZC Datasheet
459Kb / 29P
36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1461AV25-100BZI CYPRESS-CY7C1461AV25-100BZI Datasheet
459Kb / 29P
36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
More results

Similar Description - CY7C1461KV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1460SV25 CYPRESS-CY7C1460SV25 Datasheet
429Kb / 31P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1460KV25 CYPRESS-CY7C1460KV25 Datasheet
830Kb / 32P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV33 CYPRESS-CY7C1460KV33 Datasheet
1,010Kb / 31P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1371KV33 CYPRESS-CY7C1371KV33 Datasheet
682Kb / 24P
18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM with NoBL??Architecture (With ECC)
CY7C1441KV33 CYPRESS-CY7C1441KV33 Datasheet
1Mb / 32P
36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1371S CYPRESS-CY7C1371S Datasheet
898Kb / 29P
18-Mbit (512K 횞 36) Flow-Through SRAM with NoBL??Architecture
CY7C1461AV33 CYPRESS-CY7C1461AV33_12 Datasheet
442Kb / 24P
36-Mbit (1 M 횞 36/2 M 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1370KV25 CYPRESS-CY7C1370KV25 Datasheet
2Mb / 30P
18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1441KV25 CYPRESS-CY7C1441KV25 Datasheet
856Kb / 29P
36-Mbit (1M 횞 36) Flow-Through SRAM
CY7C1370B CYPRESS-CY7C1370B Datasheet
759Kb / 27P
512K 횞 36/1M 횞 18 Pipelined SRAM with NoBL Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com