Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1441KV33 Datasheet(PDF) 20 Page - Cypress Semiconductor

Part # CY7C1441KV33
Description  36-Mbit (1M36/2M18) Flow-Through SRAM (With ECC)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1441KV33 Datasheet(HTML) 20 Page - Cypress Semiconductor

Back Button CY7C1441KV33 Datasheet HTML 16Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 17Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 18Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 19Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 20Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 21Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 22Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 23Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
CY7C1441KV33
CY7C1443KV33
CY7C1441KVE33
Document Number: 001-66677 Rev. *I
Page 20 of 32
IX
Input leakage current except ZZ
and MODE
GND
 VI  VDDQ
–5
5
A
Input current of MODE
Input = VSS
–30
A
Input = VDD
–5
A
Input current of ZZ
Input = VSS
–5
A
Input = VDD
–30
A
IOZ
Output leakage current
GND
 VI  VDDQ, Output Disabled
–5
5
IDD
VDD operating supply current
VDD = Max., IOUT = 0 mA,
f = fMAX = 1/tCYC
7.5-nscycle,
133 MHz
× 18
150
mA
× 36
170
ISB1
Automatic CE power down
current – TTL inputs
Max. VDD, Device
Deselected,
VIN  VIH or VIN  VIL,
f = fMAX,
inputs switching
7.5-nscycle,
133 MHz
× 18
85
mA
× 36
90
ISB2
Automatic CE power down
current – CMOS inputs
Max. VDD,
Device Deselected,
VIN  VDD – 0.3 V or
VIN  0.3 V,
f = 0, inputs static
7.5-nscycle,
133 MHz
× 18
75
mA
× 36
80
ISB3
Automatic CE power down
current – CMOS inputs
Max. VDD,
Device Deselected,
VIN  VDDQ – 0.3 V or
VIN  0.3 V,
f = fMAX, inputs switching
7.5-ns cycle,
133 MHz
× 18
85
mA
× 36
90
ISB4
Automatic CE power down
current – TTL inputs
Max. VDD, Device
Deselected,
VIN  VDD – 0.3 V or
VIN  0.3 V,
f = 0, inputs static
7.5-ns cycle,
133 MHz
× 18
75
mA
× 36
80
Electrical Characteristics (continued)
Over the Operating Range
DC Characteristics (continued)
Over the Operating Range
Parameter
Description
Test Conditions
Min
Max
Units


Similar Part No. - CY7C1441KV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1441KV25 CYPRESS-CY7C1441KV25 Datasheet
856Kb / 29P
36-Mbit (1M 횞 36) Flow-Through SRAM
More results

Similar Description - CY7C1441KV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1460SV25 CYPRESS-CY7C1460SV25 Datasheet
429Kb / 31P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1370KV33 CYPRESS-CY7C1370KV33 Datasheet
999Kb / 32P
18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1371KV33 CYPRESS-CY7C1371KV33 Datasheet
682Kb / 24P
18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM with NoBL??Architecture (With ECC)
CY7C1381KV33 CYPRESS-CY7C1381KV33 Datasheet
1Mb / 34P
18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM (With ECC)
CY7C1440KV33 CYPRESS-CY7C1440KV33 Datasheet
3Mb / 33P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined Sync SRAM (With ECC)
CY7C1441KV25 CYPRESS-CY7C1441KV25 Datasheet
856Kb / 29P
36-Mbit (1M 횞 36) Flow-Through SRAM
CY7C1444KV33 CYPRESS-CY7C1444KV33 Datasheet
1Mb / 22P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined DCD Sync SRAM
CY7C1460KV25 CYPRESS-CY7C1460KV25 Datasheet
830Kb / 32P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV33 CYPRESS-CY7C1460KV33 Datasheet
1,010Kb / 31P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1461KV33 CYPRESS-CY7C1461KV33 Datasheet
2Mb / 23P
36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com