Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1441KV33 Datasheet(PDF) 19 Page - Cypress Semiconductor

Part # CY7C1441KV33
Description  36-Mbit (1M36/2M18) Flow-Through SRAM (With ECC)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1441KV33 Datasheet(HTML) 19 Page - Cypress Semiconductor

Back Button CY7C1441KV33 Datasheet HTML 15Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 16Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 17Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 18Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 19Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 20Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 21Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 22Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 23Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
CY7C1441KV33
CY7C1443KV33
CY7C1441KVE33
Document Number: 001-66677 Rev. *I
Page 19 of 32
Maximum Ratings
Exceeding maximum ratings may shorten the useful life of the
device. User guidelines are not tested.
Storage Temperature ............................... –65
C to +150C
Ambient Temperature
with Power Applied .................................. –55
C to +125 C
Supply Voltage on VDD Relative to GND .....–0.3 V to +4.6 V
Supply Voltage on VDDQ Relative to GND .... –0.3 V to +VDD
DC Voltage Applied to Outputs
in Tristate ..........................................–0.5 V to VDDQ + 0.5 V
DC Input Voltage ................................ –0.5 V to VDD + 0.5 V
Current into Outputs (LOW) ........................................ 20 mA
Static Discharge Voltage
(per MIL-STD-883, Method 3015) ......................... > 2001 V
Latch-up Current ................................................... > 200 mA
DC Input Voltage ................................ –0.5 V to VDD + 0.5 V
Current into Outputs (LOW) ........................................ 20 mA
Static Discharge Voltage
(per MIL-STD-883, Method 3015) ......................... > 2001 V
Latch-up Current ................................................... > 200 mA
Operating Range
Range
Ambient
Temperature
VDD
VDDQ
Commercial
0 °C to +70 °C
3.3 V
– 5% /
+ 10%
2.5 V – 5% to
VDD
Industrial
–40 °C to +85 °C
Neutron Soft Error Immunity
Parameter
Description
Test
Conditions Typ Max*
Unit
LSBU
(Device
without
ECC)
Logical
Single-Bit
Upsets
25 °C
<5
5
FIT/
Mb
LSBU
(Device with
ECC)
00.01
FIT/
Mb
LMBU (All
Devices)
Logical
Multi-Bit
Upsets
25 °C
0
0.01
FIT/
Mb
SEL (All
Devices)
Single Event
Latch up
85 °C
0
0.1
FIT/
Dev
* No LMBU or SEL events occurred during testing; this column represents a
statistical
2, 95% confidence limit calculation. For more details refer to Application
Note AN54908 “Accelerated Neutron SER Testing and Calculation of Terrestrial
Failure Rates”.
Electrical Characteristics
Over the Operating Range
DC Characteristics
Over the Operating Range
Parameter
Description
Test Conditions
Min
Max
Units
VDD
Power supply voltage
3.135
3.6
V
VDDQ
I/O supply voltage
for 3.3 V I/O
3.135
VDD
V
for 2.5 V I/O
2.375
2.625
V
VOH
Output HIGH voltage
for 3.3 V I/O, IOH = -4.0 mA
2.4
V
for 2.5 V I/O, IOH = -1.0 mA
2.0
V
VOL
Output LOW voltage
for 3.3 V I/O, IOL = 8.0 mA
0.4
V
for 2.5 V I/O, IOL = 1.0 mA
0.4
V
VIH
Input HIGH voltage[15]
for 3.3 V I/O
2.0
VDD + 0.3 V
V
for 2.5 V I/O
1.7
VDD + 0.3 V
V
VIL
Input LOW voltage[15]
for 3.3 V I/O
-0.3
0.8
V
for 2.5 V I/O
-0.3
0.7
V
Notes
15. Overshoot: VIH(AC) < VDD +1.5V (Pulse width less than tCYC/2), undershoot: VIL(AC) > –2V (Pulse width less than tCYC/2).
16. TPower-up: Assumes a linear ramp from 0V to VDD(min.) within 200 ms. During this time VIH < VDD and VDDQ < VDD.


Similar Part No. - CY7C1441KV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1441KV25 CYPRESS-CY7C1441KV25 Datasheet
856Kb / 29P
36-Mbit (1M 횞 36) Flow-Through SRAM
More results

Similar Description - CY7C1441KV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1460SV25 CYPRESS-CY7C1460SV25 Datasheet
429Kb / 31P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1370KV33 CYPRESS-CY7C1370KV33 Datasheet
999Kb / 32P
18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1371KV33 CYPRESS-CY7C1371KV33 Datasheet
682Kb / 24P
18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM with NoBL??Architecture (With ECC)
CY7C1381KV33 CYPRESS-CY7C1381KV33 Datasheet
1Mb / 34P
18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM (With ECC)
CY7C1440KV33 CYPRESS-CY7C1440KV33 Datasheet
3Mb / 33P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined Sync SRAM (With ECC)
CY7C1441KV25 CYPRESS-CY7C1441KV25 Datasheet
856Kb / 29P
36-Mbit (1M 횞 36) Flow-Through SRAM
CY7C1444KV33 CYPRESS-CY7C1444KV33 Datasheet
1Mb / 22P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined DCD Sync SRAM
CY7C1460KV25 CYPRESS-CY7C1460KV25 Datasheet
830Kb / 32P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV33 CYPRESS-CY7C1460KV33 Datasheet
1,010Kb / 31P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1461KV33 CYPRESS-CY7C1461KV33 Datasheet
2Mb / 23P
36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com