Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1441KV33 Datasheet(PDF) 18 Page - Cypress Semiconductor

Part # CY7C1441KV33
Description  36-Mbit (1M36/2M18) Flow-Through SRAM (With ECC)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1441KV33 Datasheet(HTML) 18 Page - Cypress Semiconductor

Back Button CY7C1441KV33 Datasheet HTML 14Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 15Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 16Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 17Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 18Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 19Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 20Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 21Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 22Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
CY7C1441KV33
CY7C1443KV33
CY7C1441KVE33
Document Number: 001-66677 Rev. *I
Page 18 of 32
Boundary Scan Order
165-ball FBGA [13, 14]
CY7C1441KV33 (1M × 36)
Bit #
Ball ID
Bit #
Ball ID
Bit #
Ball ID
Bit #
Ball ID
1
N6
26
E11
51
A3
76
N1
2
N7
27
D11
52
A2
77
N2
3N10
28
G10
53
B2
78
P1
4P11
29
F10
54
C2
79
R1
5
P8
30
E10
55
B1
80
R2
6
R8
31
D10
56
A1
81
P3
7R9
32
C11
57
C1
82
R3
8P9
33
A11
58
D1
83
P2
9P10
34
B11
59
E1
84
R4
10
R10
35
A10
60
F1
85
P4
11
R11
36
B10
61
G1
86
N5
12
H11
37A9
62
D2
87P6
13
N11
38
B9
63
E2
88
R6
14
M11
39
C10
64
F2
89
Internal
15
L11
40
A8
65
G2
16
K11
41
B8
66
H1
17
J11
42
A7
67
H3
18
M10
43
B7
68
J1
19
L10
44
B6
69
K1
20
K10
45
A6
70
L1
21
J10
46
B5
71
M1
22
H9
47
A5
72
J2
23
H10
48
A4
73
K2
24
G11
49
B4
74
L2
25
F11
50
B3
75
M2
Notes
13. Balls which are NC (No Connect) are preset LOW.
14. Bit# 89 is preset HIGH.


Similar Part No. - CY7C1441KV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1441KV25 CYPRESS-CY7C1441KV25 Datasheet
856Kb / 29P
36-Mbit (1M 횞 36) Flow-Through SRAM
More results

Similar Description - CY7C1441KV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1460SV25 CYPRESS-CY7C1460SV25 Datasheet
429Kb / 31P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1370KV33 CYPRESS-CY7C1370KV33 Datasheet
999Kb / 32P
18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1371KV33 CYPRESS-CY7C1371KV33 Datasheet
682Kb / 24P
18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM with NoBL??Architecture (With ECC)
CY7C1381KV33 CYPRESS-CY7C1381KV33 Datasheet
1Mb / 34P
18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM (With ECC)
CY7C1440KV33 CYPRESS-CY7C1440KV33 Datasheet
3Mb / 33P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined Sync SRAM (With ECC)
CY7C1441KV25 CYPRESS-CY7C1441KV25 Datasheet
856Kb / 29P
36-Mbit (1M 횞 36) Flow-Through SRAM
CY7C1444KV33 CYPRESS-CY7C1444KV33 Datasheet
1Mb / 22P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined DCD Sync SRAM
CY7C1460KV25 CYPRESS-CY7C1460KV25 Datasheet
830Kb / 32P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV33 CYPRESS-CY7C1460KV33 Datasheet
1,010Kb / 31P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1461KV33 CYPRESS-CY7C1461KV33 Datasheet
2Mb / 23P
36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com