Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1441KV33 Datasheet(PDF) 16 Page - Cypress Semiconductor

Part # CY7C1441KV33
Description  36-Mbit (1M36/2M18) Flow-Through SRAM (With ECC)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1441KV33 Datasheet(HTML) 16 Page - Cypress Semiconductor

Back Button CY7C1441KV33 Datasheet HTML 12Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 13Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 14Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 15Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 16Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 17Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 18Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 19Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 20Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
CY7C1441KV33
CY7C1443KV33
CY7C1441KVE33
Document Number: 001-66677 Rev. *I
Page 16 of 32
TAP DC Electrical Characteristics and Operating Conditions
(0 °C < TA < +70 °C; VDD = 3.135 V to 3.6 V unless otherwise noted)
Parameter [11]
Description
Description
Conditions
Min
Max
Unit
VOH1
Output HIGH Voltage
IOH = –4.0 mA
VDDQ = 3.3 V
2.4
V
IOH = –1.0 mA
VDDQ = 2.5 V
2.0
V
VOH2
Output HIGH Voltage
IOH = –100 µA
VDDQ = 3.3 V
2.9
V
VDDQ = 2.5 V
2.1
V
VOL1
Output LOW Voltage
IOL = 8.0 mA
VDDQ = 3.3 V
0.4
V
IOL = 1.0 mA
VDDQ = 2.5 V
0.4
V
VOL2
Output LOW Voltage
IOL = 100 µA
VDDQ = 3.3 V
0.2
V
VDDQ = 2.5 V
0.2
V
VIH
Input HIGH Voltage
VDDQ = 3.3 V
2.0
VDD + 0.3
V
VDDQ = 2.5 V
1.7
VDD + 0.3
V
VIL
Input LOW Voltage
VDDQ = 3.3 V
–0.3
0.8
V
VDDQ = 2.5 V
–0.3
0.7
V
IX
Input Load Current
GND < VIN < VDDQ
–5
5
µA
Note
11. All voltages referenced to VSS (GND).


Similar Part No. - CY7C1441KV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1441KV25 CYPRESS-CY7C1441KV25 Datasheet
856Kb / 29P
36-Mbit (1M 횞 36) Flow-Through SRAM
More results

Similar Description - CY7C1441KV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1460SV25 CYPRESS-CY7C1460SV25 Datasheet
429Kb / 31P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1370KV33 CYPRESS-CY7C1370KV33 Datasheet
999Kb / 32P
18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1371KV33 CYPRESS-CY7C1371KV33 Datasheet
682Kb / 24P
18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM with NoBL??Architecture (With ECC)
CY7C1381KV33 CYPRESS-CY7C1381KV33 Datasheet
1Mb / 34P
18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM (With ECC)
CY7C1440KV33 CYPRESS-CY7C1440KV33 Datasheet
3Mb / 33P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined Sync SRAM (With ECC)
CY7C1441KV25 CYPRESS-CY7C1441KV25 Datasheet
856Kb / 29P
36-Mbit (1M 횞 36) Flow-Through SRAM
CY7C1444KV33 CYPRESS-CY7C1444KV33 Datasheet
1Mb / 22P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined DCD Sync SRAM
CY7C1460KV25 CYPRESS-CY7C1460KV25 Datasheet
830Kb / 32P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV33 CYPRESS-CY7C1460KV33 Datasheet
1,010Kb / 31P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1461KV33 CYPRESS-CY7C1461KV33 Datasheet
2Mb / 23P
36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com