Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1441KV33 Datasheet(PDF) 15 Page - Cypress Semiconductor

Part # CY7C1441KV33
Description  36-Mbit (1M36/2M18) Flow-Through SRAM (With ECC)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1441KV33 Datasheet(HTML) 15 Page - Cypress Semiconductor

Back Button CY7C1441KV33 Datasheet HTML 11Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 12Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 13Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 14Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 15Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 16Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 17Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 18Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 19Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
CY7C1441KV33
CY7C1443KV33
CY7C1441KVE33
Document Number: 001-66677 Rev. *I
Page 15 of 32
3.3 V TAP AC Test Conditions
Input pulse levels ...............................................VSS to 3.3 V
Input rise and fall times (Slew Rate) ........................... 2 V/ns
Input timing reference levels ......................................... 1.5 V
Output reference levels ................................................ 1.5 V
Test load termination supply voltage ............................ 1.5 V
2.5 V TAP AC Test Conditions
Input pulse levels ...............................................VSS to 2.5 V
Input rise and fall times (Slew Rate) ........................... 2 V/ns
Input timing reference levels ................. ......................1.25 V
Output reference levels ................ ..............................1.25 V
Test load termination supply voltage .................. ........1.25 V
TAP AC Switching Characteristics
Over the Operating Range
Parameter [9, 10]
Description
Min
Max
Unit
Clock
tTCYC
TCK Clock Cycle Time
50
ns
tTF
TCK Clock Frequency
20
MHz
tTH
TCK Clock HIGH time
20
ns
tTL
TCK Clock LOW time
20
ns
Output Times
tTDOV
TCK Clock LOW to TDO Valid
10
ns
tTDOX
TCK Clock LOW to TDO Invalid
0
ns
Setup Times
tTMSS
TMS Setup to TCK Clock Rise
5
ns
tTDIS
TDI Setup to TCK Clock Rise
5
ns
tCS
Capture Setup to TCK Rise
5
ns
Hold Times
tTMSH
TMS Hold after TCK Clock Rise
5
ns
tTDIH
TDI Hold after Clock Rise
5
ns
tCH
Capture Hold after Clock Rise
5
ns
3.3 V TAP AC Output Load Equivalent
TDO
1.5V
20p F
Z
= 50
Ω
O
50
Ω
2.5 V TAP AC Output Load Equivalent
TDO
1.25V
20pF
Z = 50
Ω
O
50
Ω
Notes
9. tCS and tCH refer to the set-up and hold time requirements of latching data from the boundary scan register.
10. Test conditions are specified using the load in TAP AC test Conditions. tR/tF = 2 V/ns (Slew Rate).


Similar Part No. - CY7C1441KV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1441KV25 CYPRESS-CY7C1441KV25 Datasheet
856Kb / 29P
36-Mbit (1M 횞 36) Flow-Through SRAM
More results

Similar Description - CY7C1441KV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1460SV25 CYPRESS-CY7C1460SV25 Datasheet
429Kb / 31P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1370KV33 CYPRESS-CY7C1370KV33 Datasheet
999Kb / 32P
18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1371KV33 CYPRESS-CY7C1371KV33 Datasheet
682Kb / 24P
18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM with NoBL??Architecture (With ECC)
CY7C1381KV33 CYPRESS-CY7C1381KV33 Datasheet
1Mb / 34P
18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM (With ECC)
CY7C1440KV33 CYPRESS-CY7C1440KV33 Datasheet
3Mb / 33P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined Sync SRAM (With ECC)
CY7C1441KV25 CYPRESS-CY7C1441KV25 Datasheet
856Kb / 29P
36-Mbit (1M 횞 36) Flow-Through SRAM
CY7C1444KV33 CYPRESS-CY7C1444KV33 Datasheet
1Mb / 22P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined DCD Sync SRAM
CY7C1460KV25 CYPRESS-CY7C1460KV25 Datasheet
830Kb / 32P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV33 CYPRESS-CY7C1460KV33 Datasheet
1,010Kb / 31P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1461KV33 CYPRESS-CY7C1461KV33 Datasheet
2Mb / 23P
36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com