Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1441KV33 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1441KV33
Description  36-Mbit (1M36/2M18) Flow-Through SRAM (With ECC)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1441KV33 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1441KV33 Datasheet HTML 1Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 2Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 3Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 4Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 5Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 6Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 7Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 8Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
CY7C1441KV33
CY7C1443KV33
CY7C1441KVE33
36-Mbit (1M × 36/2M × 18)
Flow-Through SRAM (With ECC)
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-66677 Rev. *I
Revised February 15, 2018
36-Mbit (1M × 36/2M × 18) Flow-Through SRAM (With ECC)
Features
Supports 133-MHz bus operations
1M × 36/2M × 18 common I/O
3.3 V core power supply
2.5 V or 3.3 V I/O power supply
Fast clock-to-output times
6.5 ns (133 MHz version)
Provide high-performance 2-1-1-1 access rate
User-selectable burst counter supporting IntelPentium
interleaved or linear burst sequences
Separate processor and controller address strobes
Synchronous self-timed write
Asynchronous output enable
CY7C1441KV33, CY7C1443KV33, and CY7C1441KVE33 are
available in JEDEC-standard 100-pin TQFP and 165-ball
FBGA Pb-free packages.
IEEE 1149.1 JTAG-Compatible Boundary Scan
“ZZ” Sleep Mode option
On-chip error correction code (ECC) to reduce soft error rate
(SER)
Functional Description
The CY7C1441KV33/CY7C1443KV33/CY7C1441KVE33 are
3.3 V, 1M × 36/2M × 18/1M × 36 synchronous flow-through
SRAMs, respectively designed to interface with high-speed
microprocessors with minimum glue logic. Maximum access
delay from clock rise is 6.5 ns (133 MHz version). A 2-bit on-chip
counter captures the first address in a burst and increments the
address automatically for the rest of the burst access. All
synchronous inputs are gated by registers controlled by a
positive-edge-triggered Clock (CLK) input. The synchronous
inputs include all addresses, all data inputs, address-pipelining
Chip Enable (CE1), depth-expansion Chip Enables (CE2 and
CE3), Burst Control inputs (ADSC, ADSP, and ADV), Write
Enables (BWx, and BWE), and Global Write (GW).
Asynchronous inputs include the Output Enable (OE) and the ZZ
pin.
The CY7C1441KV33/CY7C1443KV33/CY7C1441KVE33 allow
either interleaved or linear burst sequences, selected by the
MODE input pin. A HIGH selects an interleaved burst sequence,
while a LOW selects a linear burst sequence. Burst accesses
can be initiated with the Processor Address Strobe (ADSP) or the
cache Controller Address Strobe (ADSC) inputs. Address
advancement is controlled by the Address Advancement (ADV)
input.
Addresses and chip enables are registered at rising edge of
clock when either Address Strobe Processor (ADSP) or Address
Strobe Controller (ADSC) are active. Subsequent burst
addresses can be internally generated as controlled by the
Advance pin (ADV).
The
CY7C1441KV33/CY7C1443KV33/CY7C1441KVE33
operate from a +3.3 V core power supply while all outputs may
operate with either a +2.5 V or +3.3 V supply. All inputs and
outputs are JEDEC-standard JESD8-5-compatible.
Selection Guide
Description
133 MHz
Unit
Maximum access time
6.5
ns
Maximum operating current
× 18
150
mA
× 36
170


Similar Part No. - CY7C1441KV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1441KV25 CYPRESS-CY7C1441KV25 Datasheet
856Kb / 29P
36-Mbit (1M 횞 36) Flow-Through SRAM
More results

Similar Description - CY7C1441KV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1460SV25 CYPRESS-CY7C1460SV25 Datasheet
429Kb / 31P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1370KV33 CYPRESS-CY7C1370KV33 Datasheet
999Kb / 32P
18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1371KV33 CYPRESS-CY7C1371KV33 Datasheet
682Kb / 24P
18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM with NoBL??Architecture (With ECC)
CY7C1381KV33 CYPRESS-CY7C1381KV33 Datasheet
1Mb / 34P
18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM (With ECC)
CY7C1440KV33 CYPRESS-CY7C1440KV33 Datasheet
3Mb / 33P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined Sync SRAM (With ECC)
CY7C1441KV25 CYPRESS-CY7C1441KV25 Datasheet
856Kb / 29P
36-Mbit (1M 횞 36) Flow-Through SRAM
CY7C1444KV33 CYPRESS-CY7C1444KV33 Datasheet
1Mb / 22P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined DCD Sync SRAM
CY7C1460KV25 CYPRESS-CY7C1460KV25 Datasheet
830Kb / 32P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV33 CYPRESS-CY7C1460KV33 Datasheet
1,010Kb / 31P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1461KV33 CYPRESS-CY7C1461KV33 Datasheet
2Mb / 23P
36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com