Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1441KV33 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1441KV33
Description  36-Mbit (1M36/2M18) Flow-Through SRAM (With ECC)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1441KV33 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1441KV33 Datasheet HTML 4Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 5Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 6Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 7Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 8Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 9Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 10Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 11Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
CY7C1441KV33
CY7C1443KV33
CY7C1441KVE33
Document Number: 001-66677 Rev. *I
Page 8 of 32
Functional Overview
All synchronous inputs pass through input registers controlled by
the rising edge of the clock. Maximum access delay from the
clock rise (tCDV) is 6.5 ns (133-MHz device).
The
CY7C1441KV33/CY7C1443KV33/CY7C1441KVE33
support secondary cache in systems utilizing either a linear or
interleaved burst sequence. The interleaved burst order
supports
Pentium
processors.
The
burst
order
is
user-selectable, and is determined by sampling the MODE input.
Accesses can be initiated with either the Processor Address
Strobe (ADSP) or the Controller Address Strobe (ADSC).
Address advancement through the burst sequence is controlled
by the ADV input. A two-bit on-chip wraparound burst counter
captures the first address in a burst sequence and automatically
increments the address for the rest of the burst access.
Byte write operations are qualified with the Byte Write Enable
(BWE) and Byte Write Select (BWx) inputs. A Global Write
Enable (GW) overrides all byte write inputs and writes data to all
four bytes. All writes are simplified with on-chip synchronous
self-timed write circuitry.
Three synchronous Chip Selects (CE1, CE2, CE3) and an
asynchronous Output Enable (OE) provide for easy bank
selection and output tristate control. ADSP is ignored if CE1 is
HIGH.
Single Read Accesses
A single read access is initiated when the following conditions
are satisfied at clock rise: (1) CE1, CE2, and CE3 are all asserted
active, and (2) ADSP or ADSC is asserted LOW (if the access is
initiated by ADSC, the write inputs must be deasserted during
this first cycle). The address presented to the address inputs is
latched into the address register and the burst counter/control
logic and presented to the memory core. If the OE input is
asserted LOW, the requested data is available at the data
outputs a maximum to tCDV after clock rise. ADSP is ignored if
CE1 is HIGH.
Single Write Accesses Initiated by ADSP
This access is initiated when the following conditions are
satisfied at clock rise: (1) CE1, CE2, CE3 are all asserted active,
and (2) ADSP is asserted LOW. The addresses presented are
loaded into the address register and the burst inputs (GW, BWE,
and BWX)are ignored during this first clock cycle. If the write
inputs are asserted active (see Write Cycle Descriptions table for
appropriate states that indicate a write) on the next clock rise, the
appropriate data is latched and written into the device. Byte
writes are allowed. All I/Os are tristated during a byte write.Since
this is a common I/O device, the asynchronous OE input signal
must be deasserted and the I/Os must be tristated prior to the
presentation of data to DQs. As a safety precaution, the data
DQPX
I/O-Synchronous
Bidirectional Data Parity I/O Lines. Functionally, these signals are identical to DQs.
During write sequences, DQPx is controlled by BW[A:H] correspondingly.
MODE
Input-Static
Selects Burst Order. When tied to GND selects linear burst sequence. When tied to
VDD or left floating selects interleaved burst sequence. This is a strap pin and should
remain static during device operation. Mode Pin has an internal pull up.
VDD
Power Supply
Power Supply Inputs to the Core of the Device.
VDDQ
I/O Power Supply Power Supply for the I/O Circuitry.
VSS
Ground
Ground for the Core of the Device.
VSSQ
I/O Ground
Ground for the I/O Circuitry.
TDO
JTAG serial output
Synchronous
Serial Data-Out to the JTAG Circuit. Delivers data on the negative edge of TCK. If
the JTAG feature is not being utilized, this pin should be left unconnected. This pin is
not available on TQFP packages.
TDI
JTAG serial input
Synchronous
Serial Data-In to the JTAG Circuit. Sampled on the rising edge of TCK. If the JTAG
feature is not being utilized, this pin can be left floating or connected to VDD through a
pull up resistor. This pin is not available on TQFP packages.
TMS
JTAG serial input
Synchronous
Serial Data-In to the JTAG Circuit. Sampled on the rising edge of TCK. If the JTAG
feature is not being utilized, this pin can be disconnected or connected to VDD. This
pin is not available on TQFP packages.
TCK
JTAG-Clock
Clock Input to the JTAG Circuitry. If the JTAG feature is not being utilized, this pin
must be connected to VSS. This pin is not available on TQFP packages.
NC
No Connects. Not internally connected to the die. 72M, 144M and 288M are address
expansion pins are not internally connected to the die.
NC/72M, NC/144M,
NC/288M, NC/576M,
NC/1G
No Connects. Not internally connected to the die. NC/72M, NC/144M, NC/288M,
NC/576M and NC/1G are address expansion pins are not internally connected to the
die.
Pin Definitions (continued)
Name
I/O
Description


Similar Part No. - CY7C1441KV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1441KV25 CYPRESS-CY7C1441KV25 Datasheet
856Kb / 29P
36-Mbit (1M 횞 36) Flow-Through SRAM
More results

Similar Description - CY7C1441KV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1460SV25 CYPRESS-CY7C1460SV25 Datasheet
429Kb / 31P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1370KV33 CYPRESS-CY7C1370KV33 Datasheet
999Kb / 32P
18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1371KV33 CYPRESS-CY7C1371KV33 Datasheet
682Kb / 24P
18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM with NoBL??Architecture (With ECC)
CY7C1381KV33 CYPRESS-CY7C1381KV33 Datasheet
1Mb / 34P
18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM (With ECC)
CY7C1440KV33 CYPRESS-CY7C1440KV33 Datasheet
3Mb / 33P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined Sync SRAM (With ECC)
CY7C1441KV25 CYPRESS-CY7C1441KV25 Datasheet
856Kb / 29P
36-Mbit (1M 횞 36) Flow-Through SRAM
CY7C1444KV33 CYPRESS-CY7C1444KV33 Datasheet
1Mb / 22P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined DCD Sync SRAM
CY7C1460KV25 CYPRESS-CY7C1460KV25 Datasheet
830Kb / 32P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV33 CYPRESS-CY7C1460KV33 Datasheet
1,010Kb / 31P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1461KV33 CYPRESS-CY7C1461KV33 Datasheet
2Mb / 23P
36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com