Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9057BRS-80 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9057BRS-80
Description  8-Bit 40 MSPS/50 MSPS/80 MSPS Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9057BRS-80 Datasheet(HTML) 1 Page - Analog Devices

  AD9057BRS-80 Datasheet HTML 1Page - Analog Devices AD9057BRS-80 Datasheet HTML 2Page - Analog Devices AD9057BRS-80 Datasheet HTML 3Page - Analog Devices AD9057BRS-80 Datasheet HTML 4Page - Analog Devices AD9057BRS-80 Datasheet HTML 5Page - Analog Devices AD9057BRS-80 Datasheet HTML 6Page - Analog Devices AD9057BRS-80 Datasheet HTML 7Page - Analog Devices AD9057BRS-80 Datasheet HTML 8Page - Analog Devices AD9057BRS-80 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD9057
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
8-Bit
40 MSPS/50 MSPS/80 MSPS Converter
FUNCTIONAL BLOCK DIAGRAM
ADC
T/H
8
D7–D0
ENCODE
AIN
VREF OUT
BIAS OUT
VD
PWRDN
VDD
AD9057
VREF IN
+2.5V
1k
GND
PRODUCT DESCRIPTION
The AD9057 is an 8-bit monolithic analog-to-digital converter
optimized for low cost, low power, small size, and ease of use.
With a 40 MSPS, 60 MSPS, or 80 MSPS encode rates capabil-
ity and full-power analog bandwidth of 120 MHz, the component
is ideal for applications requiring excellent dynamic performance.
To minimize system cost and power dissipation, the AD9057
includes an internal 2.5 V reference and a track-and-hold
circuit. The user must provide only a 5 V power supply and an
encode clock. No external reference or driver components are
required for many applications.
The AD9057’s encode input is TTL/CMOS compatible and the
8-bit digital outputs can be operated from 5 V or 3 V supplies. A
power-down function may be exercised to bring total consump-
tion to < 10 mW. In power-down mode the digital outputs are
driven to a high impedance state.
Fabricated on an advanced BiCMOS process, the AD9057 is
available in a space saving 20-lead surface mount plastic pack-
age (20 SSOP) and is specified over the industrial (–40
°C to
+85
°C) temperature range.
Customers desiring multichannel digitization may consider the
AD9059, a dual 8-bit, 60 MSPS monolithic based on the
AD9057 ADC core. The AD9059 is available in a 28-lead sur-
face mount plastic package (28 SSOP) and is specified over the
industrial temperature range.
FEATURES
8-Bit, Low Power ADC: 200 mW Typical
120 MHz Analog Bandwidth
On-Chip 2.5 V Reference and T/H
1 V p-p Analog Input Range
Single 5 V Supply Operation
5 V or 3 V Logic Interface
Power-Down Mode: < 10 mW
Three Performance Grades (40 MSPS, 60 MSPS, 80 MSPS)
APPLICATIONS
Digital Communications (QAM Demodulators)
RGB and YC/Composite Video Processing
Digital Data Storage Read Channels
Medical Imaging
Digital Instrumentation
PIN CONFIGURATION
14
13
12
11
17
16
15
20
19
18
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
PWRDN
D3
D2
D1
D0 (LSB)
VREF OUT
VREF IN
GND
AD9057
D4
VDD
GND
VD
BIAS OUT
AIN
VD
GND
ENCODE
D7 (MSB)
D6
D5


Similar Part No. - AD9057BRS-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9057BRS-80 AD-AD9057BRS-80 Datasheet
360Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRS-80 AD-AD9057BRS-80 Datasheet
360Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRS-80 AD-AD9057BRS-80 Datasheet
358Kb / 13P
A/D Converter
More results

Similar Description - AD9057BRS-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9057 AD-AD9057 Datasheet
184Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. B
AD9283 AD-AD9283 Datasheet
155Kb / 12P
8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. B
AD9057 AD-AD9057_03 Datasheet
360Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-60 AD-AD9057BRSZ-60 Datasheet
360Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-80 AD-AD9057BRSZ-80 Datasheet
172Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9283BRSZ-100 AD-AD9283BRSZ-100 Datasheet
231Kb / 12P
8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. C
AD9057 AD-AD9057_15 Datasheet
360Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9245 AD-AD9245_15 Datasheet
810Kb / 32P
14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
Rev. E
AD9283 AD-AD9283_15 Datasheet
258Kb / 12P
8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com