Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1441KV25 Datasheet(PDF) 25 Page - Cypress Semiconductor

Part # CY7C1441KV25
Description  36-Mbit (1M36) Flow-Through SRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1441KV25 Datasheet(HTML) 25 Page - Cypress Semiconductor

Back Button CY7C1441KV25 Datasheet HTML 21Page - Cypress Semiconductor CY7C1441KV25 Datasheet HTML 22Page - Cypress Semiconductor CY7C1441KV25 Datasheet HTML 23Page - Cypress Semiconductor CY7C1441KV25 Datasheet HTML 24Page - Cypress Semiconductor CY7C1441KV25 Datasheet HTML 25Page - Cypress Semiconductor CY7C1441KV25 Datasheet HTML 26Page - Cypress Semiconductor CY7C1441KV25 Datasheet HTML 27Page - Cypress Semiconductor CY7C1441KV25 Datasheet HTML 28Page - Cypress Semiconductor CY7C1441KV25 Datasheet HTML 29Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
Document Number: 001-94722 Rev. *E
Page 25 of 29
CY7C1441KV25
Ordering Information
Table 1 lists the ordering codes. The table contains only the parts that are currently available. If you do not see what you are looking
for, contact your local sales representative. For more information, visit the Cypress website at www.cypress.com and refer to the
product summary page at http://www.cypress.com/products.
Ordering Code Definitions
Table 1. Ordering Information
Speed (MHz)
Ordering Code
Package Diagram
Part and Package Type
Operating Range
133
CY7C1441KV25-133BZXI
51-85195
165-ball FBGA (15 × 17 × 1.4 mm) Pb-free
lndustrial
Temperature Grade:
I = Industrial
Pb-free
Package Type:
BZ = 165-ball FBGA
Speed Grade: 133 MHz
V25 = 2.5 V
Process Technology: K > 65 nm
Part Identifier: 144X = 1441
1441 = FT, 1M × 36 (36Mb)
Technology Code: C = CMOS
Marketing Code: 7 = SRAM
Company ID: CY = Cypress
C
CY
144X
V25 - 133
X
BZ
I
K
7


Similar Part No. - CY7C1441KV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1441KV33 CYPRESS-CY7C1441KV33 Datasheet
1Mb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1441KV33-133AXC CYPRESS-CY7C1441KV33-133AXC Datasheet
1Mb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1441KV33-133AXI CYPRESS-CY7C1441KV33-133AXI Datasheet
1Mb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1441KV33-133BZXI CYPRESS-CY7C1441KV33-133BZXI Datasheet
1Mb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1441KVE33 CYPRESS-CY7C1441KVE33 Datasheet
1Mb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
More results

Similar Description - CY7C1441KV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1441KV33 CYPRESS-CY7C1441KV33 Datasheet
1Mb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1461KV33 CYPRESS-CY7C1461KV33 Datasheet
2Mb / 23P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1440KV25 CYPRESS-CY7C1440KV25 Datasheet
2Mb / 30P
   36-Mbit (1M 횞 36) Pipelined Sync SRAM
CY7C1381KV33 CYPRESS-CY7C1381KV33 Datasheet
1Mb / 34P
   18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM (With ECC)
CY7C13451G CYPRESS-CY7C13451G Datasheet
746Kb / 23P
   4-Mbit (128K 횞 36) Flow-Through Sync SRAM
CY7C1481BV25 CYPRESS-CY7C1481BV25 Datasheet
709Kb / 21P
   72-Mbit (2 M 횞 36) Flow-Through SRAM
CY7C1481BV33 CYPRESS-CY7C1481BV33 Datasheet
951Kb / 32P
   72-Mbit (2 M 횞 36) Flow-Through SRAM
CY7C1345G CYPRESS-CY7C1345G_12 Datasheet
760Kb / 23P
   4-Mbit (128 K 횞 36) Flow-Through Sync SRAM
CY7C1381B CYPRESS-CY7C1381B Datasheet
599Kb / 31P
   512 횞 36/1M 횞 18 Flow-Thru SRAM
CY7C1441AV33 CYPRESS-CY7C1441AV33_13 Datasheet
986Kb / 34P
   36-Mbit (1 M x 36) Flow-Through SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com