Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1441KV25 Datasheet(PDF) 15 Page - Cypress Semiconductor

Part # CY7C1441KV25
Description  36-Mbit (1M36) Flow-Through SRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1441KV25 Datasheet(HTML) 15 Page - Cypress Semiconductor

Back Button CY7C1441KV25 Datasheet HTML 11Page - Cypress Semiconductor CY7C1441KV25 Datasheet HTML 12Page - Cypress Semiconductor CY7C1441KV25 Datasheet HTML 13Page - Cypress Semiconductor CY7C1441KV25 Datasheet HTML 14Page - Cypress Semiconductor CY7C1441KV25 Datasheet HTML 15Page - Cypress Semiconductor CY7C1441KV25 Datasheet HTML 16Page - Cypress Semiconductor CY7C1441KV25 Datasheet HTML 17Page - Cypress Semiconductor CY7C1441KV25 Datasheet HTML 18Page - Cypress Semiconductor CY7C1441KV25 Datasheet HTML 19Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
Document Number: 001-94722 Rev. *E
Page 15 of 29
CY7C1441KV25
2.5-V TAP AC Test Conditions
Input pulse levels ...............................................VSS to 2.5 V
Input rise and fall times (Slew Rate) ........................... 2 V/ns
Input timing reference levels ....................................... 1.25 V
Output reference levels .............................................. 1.25 V
Test load termination supply voltage .......................... 1.25 V
2.5-V TAP AC Output Load Equivalent
TDO
1.25V
20p F
Z
= 50
Ω
O
50
Ω
TAP DC Electrical Characteristics and Operating Conditions
(0 °C < TA < +70 °C; VDD = 2.5 V ± 0.125 V unless otherwise noted)
Parameter [11]
Description
Description
Conditions
Min
Max
Unit
VOH1
Output HIGH Voltage
IOH = –1.0 mA
VDDQ = 2.5 V
1.7
V
VOH2
Output HIGH Voltage
IOH = –100 µA
VDDQ = 2.5 V
2.1
V
VOL1
Output LOW Voltage
IOL = 1.0 mA
VDDQ = 2.5 V
0.4
V
VOL2
Output LOW Voltage
IOL = 100 µA
VDDQ = 2.5 V
0.2
V
VIH
Input HIGH Voltage
VDDQ = 2.5 V
1.7
VDD + 0.3
V
VIL
Input LOW Voltage
VDDQ = 2.5 V
–0.3
0.7
V
IX
Input Load Current
GND < VIN < VDDQ
–5
5
µA
Note
11. All voltages referenced to VSS (GND).


Similar Part No. - CY7C1441KV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1441KV33 CYPRESS-CY7C1441KV33 Datasheet
1Mb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1441KV33-133AXC CYPRESS-CY7C1441KV33-133AXC Datasheet
1Mb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1441KV33-133AXI CYPRESS-CY7C1441KV33-133AXI Datasheet
1Mb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1441KV33-133BZXI CYPRESS-CY7C1441KV33-133BZXI Datasheet
1Mb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1441KVE33 CYPRESS-CY7C1441KVE33 Datasheet
1Mb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
More results

Similar Description - CY7C1441KV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1441KV33 CYPRESS-CY7C1441KV33 Datasheet
1Mb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1461KV33 CYPRESS-CY7C1461KV33 Datasheet
2Mb / 23P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1440KV25 CYPRESS-CY7C1440KV25 Datasheet
2Mb / 30P
   36-Mbit (1M 횞 36) Pipelined Sync SRAM
CY7C1381KV33 CYPRESS-CY7C1381KV33 Datasheet
1Mb / 34P
   18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM (With ECC)
CY7C13451G CYPRESS-CY7C13451G Datasheet
746Kb / 23P
   4-Mbit (128K 횞 36) Flow-Through Sync SRAM
CY7C1481BV25 CYPRESS-CY7C1481BV25 Datasheet
709Kb / 21P
   72-Mbit (2 M 횞 36) Flow-Through SRAM
CY7C1481BV33 CYPRESS-CY7C1481BV33 Datasheet
951Kb / 32P
   72-Mbit (2 M 횞 36) Flow-Through SRAM
CY7C1345G CYPRESS-CY7C1345G_12 Datasheet
760Kb / 23P
   4-Mbit (128 K 횞 36) Flow-Through Sync SRAM
CY7C1381B CYPRESS-CY7C1381B Datasheet
599Kb / 31P
   512 횞 36/1M 횞 18 Flow-Thru SRAM
CY7C1441AV33 CYPRESS-CY7C1441AV33_13 Datasheet
986Kb / 34P
   36-Mbit (1 M x 36) Flow-Through SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com