Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1441KV25 Datasheet(PDF) 14 Page - Cypress Semiconductor

Part # CY7C1441KV25
Description  36-Mbit (1M36) Flow-Through SRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1441KV25 Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button CY7C1441KV25 Datasheet HTML 10Page - Cypress Semiconductor CY7C1441KV25 Datasheet HTML 11Page - Cypress Semiconductor CY7C1441KV25 Datasheet HTML 12Page - Cypress Semiconductor CY7C1441KV25 Datasheet HTML 13Page - Cypress Semiconductor CY7C1441KV25 Datasheet HTML 14Page - Cypress Semiconductor CY7C1441KV25 Datasheet HTML 15Page - Cypress Semiconductor CY7C1441KV25 Datasheet HTML 16Page - Cypress Semiconductor CY7C1441KV25 Datasheet HTML 17Page - Cypress Semiconductor CY7C1441KV25 Datasheet HTML 18Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Document Number: 001-94722 Rev. *E
Page 14 of 29
CY7C1441KV25
TAP AC Switching Characteristics
Over the Operating Range
Parameter [9, 10]
Parameter
Min
Max
Unit
Clock
tTCYC
TCK Clock Cycle Time
50
ns
tTF
TCK Clock Frequency
20
MHz
tTH
TCK Clock HIGH time
20
ns
tTL
TCK Clock LOW time
20
ns
Output Times
tTDOV
TCK Clock LOW to TDO Valid
10
ns
tTDOX
TCK Clock LOW to TDO Invalid
0
ns
Setup Times
tTMSS
TMS Setup to TCK Clock Rise
5
ns
tTDIS
TDI Setup to TCK Clock Rise
5
ns
tCS
Capture SetUp to TCK Rise
5
ns
Hold Times
tTMSH
TMS Hold after TCK Clock Rise
5
ns
tTDIH
TDI Hold after Clock Rise
5
ns
tCH
Capture Hold after Clock Rise
5
ns
Notes
9. tCS and tCH refer to the setup and hold time requirements of latching data from the boundary scan register.
10. Test conditions are specified using the load in TAP AC test Conditions. tR/tF = 2 V/ns (Slew Rate).


Similar Part No. - CY7C1441KV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1441KV33 CYPRESS-CY7C1441KV33 Datasheet
1Mb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1441KV33-133AXC CYPRESS-CY7C1441KV33-133AXC Datasheet
1Mb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1441KV33-133AXI CYPRESS-CY7C1441KV33-133AXI Datasheet
1Mb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1441KV33-133BZXI CYPRESS-CY7C1441KV33-133BZXI Datasheet
1Mb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1441KVE33 CYPRESS-CY7C1441KVE33 Datasheet
1Mb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
More results

Similar Description - CY7C1441KV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1441KV33 CYPRESS-CY7C1441KV33 Datasheet
1Mb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1461KV33 CYPRESS-CY7C1461KV33 Datasheet
2Mb / 23P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1440KV25 CYPRESS-CY7C1440KV25 Datasheet
2Mb / 30P
   36-Mbit (1M 횞 36) Pipelined Sync SRAM
CY7C1381KV33 CYPRESS-CY7C1381KV33 Datasheet
1Mb / 34P
   18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM (With ECC)
CY7C13451G CYPRESS-CY7C13451G Datasheet
746Kb / 23P
   4-Mbit (128K 횞 36) Flow-Through Sync SRAM
CY7C1481BV25 CYPRESS-CY7C1481BV25 Datasheet
709Kb / 21P
   72-Mbit (2 M 횞 36) Flow-Through SRAM
CY7C1481BV33 CYPRESS-CY7C1481BV33 Datasheet
951Kb / 32P
   72-Mbit (2 M 횞 36) Flow-Through SRAM
CY7C1345G CYPRESS-CY7C1345G_12 Datasheet
760Kb / 23P
   4-Mbit (128 K 횞 36) Flow-Through Sync SRAM
CY7C1381B CYPRESS-CY7C1381B Datasheet
599Kb / 31P
   512 횞 36/1M 횞 18 Flow-Thru SRAM
CY7C1441AV33 CYPRESS-CY7C1441AV33_13 Datasheet
986Kb / 34P
   36-Mbit (1 M x 36) Flow-Through SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com