Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1441KV25 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C1441KV25
Description  36-Mbit (1M36) Flow-Through SRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1441KV25 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C1441KV25 Datasheet HTML 7Page - Cypress Semiconductor CY7C1441KV25 Datasheet HTML 8Page - Cypress Semiconductor CY7C1441KV25 Datasheet HTML 9Page - Cypress Semiconductor CY7C1441KV25 Datasheet HTML 10Page - Cypress Semiconductor CY7C1441KV25 Datasheet HTML 11Page - Cypress Semiconductor CY7C1441KV25 Datasheet HTML 12Page - Cypress Semiconductor CY7C1441KV25 Datasheet HTML 13Page - Cypress Semiconductor CY7C1441KV25 Datasheet HTML 14Page - Cypress Semiconductor CY7C1441KV25 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Document Number: 001-94722 Rev. *E
Page 11 of 29
CY7C1441KV25
TAP Instruction Set
Overview
Eight different instructions are possible with the three bit
instruction register.All combinations are listed in the Identification
Codes on page 16. Three of these instructions are listed as
RESERVED and should not be used. The other five instructions
are described in detail below.
Instructions are loaded into the TAP controller during the Shift-IR
state when the instruction register is placed between TDI and
TDO. During this state, instructions are shifted through the
instruction register through the TDI and TDO balls. To execute
the instruction after it is shifted in, the TAP controller must be
moved into the Update-IR state.
IDCODE
The IDCODE instruction causes a vendor specific, 32-bit code to
be loaded into the instruction register. It also places the
instruction register between the TDI and TDO balls and allows
the IDCODE to be shifted out of the device when the TAP
controller enters the Shift-DR state.
The IDCODE instruction is loaded into the instruction register on
power up or whenever the TAP controller is given a test logic
reset state.
SAMPLE Z
The SAMPLE Z instruction causes the boundary scan register to
be connected between the TDI and TDO pins when the TAP
controller is in a Shift-DR state. The SAMPLE Z command puts
the output bus into a High Z state until the next command is given
during the “Update IR” state.
SAMPLE/PRELOAD
SAMPLE/PRELOAD is a 1149.1 mandatory instruction. When
the SAMPLE/PRELOAD instructions are loaded into the
instruction register and the TAP controller is in the Capture-DR
state, a snapshot of data on the inputs and output pins is
captured in the boundary scan register.
The user must be aware that the TAP controller clock can only
operate at a frequency up to 20 MHz, while the SRAM clock
operates more than an order of magnitude faster. Because there
is a large difference in the clock frequencies, it is possible that
during the Capture-DR state, an input or output may undergo a
transition. The TAP may then try to capture a signal while in
transition (metastable state). This does not harm the device, but
there is no guarantee as to the value that is captured.
Repeatable results may not be possible.
To guarantee that the boundary scan register captures the
correct value of a signal, the SRAM signal must be stabilized
long enough to meet the TAP controller’s capture setup plus hold
times (tCS and tCH). The SRAM clock input might not be captured
correctly if there is no way in a design to stop (or slow) the clock
during a SAMPLE/PRELOAD instruction. If this is an issue, it is
still possible to capture all other signals and simply ignore the
value of the clock captured in the boundary scan register.
When the data is captured, it is possible to shift out the data by
putting the TAP into the Shift-DR state. This places the boundary
scan register between the TDI and TDO pins.
PRELOAD allows an initial data pattern to be placed at the
latched parallel outputs of the boundary scan register cells prior
to the selection of another boundary scan test operation.
The shifting of data for the SAMPLE and PRELOAD phases can
occur concurrently when required – that is, while data captured
is shifted out, the preloaded data can be shifted in.
BYPASS
When the BYPASS instruction is loaded in the instruction register
and the TAP is placed in a Shift-DR state, the bypass register is
placed between the TDI and TDO pins. The advantage of the
BYPASS instruction is that it shortens the boundary scan path
when multiple devices are connected together on a board.
EXTEST
The EXTEST instruction enables the preloaded data to be driven
out through the system output pins. This instruction also selects
the boundary scan register to be connected for serial access
between the TDI and TDO in the Shift-DR controller state.
EXTEST OUTPUT BUS TRI-STATE
IEEE Standard 1149.1 mandates that the TAP controller be able
to put the output bus into a tri-state mode.
The boundary scan register has a special bit located at bit #89
(for 165-ball FBGA package). When this scan cell, called the
“extest output bus tri-state”, is latched into the preload register
during the Update-DR state in the TAP controller, it directly
controls the state of the output (Q-bus) pins when the EXTEST
is entered as the current instruction. When HIGH, it enables the
output buffers to drive the output bus. When LOW, this bit places
the output bus into a High Z condition.
This bit can be set by entering the SAMPLE/PRELOAD, or
EXTEST command and then shifting the desired bit into that cell
during the Shift-DR state. During Update-DR, the value loaded
into that shift register cell latches into the preload register. When
the EXTEST instruction is entered, this bit directly controls the
output Q-bus pins. Note that this bit is preset HIGH to enable the
output when the device is powered up and also when the TAP
controller is in the Test-Logic-Reset” state.
Reserved
These instructions are not implemented but are reserved for
future use. Do not use these instructions.


Similar Part No. - CY7C1441KV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1441KV33 CYPRESS-CY7C1441KV33 Datasheet
1Mb / 32P
36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1441KV33-133AXC CYPRESS-CY7C1441KV33-133AXC Datasheet
1Mb / 32P
36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1441KV33-133AXI CYPRESS-CY7C1441KV33-133AXI Datasheet
1Mb / 32P
36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1441KV33-133BZXI CYPRESS-CY7C1441KV33-133BZXI Datasheet
1Mb / 32P
36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1441KVE33 CYPRESS-CY7C1441KVE33 Datasheet
1Mb / 32P
36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
More results

Similar Description - CY7C1441KV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1381B CYPRESS-CY7C1381B Datasheet
599Kb / 31P
512 횞 36/1M 횞 18 Flow-Thru SRAM
CY7C1345G CYPRESS-CY7C1345G_12 Datasheet
760Kb / 23P
4-Mbit (128 K 횞 36) Flow-Through Sync SRAM
CY7C1481BV33 CYPRESS-CY7C1481BV33 Datasheet
951Kb / 32P
72-Mbit (2 M 횞 36) Flow-Through SRAM
CY7C1441AV33 CYPRESS-CY7C1441AV33_13 Datasheet
986Kb / 34P
36-Mbit (1 M x 36) Flow-Through SRAM
CY7C1381KV33 CYPRESS-CY7C1381KV33 Datasheet
1Mb / 34P
18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM (With ECC)
CY7C1440KV25 CYPRESS-CY7C1440KV25 Datasheet
2Mb / 30P
36-Mbit (1M 횞 36) Pipelined Sync SRAM
CY7C1441KV33 CYPRESS-CY7C1441KV33 Datasheet
1Mb / 32P
36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1461KV33 CYPRESS-CY7C1461KV33 Datasheet
2Mb / 23P
36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1481BV25 CYPRESS-CY7C1481BV25 Datasheet
709Kb / 21P
72-Mbit (2 M 횞 36) Flow-Through SRAM
CY7C13451G CYPRESS-CY7C13451G Datasheet
746Kb / 23P
4-Mbit (128K 횞 36) Flow-Through Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com