Electronic Components Datasheet Search |
|
CY7C1441KV25 Datasheet(PDF) 1 Page - Cypress Semiconductor |
|
|
CY7C1441KV25 Datasheet(HTML) 1 Page - Cypress Semiconductor |
1 / 29 page CY7C1441KV25 36-Mbit (1M × 36) Flow-Through SRAM Cypress Semiconductor Corporation • 198 Champion Court • San Jose , CA 95134-1709 • 408-943-2600 Document Number: 001-94722 Rev. *E Revised January 3, 2018 36-Mbit (1M × 36) Flow-Through SRAM Features ■ Supports 133-MHz bus operations ■ 1M × 36 common I/O ■ 2.5-V core power supply ■ 2.5-V I/O power supply ■ Fast clock-to-output times ❐ 6.5 ns (133-MHz version) ■ Provide high performance 2-1-1-1 access rate ■ User selectable burst counter supporting interleaved or linear burst sequences ■ Separate processor and controller address strobes ■ Synchronous self timed write ■ Asynchronous output enable ■ CY7C1441KV25 available in Pb-free 165-ball FBGA package. ■ JTAG boundary scan for FBGA package ■ ZZ sleep mode option Functional Description The CY7C1441KV25 is a 2.5 V, 1M × 36 synchronous flow-through SRAM, designed to interface with high-speed microprocessors with minimum glue logic. Maximum access delay from clock rise is 6.5 ns (133-MHz version). A 2-bit on-chip counter captures the first address in a burst and increments the address automatically for the rest of the burst access. All synchronous inputs are gated by registers controlled by a positive edge-triggered Clock (CLK) input. The synchronous inputs include all addresses, all data inputs, address pipelining Chip Enable (CE1), depth expansion Chip Enables (CE2 and CE3), Burst Control inputs (ADSC, ADSP, and ADV), Write Enables (BWx and BWE), and Global Write (GW). Asynchronous inputs include the Output Enable (OE) and the ZZ pin. The CY7C1441KV25 allows either interleaved or linear burst sequences, selected by the MODE input pin. A HIGH selects an interleaved burst sequence and a LOW selects a linear burst sequence. Burst accesses can be initiated with the Processor Address Strobe (ADSP) or the cache Controller Address Strobe (ADSC) inputs. Address advancement is controlled by the Address Advancement (ADV) input. Addresses and chip enables are registered at rising edge of clock when either ADSP or ADSC are active. Subsequent burst addresses can be internally generated as controlled by the ADV. The CY7C1441KV25 operates from a +2.5 V core power supply while all outputs may operate with either a +2.5 V supply. All inputs and outputs are JEDEC-standard JESD8-5 compatible. Selection Guide Description 133 MHz Unit Maximum Access Time 6.5 ns Maximum Operating Current × 36 170 mA |
Similar Part No. - CY7C1441KV25 |
|
Similar Description - CY7C1441KV25 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |