Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1441KV25 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C1441KV25
Description  36-Mbit (1M36) Flow-Through SRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1441KV25 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C1441KV25 Datasheet HTML 1Page - Cypress Semiconductor CY7C1441KV25 Datasheet HTML 2Page - Cypress Semiconductor CY7C1441KV25 Datasheet HTML 3Page - Cypress Semiconductor CY7C1441KV25 Datasheet HTML 4Page - Cypress Semiconductor CY7C1441KV25 Datasheet HTML 5Page - Cypress Semiconductor CY7C1441KV25 Datasheet HTML 6Page - Cypress Semiconductor CY7C1441KV25 Datasheet HTML 7Page - Cypress Semiconductor CY7C1441KV25 Datasheet HTML 8Page - Cypress Semiconductor CY7C1441KV25 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Document Number: 001-94722 Rev. *E
Page 4 of 29
CY7C1441KV25
Pin Configurations
Figure 1. 165-ball FBGA (15 × 17 × 1.4 mm) Pinout
CY7C1441KV25 (1M × 36)
234
5
6
7
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
TDO
NC/288M
NC/144M
DQPC
DQC
DQPD
NC
DQD
CE1
BWB
CE3
BWC
BWE
A
CE2
DQC
DQD
DQD
MODE
NC
DQC
DQC
DQD
DQD
DQD
A
NC/72M
VDDQ
BWD
BWA
CLK
GW
VSS
VSS
VSS
VSS
VDDQ
VSS
VDD
VSS
VSS
VSS
VSS
VSS
VSS
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDDQ
VDDQ
A
A
VDD
VSS
VDD
VSS
VSS
VDDQ
VDD
VSS
VDD
VSS
VDD
VSS
VSS
VSS
VDD
VDD
VSS
VDD
VSS
VSS
NC
TCK
VSS
TDI
A
A
DQC
VSS
DQC
VSS
DQC
DQC
NC
VSS
VSS
VSS
VSS
NC
VSS
A1
DQD
DQD
NC
NC
VDDQ
VSS
TMS
89
10
11
A
ADV
A
ADSC
NC
OE
ADSP
A
NC/576M
VSS
VDDQ
NC/1G
DQPB
VDDQ
VDD
DQB
DQB
DQB
NC
DQB
NC
DQA
DQA
VDD
VDDQ
VDD
VDDQ
DQB
VDD
NC
VDD
DQA
VDD
VDDQ
DQA
VDDQ
VDD
VDD
VDDQ
VDD
VDDQ
DQA
VDDQ
A
A
VSS
A
A
A
DQB
DQB
DQB
ZZ
DQA
DQA
DQPA
DQA
A
VDDQ
A
A0
A
VSS
A


Similar Part No. - CY7C1441KV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1441KV33 CYPRESS-CY7C1441KV33 Datasheet
1Mb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1441KV33-133AXC CYPRESS-CY7C1441KV33-133AXC Datasheet
1Mb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1441KV33-133AXI CYPRESS-CY7C1441KV33-133AXI Datasheet
1Mb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1441KV33-133BZXI CYPRESS-CY7C1441KV33-133BZXI Datasheet
1Mb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1441KVE33 CYPRESS-CY7C1441KVE33 Datasheet
1Mb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
More results

Similar Description - CY7C1441KV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1441KV33 CYPRESS-CY7C1441KV33 Datasheet
1Mb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1461KV33 CYPRESS-CY7C1461KV33 Datasheet
2Mb / 23P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1440KV25 CYPRESS-CY7C1440KV25 Datasheet
2Mb / 30P
   36-Mbit (1M 횞 36) Pipelined Sync SRAM
CY7C1381KV33 CYPRESS-CY7C1381KV33 Datasheet
1Mb / 34P
   18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM (With ECC)
CY7C13451G CYPRESS-CY7C13451G Datasheet
746Kb / 23P
   4-Mbit (128K 횞 36) Flow-Through Sync SRAM
CY7C1481BV25 CYPRESS-CY7C1481BV25 Datasheet
709Kb / 21P
   72-Mbit (2 M 횞 36) Flow-Through SRAM
CY7C1481BV33 CYPRESS-CY7C1481BV33 Datasheet
951Kb / 32P
   72-Mbit (2 M 횞 36) Flow-Through SRAM
CY7C1345G CYPRESS-CY7C1345G_12 Datasheet
760Kb / 23P
   4-Mbit (128 K 횞 36) Flow-Through Sync SRAM
CY7C1381B CYPRESS-CY7C1381B Datasheet
599Kb / 31P
   512 횞 36/1M 횞 18 Flow-Thru SRAM
CY7C1441AV33 CYPRESS-CY7C1441AV33_13 Datasheet
986Kb / 34P
   36-Mbit (1 M x 36) Flow-Through SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com