Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1440KV33 Datasheet(PDF) 28 Page - Cypress Semiconductor

Part # CY7C1440KV33
Description  36-Mbit (1M36/2M18) Pipelined Sync SRAM (With ECC)
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1440KV33 Datasheet(HTML) 28 Page - Cypress Semiconductor

Back Button CY7C1440KV33 Datasheet HTML 24Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 25Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 26Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 27Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 28Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 29Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 30Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 31Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 32Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
CY7C1440KV33
CY7C1442KV33
CY7C1440KVE33
Document Number: 001-66676 Rev. *G
Page 28 of 33
Ordering Information
Table 1 lists the ordering codes. The table contains only the parts that are currently available. If you do not see what you are looking
for, contact your local sales representative. For more information, visit the Cypress website at www.cypress.com and refer to the
product summary page at http://www.cypress.com/products.
Ordering Code Definitions
Table 1. Ordering Information
Speed (MHz)
Ordering Code
Package Diagram
Part and Package Type
Operating Range
250
CY7C1440KV33-250AXC
51-85050
100-pin TQFP (14 × 20 × 1.4 mm) Pb-free
Commercial
CY7C1440KV33-250BZXI
51-85195
165-ball FBGA (15 × 17 × 1.4 mm) Pb-free
Industrial
CY7C1442KV33-250AXC
51-85050
100-pin TQFP (14 × 20 × 1.4 mm) Pb-free
Commercial
167
CY7C1440KV33-167AXC
100-pin TQFP (14 × 20 × 1.4 mm) Pb-free
CY7C1440KVE33-167AXC
100-pin TQFP (14 × 20 × 1.4 mm) Pb-free
Temperature range: X = C or I
C = Commercial = 0 °C to +70 °C; I = Industrial = –40 °C to +85 °C
X = Pb-free; X Absent = Leaded
Package Type: XX = A or BZ
A = 100-pin TQFP
BZ = 165-ball FBGA
Speed Grade: XXX = 167 MHz or 250 MHz
33 = 3.3 V VDD
E = Device with ECC; E Absent = Device without ECC
Process Technology: KV = 65 nm
Part Identifier: 14XX = 1440 or 1442
1440 = SCD, 1M × 36 (36-Mbit)
1442 = SCD, 2M × 18 (36-Mbit)
Technology Code: C = CMOS
Marketing Code: 7 = SRAM
Company ID: CY = Cypress
C14XX
- XXX
X
XX
33
X
CY 7
KV E


Similar Part No. - CY7C1440KV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1440KV25 CYPRESS-CY7C1440KV25 Datasheet
2Mb / 30P
   36-Mbit (1M 횞 36) Pipelined Sync SRAM
More results

Similar Description - CY7C1440KV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1444KV33 CYPRESS-CY7C1444KV33 Datasheet
1Mb / 22P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined DCD Sync SRAM
CY7C1460KV25 CYPRESS-CY7C1460KV25 Datasheet
830Kb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV33 CYPRESS-CY7C1460KV33 Datasheet
1,010Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1440KV25 CYPRESS-CY7C1440KV25 Datasheet
2Mb / 30P
   36-Mbit (1M 횞 36) Pipelined Sync SRAM
CY7C1441KV33 CYPRESS-CY7C1441KV33 Datasheet
1Mb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1460SV25 CYPRESS-CY7C1460SV25 Datasheet
429Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1386KV33 CYPRESS-CY7C1386KV33 Datasheet
390Kb / 23P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined DCD Sync SRAM
CY7C1370KV33 CYPRESS-CY7C1370KV33 Datasheet
999Kb / 32P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1380KV33 CYPRESS-CY7C1380KV33 Datasheet
3Mb / 33P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM
CY7C1381KV33 CYPRESS-CY7C1381KV33 Datasheet
1Mb / 34P
   18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM (With ECC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com