Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1440KV33 Datasheet(PDF) 22 Page - Cypress Semiconductor

Part # CY7C1440KV33
Description  36-Mbit (1M36/2M18) Pipelined Sync SRAM (With ECC)
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1440KV33 Datasheet(HTML) 22 Page - Cypress Semiconductor

Back Button CY7C1440KV33 Datasheet HTML 18Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 19Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 20Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 21Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 22Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 23Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 24Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 25Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 26Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
CY7C1440KV33
CY7C1442KV33
CY7C1440KVE33
Document Number: 001-66676 Rev. *G
Page 22 of 33
Capacitance
Parameter [19]
Description
Test Conditions
100-pin TQFP
Max
165-ballFBGA
Max
Unit
CIN
Input capacitance
TA = 25 C, f = 1 MHz,
VDD = 3.3 V, VDDQ = 2.5 V
5
5
pF
CCLK
Clock input capacitance
5
5
pF
CI/O
Input/output capacitance
5
5
pF
Thermal Resistance
Parameter [19]
Description
Test Conditions
100-pin TQFP
Package
165-ballFBGA
Package
Unit
JA
Thermal resistance
(junction to ambient)
Test
conditions
follow standard test
methods
and
procedures
for
measuring thermal
impedance,
per
EIA/JESD51.
With Still Air (0 m/s)
35.36
14.24
°C/W
With Air Flow (1 m/s)
31.30
12.47
°C/W
With Air Flow (3 m/s)
28.86
11.40
°C/W
JC
Thermal resistance
(junction to case)
–7.52
3.92
°C/W
JB
Thermal resistance
(junction to board)
28.89
7.19
°C/W
AC Test Loads and Waveforms
Figure 3. AC Test Loads and Waveforms
OUTPUT
R = 317
R = 351
5pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
OUTPUT
RL = 50 
Z0 = 50 
VT= 1.5 V
3.3 V
ALL INPUT PULSES
VDDQ
GND
90%
10%
90%
10%
2 V/ns
 1ns
(c)
OUTPUT
R = 1667
R = 1538
5pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
OUTPUT
RL = 50 
Z0 = 50 
VT = 1.25 V
2.5 V
ALL INPUT PULSES
VDDQ
GND
90%
10%
90%
10%
2 V/ns
 1ns
(c)
3.3 V I/O Test Load
2.5 V I/O Test Load
Note
19. Tested initially and after any design or process change that may affect these parameters.


Similar Part No. - CY7C1440KV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1440KV25 CYPRESS-CY7C1440KV25 Datasheet
2Mb / 30P
   36-Mbit (1M 횞 36) Pipelined Sync SRAM
More results

Similar Description - CY7C1440KV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1444KV33 CYPRESS-CY7C1444KV33 Datasheet
1Mb / 22P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined DCD Sync SRAM
CY7C1460KV25 CYPRESS-CY7C1460KV25 Datasheet
830Kb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV33 CYPRESS-CY7C1460KV33 Datasheet
1,010Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1440KV25 CYPRESS-CY7C1440KV25 Datasheet
2Mb / 30P
   36-Mbit (1M 횞 36) Pipelined Sync SRAM
CY7C1441KV33 CYPRESS-CY7C1441KV33 Datasheet
1Mb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1460SV25 CYPRESS-CY7C1460SV25 Datasheet
429Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1386KV33 CYPRESS-CY7C1386KV33 Datasheet
390Kb / 23P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined DCD Sync SRAM
CY7C1370KV33 CYPRESS-CY7C1370KV33 Datasheet
999Kb / 32P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1380KV33 CYPRESS-CY7C1380KV33 Datasheet
3Mb / 33P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM
CY7C1381KV33 CYPRESS-CY7C1381KV33 Datasheet
1Mb / 34P
   18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM (With ECC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com