Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1440KV33 Datasheet(PDF) 20 Page - Cypress Semiconductor

Part # CY7C1440KV33
Description  36-Mbit (1M36/2M18) Pipelined Sync SRAM (With ECC)
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1440KV33 Datasheet(HTML) 20 Page - Cypress Semiconductor

Back Button CY7C1440KV33 Datasheet HTML 16Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 17Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 18Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 19Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 20Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 21Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 22Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 23Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
CY7C1440KV33
CY7C1442KV33
CY7C1440KVE33
Document Number: 001-66676 Rev. *G
Page 20 of 33
Maximum Ratings
Exceeding maximum ratings may shorten the useful life of the
device. User guidelines are not tested.
Storage temperature ................................ –65 °C to +150 °C
Ambient temperature with
power applied .......................................... –55 °C to +125 °C
Supply voltage on VDD relative to GND .......–0.3 V to +4.6 V
Supply voltage on VDDQ relative to GND ...... –0.3 V to +VDD
DC voltage applied to outputs
in tri-state ..........................................–0.5 V to VDDQ + 0.5 V
DC input voltage ................................. –0.5 V to VDD + 0.5 V
Current into outputs (LOW) ........................................ 20 mA
Static discharge voltage
(per MIL-STD-883, method 3015) ......................... > 2001 V
Latch-up current ................................................... > 200 mA
Operating Range
Range
Ambient
Temperature
VDD
VDDQ
Commercial
0 °C to +70 °C
3.3 V
– 5% /
+ 10%
2.5 V – 5% to
VDD
Industrial
–40 °C to +85 °C
Neutron Soft Error Immunity
Parameter
Description
Test
Conditions Typ Max* Unit
LSBU (Device
without ECC)
Logical
Single-Bit
Upsets
25 °C
<5
5
FIT/
Mb
LSBU (Device
with ECC)
0
0.01 FIT/
Mb
LMBU (All
Devices)
Logical
Multi-Bit
Upsets
25 °C
0
0.01 FIT/
Mb
SEL (All
Devices)
Single Event
Latch up
85 °C
0
0.1
FIT/
Dev
* No LMBU or SEL events occurred during testing; this column represents a
statistical
2, 95% confidence limit calculation. For more details refer to Application
Note AN54908 “Accelerated Neutron SER Testing and Calculation of Terrestrial
Failure Rates”.
Electrical Characteristics
Over the Operating Range
Parameter [17, 18]
Description
Test Conditions
Min
Max
Unit
VDD
Power supply voltage
3.135
3.6
V
VDDQ
I/O supply voltage
for 3.3 V I/O
3.135
VDD
V
for 2.5 V I/O
2.375
2.625
V
VOH
Output HIGH voltage
for 3.3 V I/O, IOH =4.0 mA
2.4
V
for 2.5 V I/O, IOH =1.0 mA
2.0
V
VOL
Output LOW voltage
for 3.3 V I/O, IOL = 8.0 mA
0.4
V
for 2.5 V I/O, IOL = 1.0 mA
0.4
V
VIH
Input HIGH voltage[17]
for 3.3 V I/O
2.0
VDD + 0.3 V
V
for 2.5 V I/O
1.7
VDD + 0.3 V
V
VIL
Input LOW voltage[17]
for 3.3 V I/O
–0.3
0.8
V
for 2.5 V I/O
–0.3
0.7
V
IX
Input leakage current except ZZ
and MODE
GND
 VI  VDDQ
–5
5
µA
Input current of MODE
Input = VSS
–30
µA
Input = VDD
–5
µA
Input current of ZZ
Input = VSS
–5
µA
Input = VDD
–30
µA
IOZ
Output leakage current
GND
 VI  VDDQ, output disabled
-5
5
µA
Notes
17. Overshoot: VIH(AC) < VDD + 1.5 V (Pulse width less than tCYC/2), undershoot: VIL(AC) > –2 V (Pulse width less than tCYC/2).
18. TPower-up: Assumes a linear ramp from 0 V to VDD(min) within 200 ms. During this time VIH < VDD and VDDQ < VDD.


Similar Part No. - CY7C1440KV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1440KV25 CYPRESS-CY7C1440KV25 Datasheet
2Mb / 30P
36-Mbit (1M 횞 36) Pipelined Sync SRAM
More results

Similar Description - CY7C1440KV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1444KV33 CYPRESS-CY7C1444KV33 Datasheet
1Mb / 22P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined DCD Sync SRAM
CY7C1460KV25 CYPRESS-CY7C1460KV25 Datasheet
830Kb / 32P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV33 CYPRESS-CY7C1460KV33 Datasheet
1,010Kb / 31P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1440KV25 CYPRESS-CY7C1440KV25 Datasheet
2Mb / 30P
36-Mbit (1M 횞 36) Pipelined Sync SRAM
CY7C1441KV33 CYPRESS-CY7C1441KV33 Datasheet
1Mb / 32P
36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1460SV25 CYPRESS-CY7C1460SV25 Datasheet
429Kb / 31P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1386KV33 CYPRESS-CY7C1386KV33 Datasheet
390Kb / 23P
18-Mbit (512K 횞 36/1M 횞 18) Pipelined DCD Sync SRAM
CY7C1370KV33 CYPRESS-CY7C1370KV33 Datasheet
999Kb / 32P
18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1380KV33 CYPRESS-CY7C1380KV33 Datasheet
3Mb / 33P
18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM
CY7C1381KV33 CYPRESS-CY7C1381KV33 Datasheet
1Mb / 34P
18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM (With ECC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com