Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1440KV33 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CY7C1440KV33
Description  36-Mbit (1M36/2M18) Pipelined Sync SRAM (With ECC)
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1440KV33 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CY7C1440KV33 Datasheet HTML 9Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 10Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 11Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 12Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 13Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 14Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 15Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 16Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
CY7C1440KV33
CY7C1442KV33
CY7C1440KVE33
Document Number: 001-66676 Rev. *G
Page 13 of 33
IEEE 1149.1 Serial Boundary Scan (JTAG)
The CY7C1440KV33 incorporates a serial boundary scan test
access port (TAP). This part is fully compliant with IEEE Standard
1149.1. The TAP operates using JEDEC-standard 3.3 V or 2.5 V
I/O logic levels.
The CY7C1440KV33 contains a TAP controller, instruction
register, boundary scan register, bypass register, and ID register.
Disabling the JTAG Feature
It is possible to operate the SRAM without using the JTAG
feature. To disable the TAP controller, TCK must be tied LOW
(VSS) to prevent clocking of the device. TDI and TMS are
internally pulled up and may be unconnected. They may
alternately be connected to VDD through a pull-up resistor. TDO
should be left unconnected. Upon power-up, the device will
come up in a reset state which will not interfere with the operation
of the device.
Test Access Port (TAP)
Test Clock (TCK)
The test clock is used only with the TAP controller. All inputs are
captured on the rising edge of TCK. All outputs are driven from
the falling edge of TCK.
Test Mode Select (TMS)
The TMS input is used to give commands to the TAP controller
and is sampled on the rising edge of TCK. It is allowable to leave
this ball unconnected if the TAP is not used. The ball is pulled up
internally, resulting in a logic HIGH level.
Test Data-In (TDI)
The TDI ball is used to serially input information into the registers
and can be connected to the input of any of the registers. The
register between TDI and TDO is chosen by the instruction that
is loaded into the TAP instruction register. TDI is internally pulled
up and can be unconnected if the TAP is unused in an
application. TDI is connected to the most significant bit (MSB) of
any register (see TAP Controller Block Diagram on page 15).
Test Data-Out (TDO)
The TDO output ball is used to serially clock data-out from the
registers. The output is active depending upon the current state
of the TAP state machine. The output changes on the falling edge
of TCK. TDO is connected to the least significant bit (LSB) of any
register (see TAP Controller State Diagram on page 15).
Performing a TAP Reset
A RESET is performed by forcing TMS HIGH (VDD) for five rising
edges of TCK. This RESET does not affect the operation of the
SRAM and may be performed while the SRAM is operating.
At power-up, the TAP is reset internally to ensure that TDO
comes up in a high Z state.
TAP Registers
Registers are connected between the TDI and TDO balls and
allow data to be scanned into and out of the SRAM test circuitry.
Only one register can be selected at a time through the
instruction register. Data is serially loaded into the TDI ball on the
rising edge of TCK. Data is output on the TDO ball on the falling
edge of TCK.
Instruction Register
Three-bit instructions can be serially loaded into the instruction
register. This register is loaded when it is placed between the TDI
and TDO balls as shown in the TAP Controller Block Diagram on
page 15. Upon power-up, the instruction register is loaded with
the IDCODE instruction. It is also loaded with the IDCODE
instruction if the controller is placed in a reset state as described
in the previous section.
When the TAP controller is in the Capture-IR state, the two least
significant bits are loaded with a binary “01” pattern to allow for
fault isolation of the board-level serial test data path.
Bypass Register
To save time when serially shifting data through registers, it is
sometimes advantageous to skip certain chips. The bypass
register is a single-bit register that can be placed between the
TDI and TDO balls. This allows data to be shifted through the
SRAM with minimal delay. The bypass register is set LOW (VSS)
when the BYPASS instruction is executed.
Boundary Scan Register
The boundary scan register is connected to all the input and
bidirectional balls on the SRAM.
The boundary scan register is loaded with the contents of the
RAM I/O ring when the TAP controller is in the Capture-DR state
and is then placed between the TDI and TDO balls when the
controller is moved to the Shift-DR state. The EXTEST,
SAMPLE/PRELOAD and SAMPLE Z instructions can be used to
capture the contents of the I/O ring.
The Boundary Scan Order on page 19 show the order in which
the bits are connected. Each bit corresponds to one of the bumps
on the SRAM package. The MSB of the register is connected to
TDI, and the LSB is connected to TDO.
Identification (ID) Register
The ID register is loaded with a vendor-specific, 32-bit code
during the Capture-DR state when the IDCODE command is
loaded in the instruction register. The IDCODE is hardwired into
the SRAM and can be shifted out when the TAP controller is in
the Shift-DR state. The ID register has a vendor code and other
information described in the Identification Register Definitions on
page 18.


Similar Part No. - CY7C1440KV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1440KV25 CYPRESS-CY7C1440KV25 Datasheet
2Mb / 30P
36-Mbit (1M 횞 36) Pipelined Sync SRAM
More results

Similar Description - CY7C1440KV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1460SV25 CYPRESS-CY7C1460SV25 Datasheet
429Kb / 31P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1370KV33 CYPRESS-CY7C1370KV33 Datasheet
999Kb / 32P
18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1380KV33 CYPRESS-CY7C1380KV33 Datasheet
3Mb / 33P
18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM
CY7C1381KV33 CYPRESS-CY7C1381KV33 Datasheet
1Mb / 34P
18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM (With ECC)
CY7C1386KV33 CYPRESS-CY7C1386KV33 Datasheet
390Kb / 23P
18-Mbit (512K 횞 36/1M 횞 18) Pipelined DCD Sync SRAM
CY7C1440KV25 CYPRESS-CY7C1440KV25 Datasheet
2Mb / 30P
36-Mbit (1M 횞 36) Pipelined Sync SRAM
CY7C1441KV33 CYPRESS-CY7C1441KV33 Datasheet
1Mb / 32P
36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1444KV33 CYPRESS-CY7C1444KV33 Datasheet
1Mb / 22P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined DCD Sync SRAM
CY7C1460KV25 CYPRESS-CY7C1460KV25 Datasheet
830Kb / 32P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV33 CYPRESS-CY7C1460KV33 Datasheet
1,010Kb / 31P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com