Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1440KV33 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1440KV33
Description  36-Mbit (1M36/2M18) Pipelined Sync SRAM (With ECC)
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1440KV33 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1440KV33 Datasheet HTML 6Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 7Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 8Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 9Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 10Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 11Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 12Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 13Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
CY7C1440KV33
CY7C1442KV33
CY7C1440KVE33
Document Number: 001-66676 Rev. *G
Page 10 of 33
Interleaved Burst Address Table
(MODE = Floating or VDD)
First
Address
A1: A0
Second
Address
A1: A0
Third
Address
A1: A0
Fourth
Address
A1: A0
00
01
10
11
01
00
11
10
10
11
00
01
11
10
01
00
Linear Burst Address Table
(MODE = GND)
First
Address
A1: A0
Second
Address
A1: A0
Third
Address
A1: A0
Fourth
Address
A1: A0
00
01
10
11
01
10
11
00
10
11
00
01
11
00
01
10
ZZ Mode Electrical Characteristics
Parameter
Description
Test Conditions
Min
Max
Unit
IDDZZ
Sleep mode standby current
ZZ > VDD– 0.2 V
75
mA
tZZS
Device operation to ZZ
ZZ > VDD – 0.2 V
2tCYC
ns
tZZREC
ZZ recovery time
ZZ < 0.2 V
2tCYC
–ns
tZZI
ZZ active to sleep current
This parameter is sampled
2tCYC
ns
tRZZI
ZZ inactive to exit sleep current
This parameter is sampled
0
ns


Similar Part No. - CY7C1440KV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1440KV25 CYPRESS-CY7C1440KV25 Datasheet
2Mb / 30P
36-Mbit (1M 횞 36) Pipelined Sync SRAM
More results

Similar Description - CY7C1440KV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1460SV25 CYPRESS-CY7C1460SV25 Datasheet
429Kb / 31P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1370KV33 CYPRESS-CY7C1370KV33 Datasheet
999Kb / 32P
18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1380KV33 CYPRESS-CY7C1380KV33 Datasheet
3Mb / 33P
18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM
CY7C1381KV33 CYPRESS-CY7C1381KV33 Datasheet
1Mb / 34P
18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM (With ECC)
CY7C1386KV33 CYPRESS-CY7C1386KV33 Datasheet
390Kb / 23P
18-Mbit (512K 횞 36/1M 횞 18) Pipelined DCD Sync SRAM
CY7C1440KV25 CYPRESS-CY7C1440KV25 Datasheet
2Mb / 30P
36-Mbit (1M 횞 36) Pipelined Sync SRAM
CY7C1441KV33 CYPRESS-CY7C1441KV33 Datasheet
1Mb / 32P
36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1444KV33 CYPRESS-CY7C1444KV33 Datasheet
1Mb / 22P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined DCD Sync SRAM
CY7C1460KV25 CYPRESS-CY7C1460KV25 Datasheet
830Kb / 32P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV33 CYPRESS-CY7C1460KV33 Datasheet
1,010Kb / 31P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com