Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1440KV33 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1440KV33
Description  36-Mbit (1M36/2M18) Pipelined Sync SRAM (With ECC)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1440KV33 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1440KV33 Datasheet HTML 1Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 2Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 3Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 4Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 5Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 6Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 7Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 8Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
CY7C1440KV33
CY7C1442KV33
CY7C1440KVE33
36-Mbit (1M × 36/2M × 18)
Pipelined Sync SRAM (With ECC)
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-66676 Rev. *G
Revised July 5, 2016
36-Mbit (1M × 36/2M × 18) Pipelined Sync SRAM (With ECC)
Features
Supports bus operation up to 250 MHz
Available speed grades are 250 MHz and 167 MHz
Registered inputs and outputs for pipelined operation
3.3 V core power supply
2.5 V or 3.3 V I/O power supply
Fast clock-to-output time
2.5 ns (for 250 MHz device)
Provide high-performance 3-1-1-1 access rate
User-selectable burst counter supporting interleaved or linear
burst sequences
Separate processor and controller address strobes
Synchronous self-timed writes
Asynchronous output enable
Single cycle chip deselect
CY7C1440KV33, CY7C1442KV33 and CY7C1440KVE33 are
available in Pb-free 100-pin TQFP, and Pb-free and non Pb-free
165-ball FBGA packages.
IEEE 1149.1 JTAG-compatible boundary scan
“ZZ” sleep mode option
On-Chip error correction code (ECC) to reduce soft error rate
(SER)
Functional Description
The CY7C1440KV33/CY7C1442KV33/CY7C1440KVE33 SRAM
integrate 1M × 36/2M × 18/1M × 36 SRAM cells with advanced
synchronous peripheral circuitry and a two-bit counter for
internal burst operation. All synchronous inputs are gated by
registers controlled by a positive-edge-triggered clock input
(CLK). The synchronous inputs include all addresses, all data
inputs, address-pipelining chip enable (CE1), depth-expansion
chip enables (CE2 and CE3), burst control inputs (ADSC, ADSP,
and ADV), write enables (BWX and BWE), and global write (GW).
Asynchronous inputs include the output enable (OE) and the ZZ
pin.
Addresses and chip enables are registered at rising edge of
clock when either address strobe processor (ADSP) or address
strobe controller (ADSC) are active. Subsequent burst
addresses can be internally generated as controlled by the
advance pin (ADV).
Address, data inputs, and write controls are registered on-chip
to initiate a self-timed write cycle. This part supports byte write
operations (see pin descriptions and truth table for further
details). Write cycles can be one, two or four bytes wide as
controlled by the byte write control inputs. GW when active LOW
causes all bytes to be written.
The
CY7C1440KV33/CY7C1442KV33/CY7C1440KVE33
operate from a +3.3 V core power supply while all outputs may
operate with either a +2.5 V or +3.3 V supply. All inputs and
outputs are JEDEC-standard JESD8-5-compatible.
Selection Guide
Description
250 MHz
167 MHz
Unit
Maximum access time
2.5
3.4
ns
Maximum operating current
× 18
220
Not Offered mA
× 36
240
190


Similar Part No. - CY7C1440KV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1440KV25 CYPRESS-CY7C1440KV25 Datasheet
2Mb / 30P
36-Mbit (1M 횞 36) Pipelined Sync SRAM
More results

Similar Description - CY7C1440KV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1460SV25 CYPRESS-CY7C1460SV25 Datasheet
429Kb / 31P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1370KV33 CYPRESS-CY7C1370KV33 Datasheet
999Kb / 32P
18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1380KV33 CYPRESS-CY7C1380KV33 Datasheet
3Mb / 33P
18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM
CY7C1381KV33 CYPRESS-CY7C1381KV33 Datasheet
1Mb / 34P
18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM (With ECC)
CY7C1386KV33 CYPRESS-CY7C1386KV33 Datasheet
390Kb / 23P
18-Mbit (512K 횞 36/1M 횞 18) Pipelined DCD Sync SRAM
CY7C1440KV25 CYPRESS-CY7C1440KV25 Datasheet
2Mb / 30P
36-Mbit (1M 횞 36) Pipelined Sync SRAM
CY7C1441KV33 CYPRESS-CY7C1441KV33 Datasheet
1Mb / 32P
36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1444KV33 CYPRESS-CY7C1444KV33 Datasheet
1Mb / 22P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined DCD Sync SRAM
CY7C1460KV25 CYPRESS-CY7C1460KV25 Datasheet
830Kb / 32P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV33 CYPRESS-CY7C1460KV33 Datasheet
1,010Kb / 31P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com