Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1440KV33 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1440KV33
Description  36-Mbit (1M36/2M18) Pipelined Sync SRAM (With ECC)
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1440KV33 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1440KV33 Datasheet HTML 5Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 6Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 7Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 8Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 9Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 10Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 11Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 12Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
CY7C1440KV33
CY7C1442KV33
CY7C1440KVE33
Document Number: 001-66676 Rev. *G
Page 9 of 33
ADSP-triggered write accesses require two clock cycles to
complete. If GW is asserted LOW on the second clock rise, the
data presented to the DQs inputs is written into the
corresponding address location in the memory array. If GW is
HIGH, then the write operation is controlled by BWE and BWX
signals.
The
CY7C1440KV33/CY7C1442KV33/CY7C1440KVE33
provide byte write capability that is described in the Write Cycle
Descriptions table. Asserting the byte write enable input (BWE)
with the selected byte write (BWX) input, will selectively write to
only the desired bytes. Bytes not selected during a byte write
operation will remain unaltered. A synchronous self-timed Write
mechanism has been provided to simplify the write operations.
Because CY7C1440KV33/CY7C1442KV33/CY7C1440KVE33
are common I/O devices, the output enable (OE) must be
deasserted HIGH before presenting data to the DQs inputs.
Doing so will tri-state the output drivers. As a safety precaution,
DQs are automatically tri-stated whenever a Write cycle is
detected, regardless of the state of OE.
Single Write Accesses Initiated by ADSC
ADSC Write accesses are initiated when the following conditions
are satisfied: (1) ADSC is asserted LOW, (2) ADSP is deserted
HIGH, (3) CE1, CE2, CE3 are all asserted active, and (4) the
appropriate combination of the Write inputs (GW, BWE, and
BWX) are asserted active to conduct a Write to the desired
byte(s). ADSC-triggered write accesses require a single clock
cycle to complete. The address presented to A is loaded into the
address register and the address advancement logic while being
delivered to the memory array. The ADV input is ignored during
this cycle. If a global Write is conducted, the data presented to
the DQs is written into the corresponding address location in the
memory core. If a byte write is conducted, only the selected bytes
are written. Bytes not selected during a byte write operation will
remain unaltered. A synchronous self-timed write mechanism
has been provided to simplify the Write operations.
Because CY7C1440KV33/CY7C1442KV33/CY7C1440KVE33
are common I/O devices, the output enable (OE) must be
deasserted HIGH before presenting data to the DQs inputs.
Doing so will tri-state the output drivers. As a safety precaution,
DQs are automatically tri-stated whenever a Write cycle is
detected, regardless of the state of OE.
Burst Sequences
The
CY7C1440KV33/CY7C1442KV33/CY7C1440KVE33
provide a two-bit wraparound counter, fed by A1: A0, that
implements either an interleaved or linear burst sequence. The
interleaved burst sequence is designed specifically to support
Intel Pentium applications. The burst sequence is user
selectable through the MODE input. Asserting ADV LOW at
clock rise will automatically increment the burst counter to the
next address in the burst sequence. Both read and write burst
operations are supported.
Sleep Mode
The ZZ input pin is an asynchronous input. Asserting ZZ places
the SRAM in a power conservation “sleep” mode. Two clock
cycles are required to enter into or exit from this “sleep” mode.
While in this mode, data integrity is guaranteed. Accesses
pending when entering the “sleep” mode are not considered valid
nor is the completion of the operation guaranteed. The device
must be deselected prior to entering the “sleep” mode. CE1, CE2,
CE3, ADSP, and ADSC must remain inactive for the duration of
tZZREC after the ZZ input returns LOW.
On-Chip ECC
CY7C1440KVE33 SRAMs include an on-chip ECC algorithm
that detects and corrects all single-bit memory errors, including
Soft Error Upset (SEU) events induced by cosmic rays, alpha
particles etc. The resulting Soft Error Rate (SER) of these
devices
is
anticipated
to
be
<0.01
FITs/Mb
a
4-order-of-magnitude improvement over comparable SRAMs
with no On-Chip ECC, which typically have an SER of
200 FITs/Mb or more. To protect the internal data, ECC parity bits
(invisible to the user) are used.
The ECC algorithm does not correct multi-bit errors. However,
Cypress SRAMs are architected in such a way that a single SER
event has a very low probability of causing a multi-bit error
across any data word. The extreme rarity of multi-bit errors
results in a SER of <0.01 FITs/Mb.


Similar Part No. - CY7C1440KV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1440KV25 CYPRESS-CY7C1440KV25 Datasheet
2Mb / 30P
36-Mbit (1M 횞 36) Pipelined Sync SRAM
More results

Similar Description - CY7C1440KV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1444KV33 CYPRESS-CY7C1444KV33 Datasheet
1Mb / 22P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined DCD Sync SRAM
CY7C1460KV25 CYPRESS-CY7C1460KV25 Datasheet
830Kb / 32P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV33 CYPRESS-CY7C1460KV33 Datasheet
1,010Kb / 31P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1440KV25 CYPRESS-CY7C1440KV25 Datasheet
2Mb / 30P
36-Mbit (1M 횞 36) Pipelined Sync SRAM
CY7C1441KV33 CYPRESS-CY7C1441KV33 Datasheet
1Mb / 32P
36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1460SV25 CYPRESS-CY7C1460SV25 Datasheet
429Kb / 31P
36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1386KV33 CYPRESS-CY7C1386KV33 Datasheet
390Kb / 23P
18-Mbit (512K 횞 36/1M 횞 18) Pipelined DCD Sync SRAM
CY7C1370KV33 CYPRESS-CY7C1370KV33 Datasheet
999Kb / 32P
18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1380KV33 CYPRESS-CY7C1380KV33 Datasheet
3Mb / 33P
18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM
CY7C1381KV33 CYPRESS-CY7C1381KV33 Datasheet
1Mb / 34P
18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM (With ECC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com