Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1440KV33 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1440KV33
Description  36-Mbit (1M36/2M18) Pipelined Sync SRAM (With ECC)
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1440KV33 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1440KV33 Datasheet HTML 4Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 5Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 6Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 7Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 8Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 9Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 10Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 11Page - Cypress Semiconductor CY7C1440KV33 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
CY7C1440KV33
CY7C1442KV33
CY7C1440KVE33
Document Number: 001-66676 Rev. *G
Page 8 of 33
Functional Overview
All synchronous inputs pass through input registers controlled by
the rising edge of the clock. All data outputs pass through output
registers controlled by the rising edge of the clock. Maximum
access delay from the clock rise (tCO) is 2.5 ns (250-MHz
device).
The
CY7C1440KV33/CY7C1442KV33/CY7C1440KVE33
support secondary cache in systems utilizing either a linear or
interleaved burst sequence. The interleaved burst order
supports Pentium processors. The burst order is user selectable,
and is determined by sampling the MODE input. Accesses can
be initiated with either the processor address strobe (ADSP) or
the controller address strobe (ADSC). Address advancement
through the burst sequence is controlled by the ADV input. A
two-bit on-chip wraparound burst counter captures the first
address in a burst sequence and automatically increments the
address for the rest of the burst access.
Byte write operations are qualified with the byte write enable
(BWE) and byte write select (BWX) inputs. A global write enable
(GW) overrides all byte write inputs and writes data to all four
bytes. All writes are simplified with on-chip synchronous
self-timed Write circuitry.
Three synchronous chip selects (CE1, CE2, CE3) and an
asynchronous output enable (OE) provide for easy bank
selection and output tri-state control. ADSP is ignored if CE1 is
HIGH.
Single Read Accesses
This access is initiated when the following conditions are
satisfied at clock rise: (1) ADSP or ADSC is asserted LOW,
(2) CE1, CE2, CE3 are all asserted active, and (3) the write
signals (GW, BWE) are all deserted HIGH. ADSP is ignored if
CE1 is HIGH. The address presented to the address inputs (A)
is stored into the address advancement logic and the address
register while being presented to the memory array. The
corresponding data is allowed to propagate to the input of the
output registers. At the rising edge of the next clock the data is
allowed to propagate through the output register and onto the
data bus within 2.5 ns (250-MHz device) if OE is active LOW. The
only exception occurs when the SRAM is emerging from a
deselected state to a selected state, its outputs are always
tri-stated during the first cycle of the access. After the first cycle
of the access, the outputs are controlled by the OE signal.
Consecutive single Read cycles are supported. Once the SRAM
is deselected at clock rise by the chip select and either ADSP or
ADSC signals, its output will tri-state immediately.
Single Write Accesses Initiated by ADSP
This access is initiated when both of the following conditions are
satisfied at clock rise: (1) ADSP is asserted LOW, and (2) CE1,
CE2, CE3 are all asserted active. The address presented to A is
loaded into the address register and the address advancement
logic while being delivered to the memory array. The write signals
(GW, BWE, and BWX) and ADV inputs are ignored during this
first cycle.
VSS
Ground
Ground for the core of the device.
VSSQ
I/O ground
Ground for the I/O circuitry.
VDDQ
I/O power supply
Power supply for the I/O circuitry.
MODE
Input-static
Selects burst order. When tied to GND selects linear burst sequence. When tied to
VDD or left floating selects interleaved burst sequence. This is a strap pin and should
remain static during device operation. Mode pin has an internal pull-up.
TDO
JTAG serial output
synchronous
Serial data-out to the JTAG circuit. Delivers data on the negative edge of TCK. If
the JTAG feature is not being utilized, this pin should be disconnected. This pin is not
available on TQFP packages.
TDI
JTAG serial input
synchronous
Serial data-in to the JTAG circuit. Sampled on the rising edge of TCK. If the JTAG
feature is not being utilized, this pin can be disconnected or connected to VDD. This
pin is not available on TQFP packages.
TMS
JTAG serial input
synchronous
Serial data-in to the JTAG circuit. Sampled on the rising edge of TCK. If the JTAG
feature is not being utilized, this pin can be disconnected or connected to VDD. This
pin is not available on TQFP packages.
TCK
JTAG-clock
Clock input to the JTAG circuitry. If the JTAG feature is not being utilized, this pin
must be connected to VSS. This pin is not available on TQFP packages.
NC
No connects. Not internally connected to the die.
NC/72M, NC/144M,
NC/288M, NC/576M,
NC/1G
No connects. Not internally connected to the die. NC/72M, NC/144M, NC/288M,
NC/576M and NC/1G are address expansion pins are not internally connected to the
die.
Pin Definitions (continued)
Name
I/O
Description


Similar Part No. - CY7C1440KV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1440KV25 CYPRESS-CY7C1440KV25 Datasheet
2Mb / 30P
   36-Mbit (1M 횞 36) Pipelined Sync SRAM
More results

Similar Description - CY7C1440KV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1444KV33 CYPRESS-CY7C1444KV33 Datasheet
1Mb / 22P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined DCD Sync SRAM
CY7C1460KV25 CYPRESS-CY7C1460KV25 Datasheet
830Kb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV33 CYPRESS-CY7C1460KV33 Datasheet
1,010Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1440KV25 CYPRESS-CY7C1440KV25 Datasheet
2Mb / 30P
   36-Mbit (1M 횞 36) Pipelined Sync SRAM
CY7C1441KV33 CYPRESS-CY7C1441KV33 Datasheet
1Mb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1460SV25 CYPRESS-CY7C1460SV25 Datasheet
429Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1386KV33 CYPRESS-CY7C1386KV33 Datasheet
390Kb / 23P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined DCD Sync SRAM
CY7C1370KV33 CYPRESS-CY7C1370KV33 Datasheet
999Kb / 32P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1380KV33 CYPRESS-CY7C1380KV33 Datasheet
3Mb / 33P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM
CY7C1381KV33 CYPRESS-CY7C1381KV33 Datasheet
1Mb / 34P
   18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM (With ECC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com