Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1440KV25 Datasheet(PDF) 25 Page - Cypress Semiconductor

Part # CY7C1440KV25
Description  36-Mbit (1M36) Pipelined Sync SRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1440KV25 Datasheet(HTML) 25 Page - Cypress Semiconductor

Back Button CY7C1440KV25 Datasheet HTML 21Page - Cypress Semiconductor CY7C1440KV25 Datasheet HTML 22Page - Cypress Semiconductor CY7C1440KV25 Datasheet HTML 23Page - Cypress Semiconductor CY7C1440KV25 Datasheet HTML 24Page - Cypress Semiconductor CY7C1440KV25 Datasheet HTML 25Page - Cypress Semiconductor CY7C1440KV25 Datasheet HTML 26Page - Cypress Semiconductor CY7C1440KV25 Datasheet HTML 27Page - Cypress Semiconductor CY7C1440KV25 Datasheet HTML 28Page - Cypress Semiconductor CY7C1440KV25 Datasheet HTML 29Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
CY7C1440KV25
Document Number: 001-94719 Rev. *D
Page 25 of 30
Figure 7. ZZ Mode Timing [30, 31]
Switching Waveforms (continued)
t
ZZ
I
SUPPLY
CLK
ZZ
t
ZZREC
ALL INPUTS
(except ZZ)
DON’T CARE
I
DDZZ
t
ZZI
t
RZZI
Outputs (Q)
High-Z
DESELECT or READ Only
Notes
30. Device must be deselected when entering ZZ mode. See Cycle Descriptions table for all possible signal conditions to deselect the device.
31. DQs are in high Z when exiting ZZ sleep mode.


Similar Part No. - CY7C1440KV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1440KV33 CYPRESS-CY7C1440KV33 Datasheet
3Mb / 33P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined Sync SRAM (With ECC)
CY7C1440KVE33 CYPRESS-CY7C1440KVE33 Datasheet
3Mb / 33P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined Sync SRAM (With ECC)
More results

Similar Description - CY7C1440KV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1444KV33 CYPRESS-CY7C1444KV33 Datasheet
1Mb / 22P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined DCD Sync SRAM
CY7C1440KV33 CYPRESS-CY7C1440KV33 Datasheet
3Mb / 33P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined Sync SRAM (With ECC)
CY7C1440AV33 CYPRESS-CY7C1440AV33_12 Datasheet
809Kb / 33P
   36-Mbit (1 M 횞 36) Pipelined Sync SRAM
CY7C1386KV33 CYPRESS-CY7C1386KV33 Datasheet
390Kb / 23P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined DCD Sync SRAM
CY7C1444AV33 CYPRESS-CY7C1444AV33_12 Datasheet
603Kb / 23P
   36-Mbit (1 M 횞 36) Pipelined DCD Sync SRAM
CY7C1444AV33 CYPRESS-CY7C1444AV33 Datasheet
479Kb / 26P
   36-Mbit (1M x 36/2Mx 18) Pipelined DCD Sync SRAM
CY7C1347G CYPRESS-CY7C1347G_12 Datasheet
538Kb / 25P
   4-Mbit (128 K 횞 36) Pipelined Sync SRAM
CY7C1380KV33 CYPRESS-CY7C1380KV33 Datasheet
3Mb / 33P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM
CY7C1460SV25 CYPRESS-CY7C1460SV25 Datasheet
429Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1444AV25 CYPRESS-CY7C1444AV25 Datasheet
440Kb / 26P
   36-Mbit (1M x 36/2M x 18) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com