Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1440KV25 Datasheet(PDF) 16 Page - Cypress Semiconductor

Part # CY7C1440KV25
Description  36-Mbit (1M36) Pipelined Sync SRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1440KV25 Datasheet(HTML) 16 Page - Cypress Semiconductor

Back Button CY7C1440KV25 Datasheet HTML 12Page - Cypress Semiconductor CY7C1440KV25 Datasheet HTML 13Page - Cypress Semiconductor CY7C1440KV25 Datasheet HTML 14Page - Cypress Semiconductor CY7C1440KV25 Datasheet HTML 15Page - Cypress Semiconductor CY7C1440KV25 Datasheet HTML 16Page - Cypress Semiconductor CY7C1440KV25 Datasheet HTML 17Page - Cypress Semiconductor CY7C1440KV25 Datasheet HTML 18Page - Cypress Semiconductor CY7C1440KV25 Datasheet HTML 19Page - Cypress Semiconductor CY7C1440KV25 Datasheet HTML 20Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
CY7C1440KV25
Document Number: 001-94719 Rev. *D
Page 16 of 30
Identification Register Definitions
Instruction Field
CY7C1440KV25
(1M × 36)
Description
Revision Number (31:29)
000
Describes the version number.
Device Depth (28:24)
01011
Reserved for Internal Use
Architecture/Memory Type (23:18)
000000
Defines memory type and architecture
Bus Width/Density (17:12)
100111
Defines width and density
Cypress JEDEC ID Code (11:1)
00000110100
Allows unique identification of SRAM vendor.
ID Register Presence Indicator (0)
1
Indicates the presence of an ID register.
Scan Register Sizes
Register Name
Bit Size (× 36)
Instruction
3
Bypass
1
ID
32
Boundary Scan Order (165-ball FBGA package)
89
Instruction Codes
Instruction
Code
Description
EXTEST
000
Captures I/O ring contents.
IDCODE
001
Loads the ID register with the vendor ID code and places the register between TDI and TDO.
This operation does not affect SRAM operations.
SAMPLE Z
010
Captures I/O ring contents. Places the boundary scan register between TDI and TDO. Forces
all SRAM output drivers to a High Z state.
RESERVED
011
Do Not Use: This instruction is reserved for future use.
SAMPLE/PRELOAD
100
Captures I/O ring contents. Places the boundary scan register between TDI and TDO. Does
not affect SRAM operation.
RESERVED
101
Do Not Use: This instruction is reserved for future use.
RESERVED
110
Do Not Use: This instruction is reserved for future use.
BYPASS
111
Places the bypass register between TDI and TDO. This operation does not affect SRAM
operations.


Similar Part No. - CY7C1440KV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1440KV33 CYPRESS-CY7C1440KV33 Datasheet
3Mb / 33P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined Sync SRAM (With ECC)
CY7C1440KVE33 CYPRESS-CY7C1440KVE33 Datasheet
3Mb / 33P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined Sync SRAM (With ECC)
More results

Similar Description - CY7C1440KV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1444KV33 CYPRESS-CY7C1444KV33 Datasheet
1Mb / 22P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined DCD Sync SRAM
CY7C1440KV33 CYPRESS-CY7C1440KV33 Datasheet
3Mb / 33P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined Sync SRAM (With ECC)
CY7C1440AV33 CYPRESS-CY7C1440AV33_12 Datasheet
809Kb / 33P
   36-Mbit (1 M 횞 36) Pipelined Sync SRAM
CY7C1386KV33 CYPRESS-CY7C1386KV33 Datasheet
390Kb / 23P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined DCD Sync SRAM
CY7C1444AV33 CYPRESS-CY7C1444AV33_12 Datasheet
603Kb / 23P
   36-Mbit (1 M 횞 36) Pipelined DCD Sync SRAM
CY7C1444AV33 CYPRESS-CY7C1444AV33 Datasheet
479Kb / 26P
   36-Mbit (1M x 36/2Mx 18) Pipelined DCD Sync SRAM
CY7C1347G CYPRESS-CY7C1347G_12 Datasheet
538Kb / 25P
   4-Mbit (128 K 횞 36) Pipelined Sync SRAM
CY7C1380KV33 CYPRESS-CY7C1380KV33 Datasheet
3Mb / 33P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM
CY7C1460SV25 CYPRESS-CY7C1460SV25 Datasheet
429Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1444AV25 CYPRESS-CY7C1444AV25 Datasheet
440Kb / 26P
   36-Mbit (1M x 36/2M x 18) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com