Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1440KV25 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1440KV25
Description  36-Mbit (1M36) Pipelined Sync SRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1440KV25 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1440KV25 Datasheet HTML 3Page - Cypress Semiconductor CY7C1440KV25 Datasheet HTML 4Page - Cypress Semiconductor CY7C1440KV25 Datasheet HTML 5Page - Cypress Semiconductor CY7C1440KV25 Datasheet HTML 6Page - Cypress Semiconductor CY7C1440KV25 Datasheet HTML 7Page - Cypress Semiconductor CY7C1440KV25 Datasheet HTML 8Page - Cypress Semiconductor CY7C1440KV25 Datasheet HTML 9Page - Cypress Semiconductor CY7C1440KV25 Datasheet HTML 10Page - Cypress Semiconductor CY7C1440KV25 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
CY7C1440KV25
Document Number: 001-94719 Rev. *D
Page 7 of 30
Single Write Accesses Initiated by ADSC
ADSC Write accesses are initiated when the following conditions
are satisfied: (1) ADSC is asserted LOW, (2) ADSP is deserted
HIGH, (3) CE1, CE2, CE3 are all asserted active, and (4) the
appropriate combination of the Write inputs (GW, BWE, and
BWX) are asserted active to conduct a Write to the desired
byte(s). ADSC-triggered Write accesses require a single clock
cycle to complete. The address presented to A is loaded into the
address register and the address advancement logic while being
delivered to the memory array. The ADV input is ignored during
this cycle. If a global Write is conducted, the data presented to
the DQs is written into the corresponding address location in the
memory core. If a Byte Write is conducted, only the selected
bytes are written. Bytes not selected during a Byte Write
operation will remain unaltered. A synchronous self-timed Write
mechanism has been provided to simplify the Write operations.
Because CY7C1440KV25 is a common I/O device, the Output
Enable (OE) must be deasserted HIGH before presenting data
to the DQs inputs. Doing so will tristate the output drivers. As a
safety precaution, DQs are automatically tristated whenever a
Write cycle is detected, regardless of the state of OE.
Burst Sequences
The CY7C1440KV25 provides a two-bit wraparound counter, fed
by A1:A0, that implements either an interleaved or linear burst
sequence. The interleaved burst sequence is designed specifi-
cally to support Intel Pentium applications. The linear burst
sequence is designed to support processors that follow a linear
burst sequence. The burst sequence is user selectable through
the MODE input.
Asserting ADV LOW at clock rise will automatically increment the
burst counter to the next address in the burst sequence. Both
Read and Write burst operations are supported.
Sleep Mode
The ZZ input pin is an asynchronous input. Asserting ZZ places
the SRAM in a power conservation “sleep” mode. Two clock
cycles are required to enter into or exit from this “sleep” mode.
While in this mode, data integrity is guaranteed. Accesses
pending when entering the “sleep” mode are not considered valid
nor is the completion of the operation guaranteed. The device
must be deselected prior to entering the “sleep” mode. CE1, CE2,
CE3, ADSP, and ADSC must remain inactive for the duration of
tZZREC after the ZZ input returns LOW.
Interleaved Burst Address Table
(MODE = Floating or VDD)
First
Address
A1:A0
Second
Address
A1:A0
Third
Address
A1:A0
Fourth
Address
A1:A0
00
01
10
11
01
00
11
10
10
11
00
01
11
10
01
00
Linear Burst Address Table
(MODE = GND)
First
Address
A1:A0
Second
Address
A1:A0
Third
Address
A1:A0
Fourth
Address
A1:A0
00
01
10
11
01
10
11
00
10
11
00
01
11
00
01
10
ZZ Mode Electrical Characteristics
Parameter
Description
Test Conditions
Min
Max
Unit
IDDZZ
Sleep mode standby current
ZZ > VDD– 0.2 V
75
mA
tZZS
Device operation to ZZ
ZZ > VDD – 0.2 V
2tCYC
ns
tZZREC
ZZ recovery time
ZZ < 0.2 V
2tCYC
–ns
tZZI
ZZ Active to sleep current
This parameter is sampled
2tCYC
ns
tRZZI
ZZ Inactive to exit sleep current This parameter is sampled
0
ns


Similar Part No. - CY7C1440KV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1440KV33 CYPRESS-CY7C1440KV33 Datasheet
3Mb / 33P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined Sync SRAM (With ECC)
CY7C1440KVE33 CYPRESS-CY7C1440KVE33 Datasheet
3Mb / 33P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined Sync SRAM (With ECC)
More results

Similar Description - CY7C1440KV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1444KV33 CYPRESS-CY7C1444KV33 Datasheet
1Mb / 22P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined DCD Sync SRAM
CY7C1440KV33 CYPRESS-CY7C1440KV33 Datasheet
3Mb / 33P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined Sync SRAM (With ECC)
CY7C1440AV33 CYPRESS-CY7C1440AV33_12 Datasheet
809Kb / 33P
   36-Mbit (1 M 횞 36) Pipelined Sync SRAM
CY7C1386KV33 CYPRESS-CY7C1386KV33 Datasheet
390Kb / 23P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined DCD Sync SRAM
CY7C1444AV33 CYPRESS-CY7C1444AV33_12 Datasheet
603Kb / 23P
   36-Mbit (1 M 횞 36) Pipelined DCD Sync SRAM
CY7C1444AV33 CYPRESS-CY7C1444AV33 Datasheet
479Kb / 26P
   36-Mbit (1M x 36/2Mx 18) Pipelined DCD Sync SRAM
CY7C1347G CYPRESS-CY7C1347G_12 Datasheet
538Kb / 25P
   4-Mbit (128 K 횞 36) Pipelined Sync SRAM
CY7C1380KV33 CYPRESS-CY7C1380KV33 Datasheet
3Mb / 33P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM
CY7C1460SV25 CYPRESS-CY7C1460SV25 Datasheet
429Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1444AV25 CYPRESS-CY7C1444AV25 Datasheet
440Kb / 26P
   36-Mbit (1M x 36/2M x 18) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com