Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

401491 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # 401491
Description  Real-Time PCR System
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

401491 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  401491 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 401491 Datasheet HTML 2Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Useful Tools and Web Links
qPCR Decision Tree
Determine which qPCR reagents or enzymes best serve
your needs by visiting www.agilent.com/genomics/
qpcrdecisiontree
Software Updates
Ensure your software is the most current version
by visiting
www.agilent.com/genomics/ariamxsoftware
PR7000-0130
For Research Use Only. Not for use in diagnostic procedures.
© Agilent Technologies, Inc., 2017
Published in USA, July 8, 2016
5991-5711EN
For a virtual demo, visit
www.agilent.com/genomics/ariamxvideos
For a live demo, call your Agilent sales representative.
FOR MORE INFORMATION
qpcr@agilent.com | www.agilent.com/genomics/ariamx
For Americas, call 800.227.9770 or for other regions,
consult www.agilent.com/genomics/contactus
Ordering Information
Category
Part #
Description
Quantity
Base Instrumentation
G8830A
AriaMx Real-Time PCR System
1
Optical Cartridges
(*Use part numbers to upgrade
post instrument purchase)
Option 101 (G8830-67001*)
SYBR/FAM Optical Cartridge
1/pack
Option 102 (G8830-67002*)
ROX Optical Cartridge
1/pack
Option 103 (G8830-67003*)
HEX Optical Cartridge
1/pack
Option 104 (G8830-67004*)
CY3 Optical Cartridge
1/pack
Option 105 (G8830-67005*)
CY5 Optical Cartridge
1/pack
Option 106 (G8830-67006*)
ATTO425 Optical Cartridge
1/pack
Software Upgrade and PC
Option 300
Electronic Tracking of HRM software
1
(with instrument)
Option 400
HRM analysis software upgrade
1
Option 650
AriaMx PC Kit
1
AriaMx Software Upgrade
G5380AA
Electronic Tracking of the HRM software
1
(post instrument purchase)
G5381AA
HRM analysis software upgrade only
1
Plastics
401490
AriaMx 96-well plates, skirted and low profile
1 x 25/pack
401491
AriaMx 96-well plates, skirted and rigid
1 x 25/pack
401494
AriaMx 96-well plates, non skirted low profile
1 x 25/pack
401492
AriaMx adhesive plate seals
1 x 25 plates
401493
AriaMx low profile strip tubes for PCR and qPCR applications, without caps
8/strip x 120/box
401425
AriaMx Strip caps for PCR and qPCR applications
8/strip x 120/box
401427
AriaMx Optical Strip Caps
Box of 60
Reagents
PROBE
SYBR
MULTIPLEX
HRM
600880
Brilliant III Ultra-Fast qPCR Master Mix
400 rxns
600882
Brilliant III SYBR Ultra-Fast qPCR Master Mix
400 rxns
5190-7708
AriaMx SYBR Qualification Plate
1 plate/pack
600553
Brilliant Multiplex qPCR Master Mix
200 rxns
5190-7827
Brilliant HRM Ultra-Fast Loci Master Mix
200 rxns
5190-7702
AriaMx HRM Calibration Kit
1 x 96-well plate
Starter Packs
600906*
AriaMx SYBR Green Starter Pack
1
(Includes cDNA synthesis kits*
and recommended plastics)
600907*
AriaMx qRT-PCR Starter Pack
1
5190-9370
Brilliant HRM Ultra fast Starter Pack
1
AriaMx Real-Time PCR System
|Genomics
Feature
Description
Software
Free software including LIMS connectivity
Optical Module Calibration
and Cleaning
• All channels can be tested and calibrated
• All attributes of optical channels are calibrated at the factory – LED light output, light path, mirror, and photodiode
• Optical modules can be cleaned in lab without Agilent technician or sending back to factory
Selected Applications
• Quantitative and qualitative gene expression analysis
• miRNA analysis
• Genetic mapping
• Genetic fingerprinting
Specifications Table (con’t)
• NGS library quantification
• 2-6 channel multiplex ability
• HRM analysis (including genotyping, mutational
analysis, and class IV SNP detection)
• Pathogen quantification


Similar Part No. - 401491

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
401491 HP-401491 Datasheet
308Kb / 2P
Real-Time PCR System
More results

Similar Description - 401491

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
K8930AA HP-K8930AA Datasheet
308Kb / 2P
Real-Time PCR System
logo
National Instruments Co...
NIEVS-1464RT NI-NIEVS-1464RT Datasheet
246Kb / 7P
Real-Time Embedded Vision System
logo
rfsolutions.ltd
ICEPIC3 RFSOLUTIONS-ICEPIC3 Datasheet
301Kb / 4P
MODULAR, REAL TIME EMULATOR SYSTEM FOR
ICEPIC RFSOLUTIONS-ICEPIC Datasheet
149Kb / 2P
MODULAR, REAL TIME EMULATOR SYSTEM FOR PIC16CXX
logo
List of Unclassifed Man...
TL32 ETC-TL32 Datasheet
57Kb / 31P
Real Time System Testing MIT 16.070 Lecture 32
logo
Dallas Semiconductor
DS12887 DALLAS-DS12887 Datasheet
584Kb / 19P
Real Time Clock
DS12B887 DALLAS-DS12B887 Datasheet
102Kb / 16P
Real Time Clock
logo
List of Unclassifed Man...
VT82885 ETC-VT82885 Datasheet
72Kb / 16P
Real Time Clock
logo
OKI electronic componet...
MSM6782-01 OKI-MSM6782-01 Datasheet
88Kb / 17P
REAL TIME CLOCK
logo
Golledge Electronics Lt...
RV4162C7 GOLLEDGE-RV4162C7 Datasheet
135Kb / 1P
Real Time Clock
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com