Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70V25 Datasheet(PDF) 15 Page - Integrated Device Technology

Part # IDT70V25
Description  HIGH-SPEED 3.3V 8K x 16 DUAL-PORT STATIC RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V25 Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button IDT70V25 Datasheet HTML 11Page - Integrated Device Technology IDT70V25 Datasheet HTML 12Page - Integrated Device Technology IDT70V25 Datasheet HTML 13Page - Integrated Device Technology IDT70V25 Datasheet HTML 14Page - Integrated Device Technology IDT70V25 Datasheet HTML 15Page - Integrated Device Technology IDT70V25 Datasheet HTML 16Page - Integrated Device Technology IDT70V25 Datasheet HTML 17Page - Integrated Device Technology IDT70V25 Datasheet HTML 18Page - Integrated Device Technology IDT70V25 Datasheet HTML 19Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
6.42
IDT70V25S/L
High-Speed 8K x 16 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
15
Timing Waveform of Write with BUSY
Waveform of BUSY Arbitration Controlled by CE Timing(1) (M/S = VIH)
Waveform of BUSY Arbitration Cycle Controlled by Address Match
Timing(1) (M/S = VIH)
NOTES:
1. All timing is the same for left and right ports. Port “A” may be either the left or right port. Port “B” is the port opposite from “A”.
2. If tAPS is not satisfied, the
BUSY signal will be asserted on one side or another but there is no guarantee on which side BUSY will be asserted.
2944 drw 13
R/
W"A"
BUSY"B"
tWP
tWB
R/
W"B"
tWH
(2)
(3)
(1)
,
NOTES:
1.
tWH must be met for both master
BUSY input (slave) and output (master).
2.
BUSY is asserted on port "B" blocking R/W"B", until BUSY"B" goes HIGH.
3.
tWB is only for the slave version.
2944 drw 14
ADDR"A"
and "B"
ADDRESSES MATCH
CE"A"
CE"B"
BUSY"B"
tAPS
tBAC
tBDC
(2)
2944 drw 15
ADDR"A"
ADDRESS "N"
ADDR"B"
BUSY"B"
tAPS
tBAA
tBDA
(2)
MATCHING ADDRESS "N"


Similar Part No. - IDT70V25

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V25 IDT-IDT70V25 Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70V2524SL IDT-IDT70V2524SL Datasheet
216Kb / 25P
   True Dual-Ported memory cells which allow simultaneous reads of the same memory location
IDT70V25L IDT-IDT70V25L Datasheet
276Kb / 17P
   HIGH-SPEED 3.3V 8K x 16 DUAL-PORT STATIC RAM
IDT70V25L IDT-IDT70V25L Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70V25L15PFG IDT-IDT70V25L15PFG Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V STATIC RAM
More results

Similar Description - IDT70V25

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V25S IDT-IDT70V25S Datasheet
276Kb / 17P
   HIGH-SPEED 3.3V 8K x 16 DUAL-PORT STATIC RAM
IDT70V16 IDT-IDT70V16 Datasheet
168Kb / 18P
   HIGH-SPEED 3.3V 16/8K X 9 DUAL-PORT STATIC RAM
IDT7025L15PFG IDT-IDT7025L15PFG Datasheet
192Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S Datasheet
294Kb / 20P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S_18 Datasheet
201Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S_12 Datasheet
162Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S_18 Datasheet
183Kb / 23P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S Datasheet
242Kb / 17P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05L20PFI IDT-IDT70V05L20PFI Datasheet
172Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V05 RENESAS-70V05 Datasheet
494Kb / 24P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
JUNE 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com