Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70V25 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT70V25
Description  HIGH-SPEED 3.3V 8K x 16 DUAL-PORT STATIC RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V25 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT70V25 Datasheet HTML 2Page - Integrated Device Technology IDT70V25 Datasheet HTML 3Page - Integrated Device Technology IDT70V25 Datasheet HTML 4Page - Integrated Device Technology IDT70V25 Datasheet HTML 5Page - Integrated Device Technology IDT70V25 Datasheet HTML 6Page - Integrated Device Technology IDT70V25 Datasheet HTML 7Page - Integrated Device Technology IDT70V25 Datasheet HTML 8Page - Integrated Device Technology IDT70V25 Datasheet HTML 9Page - Integrated Device Technology IDT70V25 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6.42
IDT70V25S/L
High-Speed 8K x 16 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
6
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range(1) (VCC = 3.3V ± 0.3V)
NOTES:
1. 'X' in part number indicates power rating (S or L)
2. VCC = 3.3V, TA = +25°C, and are not production tested. Icc dc = 115mA (typ.)
3. At f = fMAX
, address and control lines (except Output Enable) are cycling at the maximum frequency read cycle of 1/tRC, and using “AC Test Conditions” of input levels of GND
to 3V.
4. f = 0 means no address or control lines change.
5.
Port "A" may be either left or right port. Port "B" is the opposite from port "A".
70V25X15
Com'l Only
70V25X20
Com'l
& Ind
70V25X25
Com'l
& Ind
Symbol
Parameter
Test Condition
Version
Typ.
(2)
Max.
Typ.
(2)
Max.
Typ.
(2)
Max.
Unit
ICC
Dynamic Operating
Current
(Both Ports Active)
CE = VIL, Outputs Open
SEM = VIH
f = fMAX
(3)
COM'L
S
L
150
140
215
185
140
130
200
175
130
125
190
165
mA
IND
S
L
____
____
____
____
140
130
225
195
130
125
210
180
ISB1
Standby Current
(Both Ports - TTL
Level Inputs)
CER and CEL = VIH
SEMR = SEML = VIH
f = fMAX
(3)
COM'L
S
L
25
20
35
30
20
15
30
25
16
13
30
25
mA
MIL &
IND
S
L
____
____
____
____
20
15
45
40
16
13
45
40
ISB2
Standby Current
(One Port - TTL
Level Inputs)
CE"A" = VIL and CE"B" = VIH(5)
Active Port Outputs Open,
f=fMAX
(3)
SEMR = SEML = VIH
COM'L
S
L
85
80
120
110
80
75
110
100
75
72
110
95
mA
MIL &
IND
S
L
____
____
____
____
80
75
130
115
75
72
125
110
ISB3
Full Standby Current
(Both Ports -
CMOS Level Inputs)
Both Ports
CEL and
CER > VCC - 0.2V,
VIN > VCC - 0.2V or
VIN < 0.2V, f = 0
(4)
SEMR = SEML > VCC-0.2V
COM'L
S
L
1.0
0.2
5
2.5
1.0
0.2
5
2.5
1.0
0.2
5
2.5
mA
MIL &
IND
S
L
____
____
____
____
1.0
0.2
15
5
1.0
0.2
15
5
ISB4
Full Standby Current
(One Port -
CMOS Level Inputs)
CE"A" < 0.2V and
CE"B" > VCC - 0.2V(5)
SEMR = SEML > VCC-0.2V
VIN > VCC - 0.2V or VIN < 0.2V
Active Port Outputs Open,
f = fMAX
(3)
COM'L
S
L
85
80
125
105
80
75
115
100
75
70
105
90
mA
MIL &
IND
S
L
____
____
____
____
80
75
130
115
75
70
120
105
2944 tbl 09a
70V25X35
Com'l
& Ind
70V25X55
Com'l
& Ind
Symbol
Parameter
Test Condition
Version
Typ.
(2)
Max.
Typ.
(2)
Max.
Unit
ICC
Dynamic Operating
Current
(Both Ports Active)
CE = VIL, Outputs Open
SEM = VIH
f = fMAX
(3)
COM'L
S
L
120
115
180
155
120
115
180
155
mA
IND
S
L
120
115
200
170
120
115
200
170
ISB1
Standby Current
(Both Ports - TTL
Level Inputs)
CER and CEL = VIH
SEMR = SEML = VIH
f = fMAX
(3)
COM'L
S
L
13
11
25
20
13
11
25
20
mA
MIL &
IND
S
L
13
11
40
35
13
11
40
35
ISB2
Standby Current
(One Port - TTL
Level Inputs)
CE"A" = VIL and CE"B" = VIH(5)
Active Port Outputs Open,
f=fMAX
(3)
SEMR = SEML = VIH
COM'L
S
L
70
65
100
90
70
65
100
90
mA
MIL &
IND
S
L
70
65
120
105
70
65
120
105
ISB3
Full Standby Current
(Both Ports -
CMOS Level Inputs)
Both Ports
CEL and
CER > VCC - 0.2V,
VIN > VCC - 0.2V or
VIN < 0.2V, f = 0
(4)
SEMR = SEML > VCC-0.2V
COM'L
S
L
1.0
0.2
5
2.5
1.0
0.2
5
2.5
mA
MIL &
IND
S
L
1.0
0.2
15
5
1.0
0.2
15
5
ISB4
Full Standby Current
(One Port -
CMOS Level Inputs)
CE"A" < 0.2V and
CE"B" > VCC - 0.2V(5)
SEMR = SEML > VCC-0.2V
VIN > VCC - 0.2V or VIN < 0.2V
Active Port Outputs Open,
f = fMAX
(3)
COM'L
S
L
65
60
100
85
65
60
100
85
mA
MIL &
IND
S
L
65
60
115
100
65
60
115
100
2944 tbl 09b


Similar Part No. - IDT70V25

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V25 IDT-IDT70V25 Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70V2524SL IDT-IDT70V2524SL Datasheet
216Kb / 25P
   True Dual-Ported memory cells which allow simultaneous reads of the same memory location
IDT70V25L IDT-IDT70V25L Datasheet
276Kb / 17P
   HIGH-SPEED 3.3V 8K x 16 DUAL-PORT STATIC RAM
IDT70V25L IDT-IDT70V25L Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70V25L15PFG IDT-IDT70V25L15PFG Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V STATIC RAM
More results

Similar Description - IDT70V25

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V25S IDT-IDT70V25S Datasheet
276Kb / 17P
   HIGH-SPEED 3.3V 8K x 16 DUAL-PORT STATIC RAM
IDT70V16 IDT-IDT70V16 Datasheet
168Kb / 18P
   HIGH-SPEED 3.3V 16/8K X 9 DUAL-PORT STATIC RAM
IDT7025L15PFG IDT-IDT7025L15PFG Datasheet
192Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S Datasheet
294Kb / 20P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S_18 Datasheet
201Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S_12 Datasheet
162Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S_18 Datasheet
183Kb / 23P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S Datasheet
242Kb / 17P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05L20PFI IDT-IDT70V05L20PFI Datasheet
172Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V05 RENESAS-70V05 Datasheet
494Kb / 24P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
JUNE 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com