Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EIS-D210 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # EIS-D210
Description  LPWAN Connectivity Edge Intelligence Server
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EIS-D210 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  EIS-D210 Datasheet HTML 1Page - Advantech Co., Ltd. EIS-D210 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
EIS-D210
ƒ Integrated hardware plus software to build up edge-to-cloud applications
ƒ Pre-configured system: Intel® Celeron® N3350 SoC, Win 10 Ent with 4GB
Memory, 64 GB SSD and wireless networking
ƒ Pre-integrated WISE-PaaS Software Package: WISE-PaaS/RMM, WISEPaaS/
OTA, WISE-PaaS/Security, WebAccess/SCADA
ƒ Built-in Microsoft Azure IoT Edge and AWS Greengrass for cloud application
ƒ Pre-configured Microsoft Azure service: Device Management Package/ Data
Intelligence Package (Optional)
ƒ Pre-configured AWS service: Connect & Collect Package (Optional)
ƒ Comprehensive developer tools and documents: Node-RED data flow logic
designer, dashboard builder, protocol plug-in SDK & configuration tools
RoHS
COMPLIANT
2002/95/EC
Introduction
To fulfill customer requirements in equipment connectivity, data visualization, and predictive maintenance applications, Advantech offers the EIS-D210 Edge Intelligence Server,
which is equipped with an Intel® Celeron® Processor N3350 and comes integrated with AWS Greengrass and Microsoft Azure IoT Edge, thus ensuring that IoT devices can respond
quickly to local events, interact with local resources, operate with intermittent connections, and minimize the cost of transmitting IoT data to the cloud. In addition to supporting
field protocols (MQTT/OPC/Modbus) for sensor/device data acquisition, the EIS-D210 can be used with the Advantech IoT SDK for wireless sensor (Wi-Fi, LoRa) data integration.
Furthermore, the EIS-D210 comes pre-integrated with Advantech’s WISE-PaaS/EdgeSense software solution, allowing users to incorporate sensor data aggregation, edge analytics,
and cloud applications for fast and easy real-time operational intelligence. EIS-D210 provides a range of connectivity options with excellent data handling and networking connection
capabilities for various IoT applications.
Solution Block Diagram
LPWAN Connectivity
Edge Intelligence Server
WISE-PaaS
Built-in
WISE-Agent
IoT Connectivity
Remote Monitoring and
Management
Remote Software Update
Smart SCADA
Centralize Security
Management
Open & standard IoT device
remote monitoring and
management platform
Remote software update,
includes 3rd party software
(Integration version in WISE-PaaS/RMM)
Centralize devices, data
protection and remote
back-up and recovery solution
(Integration version in WISE-PaaS/RMM)
Data collection and
graphical interfaces for
supervisory management
(Limited version with
16 point access ability)
SDK
MDB
CSV
Edge IoT Application Development
Open Plug-in SDK and sample code for sensor
and data collection and conversion.
Data Format Integration
Supports ODBC plug-in for database and file
type(CSV, MDB) data integration.
Industrial Protocol Connectivity
Provides standard protocols(Modbus/ OPC/
MQTT) for sensor and devices data
collection.
I/O and Sensor Compatiblity
Integration tested with Advantech M2.COM,
ADAM and WISE-4000 series.
Edge Intelligence and
Sensing Integration
Application Solutions
WISE-PaaS
Built-in
WISE-Agent
IoT Connectivity
Remote Monitoring and
Management
Remote Software Update
Smart SCADA
Centralize Security
Management
Open & standard IoT device
remote monitoring and
management platform
Remote software update,
includes 3rd party software
(Integration version in WISE-PaaS/RMM)
Centralize devices, data
protection and remote
back-up and recovery solution
(Integration version in WISE-PaaS/RMM)
Data collection and
graphical interfaces for
supervisory management
(Limited version with
16 point access ability)
SDK
MDB
CSV
Edge IoT Application Development
Open Plug-in SDK and sample code for sensor
and data collection and conversion.
Data Format Integration
Supports ODBC plug-in for database and file
type(CSV, MDB) data integration.
Industrial Protocol Connectivity
Provides standard protocols(Modbus/ OPC/
MQTT) for sensor and devices data
collection.
I/O and Sensor Compatiblity
Integration tested with Advantech M2.COM,
ADAM and WISE-4000 series.
Edge Intelligence and
Sensing Integration
Application Solutions
Preliminary
All product specifications are subject to change without notice.
Last updated: 6-Mar-2018


Similar Part No. - EIS-D210

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EIS-D210 ADVANTECH-EIS-D210 Datasheet
790Kb / 2P
Wireless Connectivity Edge Intelligence Server
7-Dec-2018
EIS-D210L-E1DS641 ADVANTECH-EIS-D210L-E1DS641 Datasheet
790Kb / 2P
Wireless Connectivity Edge Intelligence Server
7-Dec-2018
EIS-D210W-E1DS641 ADVANTECH-EIS-D210W-E1DS641 Datasheet
790Kb / 2P
Wireless Connectivity Edge Intelligence Server
7-Dec-2018
EIS-D210 ADVANTECH-EIS-D210_V01 Datasheet
790Kb / 2P
Wireless Connectivity Edge Intelligence Server
7-Dec-2018
More results

Similar Description - EIS-D210

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LPE16004 ETC2-LPE16004 Datasheet
568Kb / 3P
Provides FC connectivity for slot constrained server environments
logo
Advantech Co., Ltd.
EIS-DK10 ADVANTECH-EIS-DK10 Datasheet
954Kb / 2P
Edge Intelligence Server and Microsoft Azure IoT Starter Kit
EIS-D150 ADVANTECH-EIS-D150 Datasheet
708Kb / 2P
High-Performance Edge Intelligence Server
EIS-D120 ADVANTECH-EIS-D120 Datasheet
702Kb / 2P
Multiple I/O Edge Intelligence Server
EIS-D110 ADVANTECH-EIS-D110 Datasheet
725Kb / 2P
Entry Level Edge Intelligence Server
UBX-310UST-G1E-C ADVANTECH-UBX-310UST-G1E-C Datasheet
2Mb / 2P
Edge Intelligence Server
EIS-D210 ADVANTECH-EIS-D210_V01 Datasheet
790Kb / 2P
Wireless Connectivity Edge Intelligence Server
7-Dec-2018
EI-A215 ADVANTECH-EI-A215 Datasheet
937Kb / 2P
High-Performance Edge Intelligence System
2-Jun-2020
EIS-D620 ADVANTECH-EIS-D620 Datasheet
694Kb / 2P
RISC-based Edge Intelligence Server
22-Aug-2019
logo
List of Unclassifed Man...
EXS62 ETC-EXS62 Datasheet
485Kb / 4P
LTE-M, NB-IoT and 2G – LPWAN connectivity ready for prime time
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com