Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EIS-D210 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # EIS-D210
Description  LPWAN Connectivity Edge Intelligence Server
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EIS-D210 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  EIS-D210 Datasheet HTML 1Page - Advantech Co., Ltd. EIS-D210 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
EIS-D210
Packing List
Item
Description
1
EIS-D210 Edge Computer
2
WISE-PaaS software packages
3
12V/60W AC to DC Adaptor
4
Accessory Package
Optional Items
Part Number
Description
1700001524
Power Cable 3-pin 180cm, USA type
170203183C
Power Cable 3-pin 180cm, Europe type
170203180A
Power Cable 3-pin 180cm, UK type
1700008921
Power Cable 3-pin PSE Mark 183cm
IoT Development Tools
Node-RED Utility
Pre- integrated logic edit tool Node-RED
Data Collection
Receive Data to Agent and transfer to WISE-PaaS/RMM server
Data Conversion
Conversion data protocol to MQTT with JSON format
Plug-in SDK
Agent and protocol conversion plug-in SDK for developer
GUI Protocol Config Tool (for Modbus)
Provide Modbus GUI for quick configuration
Back-up and System Recovery
Acronis Hot back-up/ Recovery/ Hot-Key recovery
Security
McAfee white list protection
Remote Update (OTA)
Software(Advantech & 3rd party) update
Zero Downtime
Reserve edge data when lost connection and recover it when the connection is back
Light Analytic
Statistics and graphical representation of historical data
Dashboard Builder
Customizable dashboard to display sensor data with text, spark line, gauge, etc. types of widgets
**Support depends on device type, OS and account permission.
Edge System Specifications
Model Name
EIS-D210W
EIS-D210L
Processor
Intel Atom N3350 D/C SoC
Intel Atom N3350 D/C SoC
RF Connectivity
IEEE 802.11 a/b/g/n/ac (2.4 GHz/ 5 GHz) standard with BT4.1
LoRa® long range modem
Storage
64G SATA III SSD Built In
RAM
1 SO-DIMM DDR3L Slot, up to 8GB RAM
Built In 4GB Memory
OS
Windows 10 Enterprise Pre-load
Protocol
Modbus, ODBC, OPC-UA, SCADA Plug In
Edge Intelligence
AWS Greengrass, MS Azure IoT Edge
Display
1 x VGA
2 x HDMI
COM
2 x RS232/422/485, 2 GbE LAN, 4 USB 3.0
1 x RS232/422/485, 2 GbE LAN, 2 USB 3.0
TPM
TPM 2.0 built in
Power Input
DC 12V with Lockable DC Jack, Optional 12~24V 2-pin Phoenix connector
Dimension
133 x 46.4 x 94.2mm (5.24" x 1.83" x 3.71")
Environment Temperature
-20 ~ 60 °C (-4 ~ 140 °F) with 0.7m/s air flow
Ordering Information
Part Number
CPU
Memory Storage
OS
Display
GbE USB
3.0
RS-232/
422/485 Audio
RF module Power
Input
mSATA
Operating
Temperature*
TBC
Intel N3350
Dual Core SoC
4 GB
64G 2.5"
SATAIII SSD
Win 10 Ent
1 x VGA
2
4
2
Line in
Line out
Atheros
QCA6174A
12 VDC
1
-20 ~ 60° C
TBC
Intel N3350
Dual Core SoC
4 GB
64G 2.5"
SATAIII SSD
Win 10 Ent
2 x HDMI 2
2
1
Line in
Line out
Semtech
SX1276
12 VDC
1
-20 ~ 60° C
* If industrial grade memory and SSD selected.
Node-RED
Data Manageability
Pre-configured Cloud Services
Smart Data Processing
Pre-integrated Data Flow Logic Designer Node-RED for
data processing and flow control (Sample code included).
24/7
ZDT
RE-DEPLOYMENT
Zero Downtime
Easy Application Development
Overall 250+ RESTful APIs are provided for application
developer to access related functionality and IoT data
of WISE-PaaS software.
Device Management Package
Big Data Storage
1T storage with 99.99 reliability
Data Reporting
Pre-configured with DB and data, 720
hours Power BI usage embedded
System Deployment
4 Core A3 VM for up to 100 devices
connection
Web Services Center
Use your existing skills to code in your
favorite language
Connect & Collect Package
Data Storage
Durable, scalable, and secure storage for
data
Flexible Database
The AWS DynamoDB service delivers
consistent, single-digit millisecond latency at
any scale
Easy-to-use Business Analytics
Build visualizations and get business
insights with Amazon QuickSight
Connect IoT Devices
AWS IoT Core lets connected devices interact
with cloud applications and other devices
Data cache storage for secured data transfer, retain
data when connection is lost; forward it after
connection is reestablished.
Node-RED
Data Manageability
Pre-configured Cloud Services
Smart Data Processing
Pre-integrated Data Flow Logic Designer Node-RED for
data processing and flow control (Sample code included).
24/7
ZDT
RE-DEPLOYMENT
Zero Downtime
Easy Application Development
Overall 250+ RESTful APIs are provided for application
developer to access related functionality and IoT data
of WISE-PaaS software.
Device Management Package
Big Data Storage
1T storage with 99.99 reliability
Data Reporting
Pre-configured with DB and data, 720
hours Power BI usage embedded
System Deployment
4 Core A3 VM for up to 100 devices
connection
Web Services Center
Use your existing skills to code in your
favorite language
Connect & Collect Package
Data Storage
Durable, scalable, and secure storage for
data
Flexible Database
The AWS DynamoDB service delivers
consistent, single-digit millisecond latency at
any scale
Easy-to-use Business Analytics
Build visualizations and get business
insights with Amazon QuickSight
Connect IoT Devices
AWS IoT Core lets connected devices interact
with cloud applications and other devices
Data cache storage for secured data transfer, retain
data when connection is lost; forward it after
connection is reestablished.


Similar Part No. - EIS-D210

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EIS-D210 ADVANTECH-EIS-D210 Datasheet
790Kb / 2P
Wireless Connectivity Edge Intelligence Server
7-Dec-2018
EIS-D210L-E1DS641 ADVANTECH-EIS-D210L-E1DS641 Datasheet
790Kb / 2P
Wireless Connectivity Edge Intelligence Server
7-Dec-2018
EIS-D210W-E1DS641 ADVANTECH-EIS-D210W-E1DS641 Datasheet
790Kb / 2P
Wireless Connectivity Edge Intelligence Server
7-Dec-2018
EIS-D210 ADVANTECH-EIS-D210_V01 Datasheet
790Kb / 2P
Wireless Connectivity Edge Intelligence Server
7-Dec-2018
More results

Similar Description - EIS-D210

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LPE16004 ETC2-LPE16004 Datasheet
568Kb / 3P
Provides FC connectivity for slot constrained server environments
logo
Advantech Co., Ltd.
EIS-DK10 ADVANTECH-EIS-DK10 Datasheet
954Kb / 2P
Edge Intelligence Server and Microsoft Azure IoT Starter Kit
EIS-D150 ADVANTECH-EIS-D150 Datasheet
708Kb / 2P
High-Performance Edge Intelligence Server
EIS-D120 ADVANTECH-EIS-D120 Datasheet
702Kb / 2P
Multiple I/O Edge Intelligence Server
EIS-D110 ADVANTECH-EIS-D110 Datasheet
725Kb / 2P
Entry Level Edge Intelligence Server
UBX-310UST-G1E-C ADVANTECH-UBX-310UST-G1E-C Datasheet
2Mb / 2P
Edge Intelligence Server
EIS-D210 ADVANTECH-EIS-D210_V01 Datasheet
790Kb / 2P
Wireless Connectivity Edge Intelligence Server
7-Dec-2018
EI-A215 ADVANTECH-EI-A215 Datasheet
937Kb / 2P
High-Performance Edge Intelligence System
2-Jun-2020
EIS-D620 ADVANTECH-EIS-D620 Datasheet
694Kb / 2P
RISC-based Edge Intelligence Server
22-Aug-2019
logo
List of Unclassifed Man...
EXS62 ETC-EXS62 Datasheet
485Kb / 4P
LTE-M, NB-IoT and 2G – LPWAN connectivity ready for prime time
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com