Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3351D00030 Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # 3351D00030
Description  Waterproof Cat. 5e RJ45 Jack (IP68)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

3351D00030 Datasheet(HTML) 1 Page - PowerDynamics, Inc

  3351D00030 Datasheet HTML 1Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
˙Plastic Housing : High Temp. Thermoplastic.
Flammability Rating UL 94V-0.
˙Contacts
˙Plating
: Phosphor Bronze.
: Gold Plating Over Nickel In Contact. Tin
Plating Over Nickel In Solder Area.
: Brass With Nickel Plated
: Engineering Thermoplastic Flammability Rating UL 94V-0
: Silicone
: 2.0~4.0mm
˙Shielded
˙Nut
˙Gasket
˙Panel Thick
3351D00030
Ordering Information
Waterproof Cat. 5e RJ45
Jack (IP68)
Materials


Similar Part No. - 3351D00030

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
3351D00130 POWERDYNAMICS-3351D00130 Datasheet
388Kb / 1P
   Waterproof Cat. 5e RJ45 Jack With Wafer (IP68)
More results

Similar Description - 3351D00030

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
3350A21230 POWERDYNAMICS-3350A21230 Datasheet
440Kb / 1P
   Waterproof Cat. 5e RJ45 Jack With IDC (IP68)
3351D00130 POWERDYNAMICS-3351D00130 Datasheet
388Kb / 1P
   Waterproof Cat. 5e RJ45 Jack With Wafer (IP68)
3353D00040 POWERDYNAMICS-3353D00040 Datasheet
312Kb / 1P
   Metal Waterproof Cat.5e Coupler Jack (IP68)
3352G02630 POWERDYNAMICS-3352G02630 Datasheet
342Kb / 1P
   Waterproof Cat.5e Coupler (IP68)
3353H00040 POWERDYNAMICS-3353H00040 Datasheet
347Kb / 1P
   Metal Waterproof Cat.5e Jack With IDC (IP68)
3353F00040 POWERDYNAMICS-3353F00040 Datasheet
350Kb / 1P
   Metal Waterproof RJ45 Jack With PCB (IP68)
3352D01110 POWERDYNAMICS-3352D01110 Datasheet
264Kb / 1P
   Waterproof RJ45 Jack With Cable and Plug (IP68)
3352E02010 POWERDYNAMICS-3352E02010 Datasheet
266Kb / 1P
   Waterproof RJ45 Jack With Cable and Wafer (IP68)
3352K02023 POWERDYNAMICS-3352K02023 Datasheet
305Kb / 1P
   Waterproof RJ45 Jack With Plug & Grounding Wire (IP68)
logo
Assmann Electronics Inc...
A-KAB-RJ45-4S-1M-R ASSMANN-A-KAB-RJ45-4S-1M-R Datasheet
299Kb / 1P
   WATERPROOF RJ45 STRAIGHT PLUG CAT 5E STP, CABLE LENGTH 1M
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com