Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3353E00140 Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # 3353E00140
Description  Metal RJ45 for PCB (IP68)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

3353E00140 Datasheet(HTML) 1 Page - PowerDynamics, Inc

  3353E00140 Datasheet HTML 1Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Metal RJ45 for PCB (IP68)
3353E00140
Ordering Information
Materials
˙Plastic Housing
: Zn Alloy 3, Nickel Plated
˙RJ45 Jack Metal Shell
: Copper Alloy, Nickel Plated
˙RJ45 Jack Plastic Housing : Engineering Thermoplastic
Flammability Rating UL 94V-0.
˙Jack Contact
: Phosphor Bronze, finish: Gold over Nickel
˙Nut
: Copper Alloy, Nickel Plated
˙Gasket
: Silicon
˙Panel Thick
: 1.5~3.2mm


Similar Part No. - 3353E00140

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3353 ETC2-3353 Datasheet
113Kb / 2P
   FLAT WASHERS NYLON FIBRE
3353 ETC2-3353 Datasheet
68Kb / 1P
   WASHERS
3353 ETC-3353 Datasheet
100Kb / 1P
   Heyco짰 Nylon Cable Clamps
logo
Heyco.
3353 HEYCO-3353 Datasheet
84Kb / 1P
   Nylon Cable Clamps
logo
KR Electronics, Inc.
3353-SMA KR-3353-SMA Datasheet
64Kb / 3P
   KR Electronics part number 3353-SMA is a 460 MHz Bandpass filter.
More results

Similar Description - 3353E00140

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
3353F00040 POWERDYNAMICS-3353F00040 Datasheet
350Kb / 1P
   Metal Waterproof RJ45 Jack With PCB (IP68)
3352F01010 POWERDYNAMICS-3352F01010 Datasheet
299Kb / 1P
   Waterproof RJ45 Coupler (IP68)
3353L01000 POWERDYNAMICS-3353L01000 Datasheet
332Kb / 1P
   Metal Type Cable Side (IP68)
3351F00030 POWERDYNAMICS-3351F00030 Datasheet
325Kb / 1P
   Waterproof RJ45 With IDC (IP68)
3353A-02 POWERDYNAMICS-3353A-02 Datasheet
335Kb / 1P
   Metal Waterproof Cap With Chain (IP68)
3353K00030 POWERDYNAMICS-3353K00030 Datasheet
342Kb / 1P
   Metal Waterproof USB/A Coupler (IP68)
3352F21010 POWERDYNAMICS-3352F21010 Datasheet
306Kb / 1P
   Waterproof RJ45 Coupler (2nd ed.) IP68
3352F05010 POWERDYNAMICS-3352F05010 Datasheet
305Kb / 1P
   Long Thread Waterproof RJ45 Coupler (IP68)
3351D00030 POWERDYNAMICS-3351D00030 Datasheet
320Kb / 1P
   Waterproof Cat. 5e RJ45 Jack (IP68)
3353D00040 POWERDYNAMICS-3353D00040 Datasheet
312Kb / 1P
   Metal Waterproof Cat.5e Coupler Jack (IP68)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com