Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCW65ALT1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # BCW65ALT1
Description  General Purpose Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCW65ALT1 Datasheet(HTML) 1 Page - ON Semiconductor

  BCW65ALT1 Datasheet HTML 1Page - ON Semiconductor BCW65ALT1 Datasheet HTML 2Page - ON Semiconductor BCW65ALT1 Datasheet HTML 3Page - ON Semiconductor BCW65ALT1 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2005
February, 2005 − Rev. 3
1
Publication Order Number:
BCW65ALT1/D
BCW65ALT1, BCW65CLT1
General Purpose Transistor
NPN Silicon
Features
Pb−Free Package is Available
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector − Emitter Voltage
VCEO
32
Vdc
Collector − Base Voltage
VCBO
60
Vdc
Emitter − Base Voltage
VEBO
5.0
Vdc
Collector Current − Continuous
IC
800
mAdc
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits
are exceeded, device functional operation is not implied, damage may occur
and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR− 5 Board
(Note 1), TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance,
Junction−to−Ambient
RqJA
556
°C/W
Total Device Dissipation Alumina
Substrate, (Note 2) TA = 25°C
Derate above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance,
Junction−to−Ambient
RqJA
417
°C/W
Junction and Storage Temperature
TJ, Tstg
− 55 to +150
°C
1. FR− 5 = 1.0
 0.75  0.062 in.
2. Alumina = 0.4
 0.3  0.024 in 99.5% alumina.
SOT−23
CASE 318
STYLE 6
http://onsemi.com
EA = Specific Device Code (BCW65ALT1)
EC = Specific Device Code (BCW65CLT1)
M = Date Code
MARKING DIAGRAM
1
2
3
Device
Package
Shipping
ORDERING INFORMATION
BCW65ALT1
SOT−23
3000 / Tape & Reel
BCW65ALT1G
SOT−23
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
Ex M
3000 / Tape & Reel
COLLECTOR
3
1
BASE
2
EMITTER
BCW65CLT1
SOT−23
3000 / Tape & Reel


Similar Part No. - BCW65ALT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BCW65ALT1 MOTOROLA-BCW65ALT1 Datasheet
84Kb / 4P
General Purpose Transistor
logo
ON Semiconductor
BCW65ALT1 ONSEMI-BCW65ALT1 Datasheet
63Kb / 4P
General Purpose Transistors(NPN Silicon)?
February, 2005 ??Rev. 3
logo
Leshan Radio Company
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
BCW65ALT1 ONSEMI-BCW65ALT1 Datasheet
115Kb / 3P
General Purpose Transistor
August, 2009 ??Rev. 5
logo
WILLAS ELECTRONIC CORP
BCW65ALT1 WILLAS-BCW65ALT1 Datasheet
302Kb / 3P
General Purpose Transistors
More results

Similar Description - BCW65ALT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BCW65ALT1 MOTOROLA-BCW65ALT1 Datasheet
84Kb / 4P
General Purpose Transistor
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
General Purpose Transistor
MPS3906 MOTOROLA-MPS3906 Datasheet
433Kb / 8P
General Purpose Transistor
logo
Fairchild Semiconductor
FJX3904 FAIRCHILD-FJX3904 Datasheet
41Kb / 4P
General Purpose Transistor
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
STMicroelectronics
BC141-16 STMICROELECTRONICS-BC141-16 Datasheet
423Kb / 5P
GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
KSP2222 FAIRCHILD-KSP2222 Datasheet
37Kb / 4P
General Purpose Transistor
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
105Kb / 3P
GENERAL PURPOSE TRANSISTOR
2SC4617 UTC-2SC4617 Datasheet
107Kb / 4P
GENERAL PURPOSE TRANSISTOR
BCX70 UTC-BCX70 Datasheet
114Kb / 2P
GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
BCX70H FAIRCHILD-BCX70H_02 Datasheet
77Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com