Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JFX Datasheet(PDF) 3 Page - jb Capacitors Company

Part # JFX
Description  Premium Metallized Polypropylene Film Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JFX Datasheet(HTML) 3 Page - jb Capacitors Company

  JFX Datasheet HTML 1Page - jb Capacitors Company JFX Datasheet HTML 2Page - jb Capacitors Company JFX Datasheet HTML 3Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
\
µF
630V
µF
630V
Dissipation
ΦD
L
d
LL
Dissipation
ΦD
L
d
LL
1.0uF
0.0005
17
26
0.8
25
5.0uF
0.0006
32
36
1.0
35
1.1uF
0.0005
18
26
0.8
25
5.1uF
0.0006
29
36
1.0
35
1.2uF
0.0005
18.5
26
0.8
25
5.6uF
0.0006
30.5
36
1.0
35
1.3uF
0.0005
19.5
26
0.8
25
6.0uF
0.0007
31.5
36
1.0
35
1.5uF
0.0005
21
26
1.0
25
6.2uF
0.0007
32
36
1.0
35
1.6uF
0.0005
21.5
26
1.0
25
6.8uF
0.0007
33.5
36
1.0
35
1.8uF
0.0005
22.5
26
1.0
25
7.0uF
0.0007
34
36
1.0
35
2.0uF
0.0005
21
31
1.0
30
7.5uF
0.0007
35
36
1.0
35
2.2uF
0.0005
22
31
1.0
30
8.0uF
0.0007
31
46
1.0
40
2.4uF
0.0005
23
31
1.0
30
8.2uF
0.0007
31.5
46
1.0
40
2.5uF
0.0005
23
31
1.0
30
9.1uF
0.0007
33
46
1.0
40
2.7uF
0.0006
24
31
1.0
30
10.0uF
0.0007
34.5
46
1.2
40
3.0uF
0.0006
25
31
1.0
30
11.0uF
0.0007
36
46
1.2
40
3.3uF
0.0006
26.5
31
1.0
35
12.0uF
0.0008
38.5
46
1.2
40
3.5uF
0.0006
27
31
1.0
35
13.0uF
0.0008
40
49
1.2
40
3.6uF
0.0006
27.5
31
1.0
35
14.0uF
0.0008
37
59
1.2
45
3.9uF
0.0006
26
36
1.0
35
15.0uF
0.0008
38
59
1.2
45
4.0uF
0.0006
26
36
1.0
35
16.0uF
0.0008
39
59
1.2
45
4.3uF
0.0006
27
36
1.0
35
18.0uF
0.0008
41.5
59
1.2
45
4.5uF
0.0006
27.5
36
1.0
35
20.0uF
0.0008
43.5
59
1.2
45
4.7uF
0.0006
28
36
1.0
35
--
--
--
--
--
--
Please visit our website to get more update data, those data & specification are subject to change without notice.
Premium Metallized Polypropylene Film Capacitors – Axial – JFX
www.jbcapacitors.com
www.jbcapacitors.hk
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283


Similar Part No. - JFX

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JFX JBCAPACITORS-JFX Datasheet
218Kb / 3P
   Quick transient design
logo
M-System Co.,Ltd.
JFX MSYSTEM-JFX Datasheet
108Kb / 4P
   Plug-in Signal Conditioners M-UNIT
JFX-60 MSYSTEM-JFX-60 Datasheet
108Kb / 4P
   Plug-in Signal Conditioners M-UNIT
JFX-60/Q MSYSTEM-JFX-60/Q Datasheet
108Kb / 4P
   Plug-in Signal Conditioners M-UNIT
JFX-60A MSYSTEM-JFX-60A Datasheet
108Kb / 4P
   Plug-in Signal Conditioners M-UNIT
More results

Similar Description - JFX

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JFX JBCAPACITORS-JFX_16 Datasheet
201Kb / 3P
   Premium Metallized Polypropylene Film Capacitors ??Axial
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com