Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JFX Datasheet(PDF) 1 Page - jb Capacitors Company

Part # JFX
Description  Premium Metallized Polypropylene Film Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JFX Datasheet(HTML) 1 Page - jb Capacitors Company

  JFX Datasheet HTML 1Page - jb Capacitors Company JFX Datasheet HTML 2Page - jb Capacitors Company JFX Datasheet HTML 3Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
STANDARD SIZE (mm)
For 0.047uF to 1uF, please consult to our sales for size.
µF
250V
µF
250V
Dissipation
ΦD
L
d
LL
Dissipation
ΦD
L
d
LL
1.0uF
0.0005
10.5
21
0.8
25
5.1uF
0.0006
17
31
0.8
35
1.1uF
0.0005
11
21
0.8
25
5.6uF
0.0006
18
31
0.8
35
1.2uF
0.0005
12
21
0.8
25
6.0uF
0.0006
18.5
31
0.8
35
1.3uF
0.0005
12.5
21
0.8
25
6.2uF
0.0006
19
31
0.8
35
1.5uF
0.0005
13.5
21
0.8
25
6.8uF
0.0007
19.5
31
0.8
35
1.6uF
0.0005
14
21
0.8
25
7.0uF
0.0007
20
31
1.0
35
1.8uF
0.0005
14.5
21
0.8
25
7.5uF
0.0007
20.5
31
1.0
35
2.0uF
0.0005
13
26
0.8
30
8.0uF
0.0007
21
31
1.0
35
2.2uF
0.0005
14
26
0.8
30
8.2uF
0.0007
21.5
31
1.0
35
2.4uF
0.0005
14
26
0.8
30
9.1uF
0.0007
22.5
31
1.0
35
2.5uF
0.0005
14.5
26
0.8
30
10uF
0.0007
25
31
1.0
35
2.7uF
0.0005
14.5
26
0.8
30
11uF
0.0007
22
36
1.0
35
3.0uF
0.0005
15.5
26
0.8
30
12uF
0.0008
23
36
1.0
35
3.3uF
0.0006
16.5
26
0.8
35
13uF
0.0008
24
36
1.0
35
3.5uF
0.0006
16.5
26
0.8
35
14uF
0.0008
25
36
1.0
35
3.6uF
0.0006
16.5
26
0.8
35
15uF
0.0008
25.5
36
1.0
35
3.9uF
0.0006
17.5
26
0.8
35
16uF
0.0008
26.5
36
1.0
35
4.0uF
0.0006
17.5
26
0.8
35
18uF
0.0008
28
36
1.0
35
4.3uF
0.0006
18
26
0.8
35
20uF
0.0008
29.5
36
1.0
45
4.5uF
0.0006
18.5
26
0.8
35
22uF
0.0009
31.5
36
1.0
45
4.7uF
0.0006
18.5
26
0.8
35
24uF
0.0009
32
36
1.0
45
5.0uF
0.0006
17
31
0.8
35
27uF
0.0009
34
36
1.0
45
Premium Metallized Polypropylene Film Capacitors – Axial – JFX
FEATURES
Ø
Quick transient design
Ø
High Precise Capacitance ±3%, ±5%
Ø
Very Low Dielectric absorption factor
Ø
Very Low Dissipation factor
Ø
Very Low ESR
Ø
Very Low Inductance
Ø
Excellent handling of high current audio pulses
SPECIFICATIONS
Passive flammability
GB10191-88 IEC384-16
Operating temperature
-55℃~+85℃
Capacitance range
0.047~100uF
Capacitance tolerance
±3%、±5% 1KHz
Rated voltage
250V、400V、630V.DC
Withstand voltage
1.5VR 5S
Dissipation factor
≤0.0020 1KHz
Insulate the electric resistance
0.33uF
≥15000MΩ
Leads Diameter
0.6、0.8、1.0、1.2 Tinned Pure Copper
www.jbcapacitors.com
www.jbcapacitors.hk
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283


Similar Part No. - JFX

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JFX JBCAPACITORS-JFX Datasheet
218Kb / 3P
   Quick transient design
logo
M-System Co.,Ltd.
JFX MSYSTEM-JFX Datasheet
108Kb / 4P
   Plug-in Signal Conditioners M-UNIT
JFX-60 MSYSTEM-JFX-60 Datasheet
108Kb / 4P
   Plug-in Signal Conditioners M-UNIT
JFX-60/Q MSYSTEM-JFX-60/Q Datasheet
108Kb / 4P
   Plug-in Signal Conditioners M-UNIT
JFX-60A MSYSTEM-JFX-60A Datasheet
108Kb / 4P
   Plug-in Signal Conditioners M-UNIT
More results

Similar Description - JFX

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JFX JBCAPACITORS-JFX_16 Datasheet
201Kb / 3P
   Premium Metallized Polypropylene Film Capacitors ??Axial
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com