Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RST-GS-P-51-SMA-Y Datasheet(PDF) 1 Page - Raltron Electronics Corporation

Part # RST-GS-P-51-SMA-Y
Description  GSM ANTENNA
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

RST-GS-P-51-SMA-Y Datasheet(HTML) 1 Page - Raltron Electronics Corporation

  RST-GS-P-51-SMA-Y Datasheet HTML 1Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GSM ANTENNA
RST-GS-P-51-SMA-Y
page 1 of 1
RALT RON ELECTRONICS  1 0 400 N.W. 33 rd St r e e t  Miami, Florida 33 172  U .S.A.
Tel: +1-305-593-6033  Fax: +1-305-594-3973  e-mail: sales@raltron.com  internet: http://www.raltron.com
Electrical Specifications
Parameters
Specification
Unit
Frequency Range
890 ~ 960
1710 ~ 2170
MHz
VSWR
1.5
-
Impedance
50
Gain, max
2.5
dBi
Polarization
Vertical
-
Power
50
W
Mechanical Specifications
Parameters
Specification
Unit
RF Connector
SMA
-
Radome Color
Black
-
Dimensions
Dimensions in mm
May, 2016


Similar Part No. - RST-GS-P-51-SMA-Y

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
RST-GS-P-51-SMA-H RALTRON-RST-GS-P-51-SMA-H Datasheet
127Kb / 2P
STUB ANTENNA
More results

Similar Description - RST-GS-P-51-SMA-Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA22A ETC2-PA22A Datasheet
1Mb / 21P
GSM Dielectric PIFA Antenna
logo
Abracon Corporation
APAMS-118 ABRACON-APAMS-118 Datasheet
3Mb / 2P
External GSM Antenna
12.03.14
APAMS-121 ABRACON-APAMS-121 Datasheet
2Mb / 2P
External GSM Antenna
06.02.15
APAMS-119 ABRACON-APAMS-119 Datasheet
2Mb / 2P
External GSM Antenna
12.03.14
APAMS-120 ABRACON-APAMS-120 Datasheet
2Mb / 2P
External GSM Antenna
06.02.15
logo
Raltron Electronics Cor...
RPA-GS-P-35-IPEX-100-Y RALTRON-RPA-GS-P-35-IPEX-100-Y Datasheet
149Kb / 2P
GSM ANTENNA
RPA-GS-P-47-UFL-100-A RALTRON-RPA-GS-P-47-UFL-100-A Datasheet
102Kb / 1P
GSM ANTENNA
RDM-MBF5-A-4614-O-X-001 RALTRON-RDM-MBF5-A-4614-O-X-001 Datasheet
530Kb / 5P
GPSGSM COMBINATION ANTENNA
Rev A
RDM-MBF5-A-5048-1M-X-001 RALTRON-RDM-MBF5-A-5048-1M-X-001 Datasheet
331Kb / 4P
GPSGSM COMBINATION ANTENNA
Rev. A
RDM-MG6-680348-1M-X-001 RALTRON-RDM-MG6-680348-1M-X-001 Datasheet
277Kb / 2P
GSM ANTENNA
Rev. A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com