Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

807-22-001-30-000101 Datasheet(PDF) 2 Page - Mill-Max Mfg. Corp.

Part # 807-22-001-30-000101
Description  Spring-Loaded Insulated Spring Pin Spring-Loaded Header
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MILL-MAX [Mill-Max Mfg. Corp.]
Direct Link  http://www.mill-max.com
Logo MILL-MAX - Mill-Max Mfg. Corp.

807-22-001-30-000101 Datasheet(HTML) 2 Page - Mill-Max Mfg. Corp.

  807-22-001-30-000101 Datasheet HTML 1Page - Mill-Max Mfg. Corp. 807-22-001-30-000101 Datasheet HTML 2Page - Mill-Max Mfg. Corp. 807-22-001-30-000101 Datasheet HTML 3Page - Mill-Max Mfg. Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
†RoHS-2 directive 2011/65/EU, exemption 6c allows up to 4% lead as an alloy agent in copper.
*International Annealed Copper Standard, i.e. as a % of pure copper.
 INSULATOR INFORMATION:
NYLON 46 (Stanyl TE250F6 {30% glass} or TE250F9 {45% glass}, black)
High Temperature
Properties of NYLON 46:
Brand: Stanyl
Grade: TE250-F6 or F9
Material Heat Deflection Temp. (per ASTM D 648): 554°F (290°C) @ 264 psi
Note: Materials above 446°F (230°C) are considered suitable for "eutectic" reflow soldering, above 500°F (260°C) for
"lead-free" reflow soldering.
Certificate of Compliance:
This is to Certify that the product described above is manufactured to Mill-Max quality standards in accordance with all
applicable specifications and drawing. Mill-Max certifies this product to be free from defects of materials and workmanship.
This Certificate of Compliance covers the following requirements:
Dimensional (all features verified to be within tolerances described on the applicable drawing).
Raw Material (materials and properties verified to be as described on the applicable drawing).
Plating (platings as required, thickness verified, and performance including solderability per mil-standard).
Performance (insertion extraction or other force requirements as described on the applicable drawing).
RoHS Compliance Statement for the restriction of lead, mercury, cadmium and hexavalent chromium PBB, 
PBDE, including Octa-BDE, Penta-BDE, Deca -BDE, in electronic equipment and use of PFOA 
and PFOS in metal plating processes.
Reference:
1. Directive 2002/95/EC of the European Parliament and of the Council of January 27 2003 on the restriction of the use of
certain hazardous substances in electrical and electronic equipment.
2. Directive 2003/11/EC which amends Council Directive 76/769/EC to include pentabromodiphenyl ether and
octabromodiphenyl ether.
3. Directive 2005/618/EC Commission decision of 18 August 2005 amending Directive 2002/95/EC. Establishes threshold
limits for Lead, Mercury, Cadmium, Hexavalent Chromium, PBB, and PBDE.
4. Judgment of the Court (Grand Chamber) 1 April 2008, Directive 2002/95/EC-Electrical and electronic equipment -
Decabromodiphenyl ether (Deca-BDE) Actions for annulment of exemption.
5. EU Directive 2006/122/EC of the European Parliament and of the Council of 12 December 2006, amending Council
Directive 76/769/EEC on the restriction of Perfluorooctanoic Acid (PFOA) and Perfluorooctane Sulfanates (PFOS) used
during metal plating processes.
In reference to the directives described above, MILL-MAX Mfg.Corp. declares that lead, mercury, cadmium, hexavalent
chromium, polybrominated biphenyls, polybrominated diphenyl ethers, including pentabromodiphenyl ether,
octabromodiphenyl ether, decabromodiphenyl ether, Perfluorooctanoic Acid, and Perfluorooctane Sulfanates are not
intentionally added to the raw material or processes used for our certified RoHS compliant products except where described
and allowed under item 6 of the annex; Applications where lead mercury, cadmium, and hexavalent chromium, which are
exempted from the requirements of Article 4 (1) of reference 1. No warranty, liability of indemnification is expressed or
implied with this information.
Compliance Statement for Registration, Evaluation, Authorization and Restriction of Chemicals (REACH) 
Reference:
1. Regulation EC No 1907/2006 of the European Parliament and of the Council of 18 December 2006, concerning the
Registration, Evaluation, Authorization and Restriction of Chemicals (REACH)
2. ECHA, Candidate list of Substances of Very High Concern (SVHC) http://echa.europa.eu/reach_en.asp
Mill-Max is aware of the regulation and the SVHC list the EU published (referenced above). Mill-Max does not produce or
sell any of the listed substances in their homogeneous form. These substances are not intentionally added during the
manufacturing of any Mill-Max products. To our knowledge, our products do not contain the substances described on the
ECHA SVHC list. Testing is not performed for materials and substances that were not intentionally added. No warranty,
liability of indemnification is expressed or implied with this information. Mill-Max maintains surveillance of the ECHA website
to obtain the latest information and periodically reviews the SVHC list for changes and additions.
Mill-Max Mfg. Corp. Datasheet — Last Modified 1/13/2018
Page 2 of 3


Similar Part No. - 807-22-001-30-000101

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
807-006-401-101 EDAC-807-006-401-101 Datasheet
112Kb / 2P
   807 Series High Temp Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
807-006-401-101 EDAC-807-006-401-101 Datasheet
263Kb / 3P
   807 Series High Temp Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
807-006-401-102 EDAC-807-006-401-102 Datasheet
112Kb / 2P
   807 Series High Temp Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
807-006-401-102 EDAC-807-006-401-102 Datasheet
263Kb / 3P
   807 Series High Temp Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
807-006-401-103 EDAC-807-006-401-103 Datasheet
263Kb / 3P
   807 Series High Temp Card Edge Connector | Green | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
More results

Similar Description - 807-22-001-30-000101

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
0900-0-00-00-00-00-11-0 MILL-MAX-0900-0-00-00-00-00-11-0 Datasheet
318Kb / 1P
   SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
0905 MILL-MAX-0905 Datasheet
145Kb / 1P
   SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
0906-0-15-20-76-14-11-0 MILL-MAX-0906-0-15-20-76-14-11-0 Datasheet
400Kb / 1P
   SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
0950-0-15-20-71-14-11-0 MILL-MAX-0950-0-15-20-71-14-11-0 Datasheet
219Kb / 1P
   SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
0850-0-15-20-83-14-11-0 MILL-MAX-0850-0-15-20-83-14-11-0 Datasheet
205Kb / 1P
   SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
0910-0-57-20-76-14-11-0 MILL-MAX-0910-0-57-20-76-14-11-0 Datasheet
308Kb / 1P
   SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
logo
Glenair, Inc.
667-282 GLENAIR-667-282 Datasheet
200Kb / 1P
   Spring-Loaded Cover
logo
Mill-Max Mfg. Corp.
829 MILL-MAX-829 Datasheet
140Kb / 1P
   SPRING-LOADED CONNECTORS
logo
Winchester Electronics ...
10276 WINCHESTER-10276 Datasheet
60Kb / 1P
   SPRING LOADED CONTACT
logo
Precid-Dip Durtal SA
90621-AS PREDIP-90621-AS Datasheet
56Kb / 1P
   Spring Loaded Contact
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com